Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SR270K10D Datasheet(PDF) 17 Page - WALSIN TECHNOLOGY CORPORATION

Part No. SR270K10D
Description  High performance transient voltage suppression
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Homepage  http://www.passivecomponent.com/
Logo 

SR270K10D Datasheet(HTML) 17 Page - WALSIN TECHNOLOGY CORPORATION

Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
17
Characteristics
Test Method and Specification
Terminal Pull Strength
JIS-C-0051
The two terminals shall be no outstanding damage visually after
gradually applying the force listed below
Terminal Bendin
Strength
JIS-C-0051
Hold the specimen and keep its lead-out axis vertical Suspend 1
Kg weight on the terminal. Bend the specimen through 90° then
return to the original position. Repeat the procedure in the
opposite direction. Test and examine every terminal.
Vibration
JIS-C-0040
Varistors subjected to simple harmonic motion of 0.75mm
amplitude between limits of 10-55 HZ. Frequency scan shall be
traversed in 1 min. This motion shall then be applied for period of
2 Hrs in each of three mutually perpendicular directions.
Thereafter, varistors shall be no outstanding damage visually.
Solderability
JIS-C-5102
The two terminals shall be covered uniformly with solder
approximately 95% after dipping the terminals to a depth of
approximately 3 mm from the body in a soldering bath of
260±5°C for 2±0.5 sec.
Resistance to Soldering
Heat
JIS-C-5102
Varistors shall be no outstanding damage and the variation
varistor voltage should be less than ±5%(
VB/VB=±5%) after
each lead shall be dipped into a solder bath having a temperature
300±5°C to a point 2.0 to 2.5 mm from the body of the unit, using
the shielding board (thickness 1.5 mm), be held there for a
specified time(5D series 5+1sec.the other
series 10+1sec), and then be stored at room ambient for 1 to 2
Hrs.
Terminal
Diameter
Force
0.6mm
9.8 N (1.0kgf)
0.8mm
9.8 N (1.0kgf)
1.0mm
19.6 N (2.0kgf)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn