Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SR270K10D Datasheet(PDF) 4 Page - WALSIN TECHNOLOGY CORPORATION

Part No. SR270K10D
Description  High performance transient voltage suppression
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

SR270K10D Datasheet(HTML) 4 Page - WALSIN TECHNOLOGY CORPORATION

  SR270K10D Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION SR270K10D Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION SR270K10D Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION SR270K10D Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION SR270K10D Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION SR270K10D Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION SR270K10D Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION SR270K10D Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION SR270K10D Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
Varistors-5D Series
Typical
Type
Capacitance
Number
ACrms
DC
1 time 2 times
Vc
Ip
2ms
10/1000
μs
@1kHz
Volts Volts Min Max
Volts Amps
PF
SR180K05D
11
14
16
20
100
50
36
1
0.4
0.6
1500
△ ☆
SR220K05D
14
18
20
24
100
50
43
1
0.6
0.8
1260
△ ☆
SR270K05D
17
22
24
30
100
50
53
1
0.7
0.9
1050
△ ☆
SR330K05D
20
26
30
36
100
50
65
1
0.9
1.2
850
△ ☆
SR390K05D
25
31
35
43
100
50
77
1
1.1
1.3
600
△ ☆
SR470K05D
30
38
42
52
100
50
93
1
1.4
1.6
500
△ ☆
SR560K05D
35
45
50
62
100
50
110
1
1.5
1.9
400
△ ☆
SR680K05D
40
56
61
75
100
50
135
1
1.8
2.3
360
△ ☆
SR820K05D
50
66
74
90
400
200
135
5
2.4
3
350
△ ☆
SR101K05D
60
85
90
110
400
200
165
5
2.4
3.5
320
△ ☆
SR121K05D
75
102
108 132
400
200
200
5
3
5
250
△ ☆
SR151K05D
95
127
135 165
400
200
250
5
3.5
5.5
180
△ ☆
SR181K05D
120
160
170 207
400
200
320
5
4.2
8
155
△ ☆
SR201K05D
130
175
185 225
400
200
340
5
5
8.5
140
△ ☆
SR221K05D
140
180
198 242
400
200
360
5
6
9
125
△ ☆
SR241K05D
150
200
216 264
400
200
395
5
6.5
10
115
△ ☆
SR271K05D
180
230
255 311
400
200
475
5
7.5
11
105
△ ☆
SR301K05D
195
250
270 330
400
200
525
5
8
11.5
95
△ ☆
SR331K05D
210
275
297 363
400
200
540
5
8.5
11.7
85
△ ☆
SR361K05D
230
300
324 396
400
200
595
5
9
13
80
△ ☆
SR391K05D
250
330
351 429
400
200
650
5
10
15
75
△ ☆
SR431K05D
275
370
387 473
400
200
710
5
11
16
65
△ ☆
SR471K05D
300
385
423 517
400
200
775
5
13
19
55
△ ☆
SR511K05D
320
420
459 561
400
200
865
5
15
21
39
△ ☆
SR561K05D
360
470
522 638
400
200
960
5
17
25
36
△ ☆
SR621K05D
390
505
558 682
400
200
1040
5
19
27
33
△ ☆
SR681K05D
420
560
612 748
400
200
1120
5
21
30
30
△ ☆
Safety
Max.
Clamping
Maximum
Varistor
*
Withstanding
Maximum
Approval
Allowable
Voltage
Surge
Voltage
Energy
Voltage
Current
(8/20
mS)
DC Volts
Amps
Joules
(8/20
mS)
Remark:
All parts approved as follows:
(1)
△ : UL 1449 recognized (File # E309297).
(2) ☆: cUL (CSA 22.2 #1 certified (File # E309297).
(3)CQC recognized for all part numbers (CQC04001010926)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn