Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0402N0R5B202CT Datasheet(PDF) 3 Page - WALSIN TECHNOLOGY CORPORATION

Part # 0402N0R5B202CT
Description  High voltage in a given case size
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

0402N0R5B202CT Datasheet(HTML) 3 Page - WALSIN TECHNOLOGY CORPORATION

  0402N0R5B202CT Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION 0402N0R5B202CT Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION 0402N0R5B202CT Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION 0402N0R5B202CT Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION 0402N0R5B202CT Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION 0402N0R5B202CT Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION 0402N0R5B202CT Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION 0402N0R5B202CT Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION 0402N0R5B202CT Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Multilayer Ceramic Capacitors
Approval Sheet
Page 3 of 13
ASC_Middle & High Voltage_003AE
Aug. 2018
5. EXTERNAL DIMENSIONS
6. GENERAL ELECTRICAL DATA
Dielectric
NP0
X7R
Y5V
Size
0402, 0603, 0805, 1206, 1210, 1808, 1812
0805, 1206, 1210, 1812
Capacitance*
0.1pF to 0.033µF
100pF to 1.0µF
0.01µF to 0.68µF
Capacitance tolerance***
Cap
≤5pF: C (±0.25pF)
5pF<Cap<10pF: D (±0.5pF)
Cap
≥10pF: F (±1%), G (±2%),
J (±5%),K (±10%)
K (±10%), M (±20%)
Z (-20/+80%)
Rated voltage (WVDC)
200V to 4000V
200V, 250V
Q/DF*
Cap<30pF: Q
≥400+20C
Cap
≥30pF: Q≥1000
DF
≤2.5%
DF
≤5%
Insulation resistance at Ur**
Ur=200~630V:
≥10G or RxC≥100 -F whichever is smaller
Ur=1000~3000V:
≥10G
Dielectric strength
200~300V:
≥2 x WVDC
400V~450V:
≥1.2 x WVDC
500~999V:
≥1.5 x WVDC
1000~3000V:
≥1.2 x WVDC
4000:
≥1.1 x WVDC
Operating temperature
-55 to +125°C
-25 to +85°C
Capacitance characteristic
±30ppm
±15%
+30/-80%
Termination
Ni/Sn (lead-free termination)
* Measured at the condition of 30~70% related humidity.
NP0: Apply 1.0±0.2Vrms, 1.0MHz±10% for Cap
≤1000pF and 1.0±0.2Vrms, 1.0kHz±10% for Cap>1000pF, 25°C at ambient temperature
X7R, X5R: Apply 1.0±0.2Vrms, 1.0kHz±10%, at 25°C am bient temperature.
Y5V: Apply 1.0±0.2Vrms, 1.0kHz±10%, at 20°C ambient temperature.
** Preconditioning for Class II MLCC: Perform a heat treatment at 150±10°C for 1 hour, then leave in a mbient condition for 24±2 hours
before measurement.
T
W
L
MB
MB
Fig. 1 The outline of MLCC
Size
Inch (mm)
L (mm)
W (mm)
T (mm)/Symbol
Remark
MB (mm)
0402 (1005)
1.00±0.05
0.50±0.05
0.50±0.05
N
#
0.25
+0.05/-0.10
0603(1608)
1.60±0.10
0.80±0.10
0.80±0.07
S
0.40±0.15
1.60
+0.15/-0.10
0.80
+0.15/-0.10
0.80
+0.15/-0.10
X
0805 (2012)
2.00±0.15
1.25±0.10
0.60±0.10
A
0.50±0.20
0.80±0.10
B
1.25±0.10
D
#
2.00±0.20
1.25±0.20
1.25±0.20
I
#
1206 (3216)
3.20±0.15
1.60±0.15
0.80±0.10
B
0.60±0.20
(0.5±0.25)*
0.95±0.10
C
#
1.25±0.10
D
#
3.20±0.20
1.60±0.20
1.60±0.20
G
#
1210 (3225)
3.20±0.30
2.50±0.20
0.95±0.10
C
#
0.75±0.25
1.25±0.10
D
#
3.20±0.40
2.50±0.30
1.60±0.20
G
#
2.00±0.20
K
#
2.50±0.30
M
#
3.20±0.60**
2.50±0.50**
2.50±0.50**
1808 (4520)
4.50+0.5/-0.3
2.03±0.25
1.25±0.10
D
#
0.50±0.25
2.00±0.20
K
#
1812 (4532)
4.50+0.5/-0.3
3.20±0.30
1.25±0.10
D
#
0.50±0.25
1.60±0.20
G
#
2.00±0.20
K
#
3.20±0.40
2.50±0.30
M
#
2.80±0.30
U
#
# Reflow soldering only is recommended.
* For 1206_1000V ~3000V products.
** For 1210(100V)/Cap>1
µF or 1210(250V)/Cap>0.47µF or 1210(400V~630V)/Cap>0.22µF


Similar Part No. - 0402N0R5B202CT

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
0402N0R5B250CT WALSIN-0402N0R5B250CT Datasheet
5Mb / 22P
   High capacitance in given case size
More results

Similar Description - 0402N0R5B202CT

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
OP31B102K201CT WALSIN-OP31B102K201CT Datasheet
2Mb / 10P
   High voltage in a given case size
MG31B104K500CT WALSIN-MG31B104K500CT Datasheet
4Mb / 22P
   High capacitance in given case size
1206B104K500CT WALSIN-1206B104K500CT Datasheet
5Mb / 22P
   High capacitance in given case size
logo
Level One
IEC-4001 LVL1-IEC-4001 Datasheet
515Kb / 3P
   Rugged aluminium case design in a mini size form factor
logo
Illinois Capacitor, Inc...
FSR ILLINOISCAPACITOR-FSR Datasheet
304Kb / 4P
   Reduced case size - High voltage ??Low Leakage ??low dissipation
logo
Cornell Dubilier Electr...
380LQ CDE-380LQ_15 Datasheet
626Kb / 10P
   High Capacitance per Case Size
logo
Mallory Sonalert Produc...
PA-22034-04-BLACK MSPI-PA-22034-04-BLACK Datasheet
338Kb / 1P
   Case Size T2
PA-22034-01-BLACK MSPI-PA-22034-01-BLACK Datasheet
338Kb / 1P
   Case Size T1
PA-22034-02-BLUE MSPI-PA-22034-02-BLUE Datasheet
337Kb / 1P
   Case Size T2
PA-22034-01-BLUE MSPI-PA-22034-01-BLUE Datasheet
336Kb / 1P
   Case Size T1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com