Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

XW2Z-100H-3 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # XW2Z-100H-3
Description  Screw Terminal Block Cables
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XW2Z-100H-3 Datasheet(HTML) 4 Page - Omron Electronics LLC

  XW2Z-100H-3 Datasheet HTML 1Page - Omron Electronics LLC XW2Z-100H-3 Datasheet HTML 2Page - Omron Electronics LLC XW2Z-100H-3 Datasheet HTML 3Page - Omron Electronics LLC XW2Z-100H-3 Datasheet HTML 4Page - Omron Electronics LLC XW2Z-100H-3 Datasheet HTML 5Page - Omron Electronics LLC XW2Z-100H-3 Datasheet HTML 6Page - Omron Electronics LLC XW2Z-100H-3 Datasheet HTML 7Page - Omron Electronics LLC XW2Z-100H-3 Datasheet HTML 8Page - Omron Electronics LLC XW2Z-100H-3 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
XW2Z
XW2Z
4
Unit: mm (inch)
3 XW2Z-PPPB FOR 32-POINT AND 64-POINT PLC I/O MODULES (CONNECTOR TYPE)
Cable length L
Part number
Cable length L
XW2Z-050B
0.5 m (1.64 ft)
XW2Z-100B
1 m (3.28 ft)
XW2Z-150B
1.5 m (4.92 ft)
XW2Z-200B
2 m (6.56 ft)
XW2Z-300B
3 m (9.84 ft)
XW2Z-500B
5 m (16.40 ft)
Wiring Diagram
FCN-367J040-AU/F
(mated side)
XG4M-4030
(mated side)
Triangle mark
Combinations of Omron PLC I/O Modules and Screw Terminal Blocks
PLC I/O module
I/O points
Terminal block
Dedicated cable
CQM1-ID213
CQM1-OD213
C200H-ID216
C200H-OD218
C200H-OD21B
32 points
XW2B-40G5
XW2B-40G4
XW2Z-
PPPB
C200H-ID111
C200H-ID217
C200H-OD219
C500-ID114
3G2A5-ID219
3G2A5-OD213
64 points
Note: 32-point I/O modules use one Terminal Block and one dedicated cable.
64-point I/O modules use two Terminal Blocks and two dedicated cables.


Similar Part No. - XW2Z-100H-3

ManufacturerPart #DatasheetDescription
Omron Electronics LLC
Omron Electronics LLC
XW2Z-100H-3 OMRON-XW2Z-100H-3 Datasheet
1Mb / 11P
   Connecting Cables for Connector-Terminal Block Conversion Units (Shielded)
More results

Similar Description - XW2Z-100H-3

ManufacturerPart #DatasheetDescription
Omron Electronics LLC
Omron Electronics LLC
C200HOD219 OMRON-C200HOD219 Datasheet
476Kb / 13P
   Screw Terminal Block Cables
Advantech Co., Ltd.
Advantech Co., Ltd.
PCLD-780 ADVANTECH-PCLD-780 Datasheet
566Kb / 1P
   Screw Terminal Board with Flat Cables
METZ CONNECT GmbH
METZ CONNECT GmbH
312491XX METZ-312491XX Datasheet
294Kb / 5P
   screw type terminal block, pluggable
311571XX METZ-311571XX Datasheet
366Kb / 6P
   screw type terminal block, pluggable
313491XX METZ-313491XX Datasheet
316Kb / 5P
   screw type terminal block, pluggable
310071XX METZ-310071XX Datasheet
336Kb / 5P
   screw type terminal block, pluggable
310611XX METZ-310611XX Datasheet
254Kb / 5P
   screw type terminal block, solderable
311011XX METZ-311011XX Datasheet
250Kb / 5P
   screw type terminal block, solderable
310151XX METZ-310151XX Datasheet
258Kb / 5P
   screw type terminal block, solderable
311071XX METZ-311071XX Datasheet
314Kb / 5P
   screw type terminal block, pluggable
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com