Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89474U Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # SY89474U
Description  Precision LVPECL 2:1 Multiplexer with 1:2 Fanout and Internal Termination
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89474U Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button SY89474U Datasheet HTML 3Page - Micrel Semiconductor SY89474U Datasheet HTML 4Page - Micrel Semiconductor SY89474U Datasheet HTML 5Page - Micrel Semiconductor SY89474U Datasheet HTML 6Page - Micrel Semiconductor SY89474U Datasheet HTML 7Page - Micrel Semiconductor SY89474U Datasheet HTML 8Page - Micrel Semiconductor SY89474U Datasheet HTML 9Page - Micrel Semiconductor SY89474U Datasheet HTML 10Page - Micrel Semiconductor SY89474U Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Micrel, Inc.
SY89473U
May 2005
7
M9999-052405
hbwhelp@micrel.com or (408) 955-1690
Typical Operating Characteristics
VCC = 3.3V; VIN > 400mV; TA = 25°C, RL = 50Ω to VCC-2V, unless otherwise stated.
Functional Characteristics
VCC = 3.3V; VIN > 400mV; TA = 25°C, RL = 50Ω to VCC-2V, unless otherwise stated.


Similar Part No. - SY89474U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89474U MICREL-SY89474U Datasheet
424Kb / 11P
   Precision LVDS 2:1 Multiplexer with 1:2
SY89474U MICREL-SY89474U Datasheet
424Kb / 11P
   Precision LVDS 2:1 Multiplexer with 1 2 Fanout and Internal Termination
SY89474UMG MICREL-SY89474UMG Datasheet
424Kb / 11P
   Precision LVDS 2:1 Multiplexer with 1 2 Fanout and Internal Termination
SY89474UMGTR MICREL-SY89474UMGTR Datasheet
424Kb / 11P
   Precision LVDS 2:1 Multiplexer with 1:2
SY89474U MICREL-SY89474U_10 Datasheet
424Kb / 11P
   Precision LVDS 2:1 Multiplexer with 1:2
More results

Similar Description - SY89474U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89473U MICREL-SY89473U_07 Datasheet
572Kb / 11P
   Precision LVPECL 2:1 Multiplexer with 1:2 Fanout and Internal Termination
SY89474UMG MICREL-SY89474UMG Datasheet
424Kb / 11P
   Precision LVDS 2:1 Multiplexer with 1 2 Fanout and Internal Termination
logo
Renesas Technology Corp
889474 RENESAS-889474 Datasheet
407Kb / 17P
   2:1 LVDS Multiplexer With 1:2 Fanout and Internal Termination
11/11/15
logo
Integrated Device Techn...
889474 IDT-889474 Datasheet
216Kb / 16P
   2:1 LVDS Multiplexer With 1:2 Fanout and Internal Termination
logo
Micrel Semiconductor
SY89843U MICREL-SY89843U Datasheet
745Kb / 17P
   Precision LVPECL Runt Pulse Eliminator 2:1 MUX with 1:2 Fanout and Internal Termination
SY58038U MICREL-SY58038U_15 Datasheet
1Mb / 14P
   Ultra-Precision, 8:1 MUX with Internal Termination and 1:2 LVPECL Fanout Buffer
SY58029U MICREL-SY58029U_07 Datasheet
201Kb / 11P
   ULTRA PRECISION DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT and INTERNAL TERMINATION
SY58038U MICREL-SY58038U_07 Datasheet
237Kb / 12P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 LVPECL FANOUT BUFFER
SY58038U MICREL-SY58038U Datasheet
299Kb / 12P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 LVPECL FANOUT BUFFER
SY58029U MICREL-SY58029U Datasheet
200Kb / 11P
   ULTRA PRECISION DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT and INTERNAL TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com