Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OM1840SZM Datasheet(PDF) 3 Page - International Rectifier

Part # OM1840SZM
Description  5 AMP LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR APPROVED TO DESC DRAWING 5962-89521
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

OM1840SZM Datasheet(HTML) 3 Page - International Rectifier

  OM1840SZM Datasheet HTML 1Page - International Rectifier OM1840SZM Datasheet HTML 2Page - International Rectifier OM1840SZM Datasheet HTML 3Page - International Rectifier OM1840SZM Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3.3 - 77
3.3
OM1840NKM OM1840SCM OM1840NCM
TYPICAL PERFORMANCE CHARACTERISTICS
LOAD REGULATION
TEMPERATURE (°C)
150
-25
25
50
75
125
-0.20
-0.15
-0.10
0
0.05
0.10
-0.05
0
100
-50
∆I= 5A
ADJUSTMENT PIN CURRENT
TEMERATURE (°C)
0
20
40
60
90
100
80
70
50
30
10
150
-50
-25
50
75
125
25
100
0
TEMPERATURE STABILITY
1.230
-50
TEMPERATURE (°C)
150
1.270
1.240
1.250
1.260
-25
0
25
50
75
100
125
SHORT CIRCUIT CURRENT
0
0
INPUT/OUTPUT DIFFERENTIAL (V)
5
101520253035
1
2
3
4
5
6
7
8
9
10
150°C
25°C
-55°C
FULL LOAD
DROPOUT VOLTAGE
Tj = -55°C
Tj = 25°C
Tj = 150°C
-55°C
j 150°C
0°C
j 125°C
• INDICATES GUARANTEED TEST POINT
2
1
0
012
3
4
56
OUTPUT CURRENT (A)
T
T
MINIMUM OPERATING CURRENT
INPUT/OUTPUT DIFFERENTIAL (V)
Tj = 25°C
Tj = 150°C
Tj = -55°C
30
0
5
10
15
20
25
7
10
9
8
6
5
4
3
2
1
0
35
I
-55°C
≤ T
j
≤ 150°C
0°C
≤ T
j
≤ 125°C


Similar Part No. - OM1840SZM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
OM184-12 IRF-OM184-12 Datasheet
18Kb / 2P
   SURFACE MOUNT LOW DROPOUT POSITIVE FIXED VOLTAGE REGULATORS
OM184-12NM IRF-OM184-12NM Datasheet
18Kb / 2P
   SURFACE MOUNT LOW DROPOUT POSITIVE FIXED VOLTAGE REGULATORS
OM184-15 IRF-OM184-15 Datasheet
18Kb / 2P
   SURFACE MOUNT LOW DROPOUT POSITIVE FIXED VOLTAGE REGULATORS
OM184-15NM IRF-OM184-15NM Datasheet
18Kb / 2P
   SURFACE MOUNT LOW DROPOUT POSITIVE FIXED VOLTAGE REGULATORS
logo
List of Unclassifed Man...
OM184-5 ETC-OM184-5 Datasheet
407Kb / 4P
   7.5A, 5A, 3A, 1.5A LOW DROPOUT FIXED VOLTAGE POSITIVE REGULATORS
More results

Similar Description - OM1840SZM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5962-8998101XA ETC2-5962-8998101XA Datasheet
446Kb / 4P
   1.5 AMP LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR APPROVED TO DESC DRAWING 5962-89981
OM1830SCM ETC2-OM1830SCM Datasheet
39Kb / 4P
   7.5 AMP LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR APPROVED TO DESC DRAWING 5962-89520
OM1850 ETC-OM1850 Datasheet
440Kb / 4P
   3 AMP LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR APPROVED TO DESC DRAWING 5962-88646
logo
International Rectifier
OM1860STM IRF-OM1860STM Datasheet
447Kb / 4P
   1.5 AMP LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR APPROVED TO DESC DRAWING 5962-89981
logo
List of Unclassifed Man...
OM3910STM ETC1-OM3910STM Datasheet
39Kb / 4P
   3.0 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 5962-87675
OM3914 ETC-OM3914 Datasheet
433Kb / 4P
   3 AMP NEGATIVE ADJUSTABLE REGULATOR APPROVED TO DESC DRAWING 5962-87741
OM1320STM ETC-OM1320STM Datasheet
49Kb / 4P
   1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING
logo
International Rectifier
OM1321SMM IRF-OM1321SMM Datasheet
41Kb / 4P
   1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING
logo
List of Unclassifed Man...
OM1326SMM ETC2-OM1326SMM Datasheet
43Kb / 4P
   1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703407
logo
International Rectifier
OM1320SMM IRF-OM1320SMM Datasheet
42Kb / 4P
   1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703401
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com