Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P89LV51RB2 Datasheet(PDF) 68 Page - NXP Semiconductors

Part # P89LV51RB2
Description  8-bit 80C51 3 V low power 16/32/64 kB Flash microcontroller with 1 kB RAM
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LV51RB2 Datasheet(HTML) 68 Page - NXP Semiconductors

Back Button P89LV51RB2 Datasheet HTML 64Page - NXP Semiconductors P89LV51RB2 Datasheet HTML 65Page - NXP Semiconductors P89LV51RB2 Datasheet HTML 66Page - NXP Semiconductors P89LV51RB2 Datasheet HTML 67Page - NXP Semiconductors P89LV51RB2 Datasheet HTML 68Page - NXP Semiconductors P89LV51RB2 Datasheet HTML 69Page - NXP Semiconductors P89LV51RB2 Datasheet HTML 70Page - NXP Semiconductors P89LV51RB2 Datasheet HTML 71Page - NXP Semiconductors P89LV51RB2 Datasheet HTML 72Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 77 page
background image
Philips Semiconductors
P89LV51RB2/RC2/RD2
8-bit microcontrollers with 80C51 core
Product data
Rev. 04 — 02 December 2004
68 of 77
9397 750 14342
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Fig 31. External data memory read cycle.
002aaa549
PORT 2
PORT 0
WR
PSEN
ALE
tLHLL
P2[7:0] or A8-A15 FROM DPH
A0-A7 FROM RI or DPL
DATA OUT
INSTR IN
tAVLL
tAVWL
tLLWL
tLLAX
tWLWH
tQVWH
tWHQX
tWHLH
A8-A15 FROM PCH
A0-A7 FROM PCL
Fig 32. External data memory write cycle.
002aaa550
PORT 2
PORT 0
WR
PSEN
ALE
tLHLL
P2[7:0] or A8-A15 FROM DPH
A0-A7 FROM RI or DPL
DATA OUT
INSTR IN
tAVLL
tAVWL
tLLWL
tLLAX
tWLWH
tQVWH
tWHQX
tWHLH
A8-A15 FROM PCH
A0-A7 FROM PCL
Table 71:
External clock drive
Symbol
Parameter
Oscillator
Unit
12 MHz
Variable
Min
Max
Min
Max
1/TCLCL
oscillator frequency
-
-
0
33
MHz
tCLCL
83
-
--ns
tCHCX
high time
-
-
0.35TCLCL
0.65TCLCL
ns


Similar Part No. - P89LV51RB2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89LV51RB2 NXP-P89LV51RB2 Datasheet
332Kb / 76P
   8-bit 80C51 3 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
Rev. 05-15 December 2009
P89LV51RB2BA NXP-P89LV51RB2BA Datasheet
332Kb / 76P
   8-bit 80C51 3 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
Rev. 05-15 December 2009
More results

Similar Description - P89LV51RB2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89LV51RB2 NXP-P89LV51RB2 Datasheet
332Kb / 76P
   8-bit 80C51 3 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
Rev. 05-15 December 2009
P89V51RB2 NXP-P89V51RB2_09 Datasheet
1Mb / 80P
   8-bit 80C51 5 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
Rev. 05-12 November 2009
P89V51RB2 PHILIPS-P89V51RB2 Datasheet
350Kb / 77P
   8-bit 80C51 5 V low power 16/32/64 kB Flash microcontroller with 1 kB RAM
Rev. 03-02 December 2004
P89V51RB2 NXP-P89V51RB2 Datasheet
1Mb / 80P
   8-bit 80C51 5 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
Rev. 05 - 12 November 2009
P89LV51RD2 PHILIPS-P89LV51RD2 Datasheet
349Kb / 77P
   8-bit 80C51 3 V low power 64 kB Flash microcontroller with 1 kB RAM
Rev. 03-11 October 2004
P89V51RD2 PHILIPS-P89V51RD2 Datasheet
350Kb / 75P
   8-bit 80C51 5 V low power 64 kB Flash microcontroller with 1 kB RAM
Rev. 01-01 March 2004
P89V664FA512 NXP-P89V664FA512 Datasheet
720Kb / 90P
   8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Rev. 3.1-17 October 2011
P89V660 NXP-P89V660 Datasheet
392Kb / 89P
   8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Rev. 01 - 2 May 2007
P89V660_0811 NXP-P89V660_0811 Datasheet
393Kb / 89P
   8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Rev. 03-10 November 2008
P89V660 NXP-P89V660_08 Datasheet
393Kb / 89P
   8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Rev. 02-29 January 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com