Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJW4100V Datasheet(PDF) 7 Page - New Japan Radio

Part # NJW4100V
Description  Lithium-ion Battery Charger Controller IC with Timer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW4100V Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJW4100V Datasheet HTML 3Page - New Japan Radio NJW4100V Datasheet HTML 4Page - New Japan Radio NJW4100V Datasheet HTML 5Page - New Japan Radio NJW4100V Datasheet HTML 6Page - New Japan Radio NJW4100V Datasheet HTML 7Page - New Japan Radio NJW4100V Datasheet HTML 8Page - New Japan Radio NJW4100V Datasheet HTML 9Page - New Japan Radio NJW4100V Datasheet HTML 10Page - New Japan Radio NJW4100V Datasheet HTML 11Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
NJW4100
-7-
Ver.2005-01-20
■TYPICAL CHARACTERISTICS
0
0.1
0.2
0.3
0.4
0.5
010
20
30
40
50
CNT Pin Saturation Voltage vs. Sink Current
(V+=5V, Ta=25oC)
Sink Current I
SINK
(mA)
0
0.1
0.2
0.3
0.4
0.5
0
5
10
15
20
LED Pin Saturation Voltage vs. Sink Current
(V+=5V, Ta=25oC)
Sink Current I
SINK
(mA)
LED-R
LED-G
1
10
100
0.001
0.01
0.1
Oscillation Cycle vs. Capacitance
(V+=5V, Ta=25oC)
Capacitance C1, C2 (
µF)
6
7
8
9
10
11
12
13
14
-50
-25
0
25
50
75
100 125
Ambient Temperature Ta (
oC)
Oscillation Cycle vs. Temperature
(V+=5V, C1=C2=0.01
µF)


Similar Part No. - NJW4100V

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4104 NJRC-NJW4104 Datasheet
786Kb / 21P
   45V Io=200mA Ultra low Quiescent current LDO
Ver.1.0
NJW4104-A NJRC-NJW4104-A Datasheet
786Kb / 21P
   45V Io=200mA Ultra low Quiescent current LDO
Ver.1.0
NJW4104DL1-05B NJRC-NJW4104DL1-05B Datasheet
786Kb / 21P
   45V Io=200mA Ultra low Quiescent current LDO
Ver.1.0
NJW4104DL1-33B NJRC-NJW4104DL1-33B Datasheet
786Kb / 21P
   45V Io=200mA Ultra low Quiescent current LDO
Ver.1.0
NJW4104U2-05A NJRC-NJW4104U2-05A Datasheet
786Kb / 21P
   45V Io=200mA Ultra low Quiescent current LDO
Ver.1.0
More results

Similar Description - NJW4100V

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3620 NSC-LM3620 Datasheet
139Kb / 6P
   Lithium-Ion Battery Charger Controller
logo
Texas Instruments
LM3622 TI1-LM3622 Datasheet
892Kb / 15P
[Old version datasheet]   Lithium-Ion Battery Charger Controller
logo
National Semiconductor ...
LM3622 NSC-LM3622 Datasheet
171Kb / 9P
   Lithium-Ion Battery Charger Controller
logo
Semtech Corporation
SC802 SEMTECH-SC802 Datasheet
748Kb / 16P
   Fully Integrated Lithium-Ion Battery Charger System with Timer
SC802 SEMTECH-SC802_08 Datasheet
639Kb / 18P
   Fully Integrated Lithium-Ion Battery Charger System with Timer
logo
Renesas Technology Corp
R2A20050ANS RENESAS-R2A20050ANS_15 Datasheet
301Kb / 14P
   Lithium-ion battery charger control IC
logo
Mitsubishi Electric Sem...
M62253FP MITSUBISHI-M62253FP Datasheet
62Kb / 5P
   LITHIUM ION BATTERY CHARGER CONTROL IC
logo
Renesas Technology Corp
M62242FP RENESAS-M62242FP Datasheet
126Kb / 9P
   Lithium-Ion Battery Charger Control IC
logo
Semtech Corporation
SC804 SEMTECH-SC804 Datasheet
536Kb / 21P
   Fully Integrated Lithium-Ion Battery Charger System with Timer
logo
Linear Technology
LTC1732-8.4 LINER-LTC1732-8.4 Datasheet
148Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com