Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2741ETI Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX2741ETI
Description  Integrated L1-Band GPS Receiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2741ETI Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX2741ETI Datasheet HTML 4Page - Maxim Integrated Products MAX2741ETI Datasheet HTML 5Page - Maxim Integrated Products MAX2741ETI Datasheet HTML 6Page - Maxim Integrated Products MAX2741ETI Datasheet HTML 7Page - Maxim Integrated Products MAX2741ETI Datasheet HTML 8Page - Maxim Integrated Products MAX2741ETI Datasheet HTML 9Page - Maxim Integrated Products MAX2741ETI Datasheet HTML 10Page - Maxim Integrated Products MAX2741ETI Datasheet HTML 11Page - Maxim Integrated Products MAX2741ETI Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Integrated L1-Band GPS Receiver
_______________________________________________________________________________________
9
Applications Information
Fundamentally, the only application areas that require
careful consideration are the LNA input match and the
1st IF filter. Of course, proper supply bypassing,
grounding, and layout is required for reliable perfor-
mance from any RF circuit.
LNA Input Matching
Input matching is critical for optimum noise figure and
system sensitivity. Optimum source impedance (as seen
from the LNA input) for lowest noise figure is 29
Ω + j47Ω.
Remember that optimum noise match and optimum gain
match (return loss) do not occur simultaneously, so a
good application circuit will sacrifice gain slightly in favor
of reduced noise figure. Gain and noise circles are pro-
vided in Figure 3; S11 tabular data is provided in Table 8.
1st IF Interface and Filtering
The typical application uses a 37.38MHz 1st IF, and
employs an IF filter. The order of the filter should be tai-
lored to suit the application—stand-alone GPS
receivers will not require the channel-selection and
stopband attenuation of GPS receivers that are inte-
grated into other wireless handsets. Be sure that the fil-
ter topology provides DC-blocking for the IF I/O ports.
Table 7. Detailed Register Definition for Read Address 0111: STATUS
DATA BIT
DEFAULT
DESCRIPTION
D15–D10
XXXXXX
Reserved
D9
X
Out-of-Lock (High Frequency): 1 = PLL is out of lock, VCO free-running at its highest frequency,
0 = Locked.
D8
X
Out-of-Lock (Low Frequency): 1 = PLL is out of lock, VCO free-running at its lowest frequency,
0 = Locked high.
D7
1
XTAL Clock Selected: 1 = Synthesized 16.8MHz reference, 0 = External clock.
D6
X
Parity: 1 = Even, 0 = Odd.
D5
X
Reserved
D4
X
LPF Autotune End: 0 = Autotune run ended; 1 = Calibrating or manual tuning.
D3–D0
XXXX
LPF Autotune: 0000 ~ 7.7MHz; 1111 = 2.9MHz.
Table 8. MAX2741 S11
G = Gmax - 1dB
NF = NFmin + 0.2dB
Figure 3. Gain and Noise Circles for MAX2741 LNA Input
FREQ (MHz)
S11 (MAG)
S11 (°)
1100
0.874
-50.9
1200
0.867
-56.1
1300
0.859
-61.5
1400
0.842
-66.9
1500
0.821
-72.3
1550
0.809
-74.9
1560
0.806
-75.4
1570
0.804
-75.9
1575
0.803
-76.2
1580
0.801
-76.4
1590
0.799
-77.0
1600
0.796
-77.5
1650
0.783
-80.0
1700
0.768
-82.5
1800
0.739
-87.4
1900
0.708
-92.3
2000
0.677
-96.8


Similar Part No. - MAX2741ETI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2741ETI MAXIM-MAX2741ETI Datasheet
582Kb / 13P
   Integrated L1-Band GPS Receiver
2014
More results

Similar Description - MAX2741ETI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2741 MAXIM-MAX2741_V01 Datasheet
582Kb / 13P
   Integrated L1-Band GPS Receiver
2014
logo
World Produts Inc.
WPANT10075 WPI-WPANT10075 Datasheet
97Kb / 2P
   GPS L1 band Antenna
WPANT10086 WPI-WPANT10086 Datasheet
93Kb / 2P
   GPS L1 band SMT Antenna
WPANTDP009-R3A WPI-WPANTDP009-R3A Datasheet
233Kb / 2P
   GPS L1 Band Active Module
WPANTDP091-R1A WPI-WPANTDP091-R1A Datasheet
380Kb / 3P
   GPS L1 Band Active Module
WPANT10087 WPI-WPANT10087 Datasheet
124Kb / 2P
   GPS L1 band SMT Antenna
WPANT65010-R1A WPI-WPANT65010-R1A Datasheet
116Kb / 2P
   GPS L1 Band Active Patch Module
WPANT65012-R1A WPI-WPANT65012-R1A Datasheet
102Kb / 2P
   GPS L1 Band Active Patch Module
WPANT65025-R3A WPI-WPANT65025-R3A Datasheet
95Kb / 2P
   GPS L1 Band Active Patch Module
WPANT65015-R1A WPI-WPANT65015-R1A Datasheet
81Kb / 2P
   GPS L1 Band Active Patch Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com