Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2741 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX2741
Description  Integrated L1-Band GPS Receiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2741 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX2741 Datasheet HTML 4Page - Maxim Integrated Products MAX2741 Datasheet HTML 5Page - Maxim Integrated Products MAX2741 Datasheet HTML 6Page - Maxim Integrated Products MAX2741 Datasheet HTML 7Page - Maxim Integrated Products MAX2741 Datasheet HTML 8Page - Maxim Integrated Products MAX2741 Datasheet HTML 9Page - Maxim Integrated Products MAX2741 Datasheet HTML 10Page - Maxim Integrated Products MAX2741 Datasheet HTML 11Page - Maxim Integrated Products MAX2741 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Integrated L1-Band GPS Receiver
8
_______________________________________________________________________________________
Detailed Register Definitions
Table 4. Detailed Register Definition for Write Address 0100: SYNTH
DATA BIT
DEFAULT
DESCRIPTION
D15
1
Reserved
D14
1
LPF Autotune Initiate: I = Initiate autotune, 0 = Manual tuning.
D13–D10
0100
LPF Tuning Word: 0000 ~ 7.7MHz, 1111 ~ 2.9MHz.
D9
1
XTAL Clock Select: 1 = External reference, 0 = Synthesized 16.8MHz.
D8
0
Standby: 0 = Normal operating mode, 1 = Standby (oscillator remains active), but only if D9 = 1.
D7–D0
01100000
Reference Division Ratio. Default 19.2MHz external reference (R = 96dec). R = fREF / 200kHz.
Table 5. Detailed Register Definition for Write Address 0101: CONFIG 1
DATA BIT
DEFAULT
DESCRIPTION
D15
1
ADC Mode. Select 1 for 1-bit magnitude and sign, select 0 for 2-bit magnitude and sign.
1: GPSIF2 = sign, GPSIF1 = magnitude, GPSIF0 = X
0: GPSIF2 = MSB magnitude, GPSIF1 = LSB magnitude, GPSIF0 = sign
D14–D11
0000
ADC Offset Control (approx 4mV/step): D14 = LSB, D12 = MSB, D11 = sign.
D10
0
Double Charge-Pump Current: 0 = 100µA, 1 = 200µA.
D9 to D8
00
Digital Test Bus Mode Select. See Table 9 for test-mode descriptions.
D7 to D5
001
VCO Coarse Tuning Range. 000 = Lowest frequency, 111 = Highest frequency.
D4–D0
11111
AGC Gain. Digital control of the AGC amplifier in the 2nd IF section. 00000 => min gain, 11111 =>
max gain (linear gain ~2.5dB per unit SPI word).
Table 6. Detailed Register Definition for Write Address 0110: CONFIG 2
DATA BIT
DEFAULT
DESCRIPTION
D15
1
Reset CMOS: 0 = Hold CMOS dividers in reset and PFD is tri-stated, 1 = Inactive.
D14
1
Drive VCO Low: 0 = Active, forces VCO to lowest frequency.
N.B. do not activate both D14 and D13 at the same time.
D13
1
Drive VCO High: <forces LCP low FET on, driving VTUNE low, forcing VCO to highest extreme> 0 =
Active, forces VCO to highest frequency. N.B. do not activate both D14 and D13 at the same time.
D12–D7
100000
Reserved
D6 to D5
11
Must be programmed to 11
D4–D0
11111
Analog Test Mode Select: Reserved


Similar Part No. - MAX2741

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2741 MAXIM-MAX2741 Datasheet
789Kb / 7P
   Evaluation Kit
Rev 0; 9/05
MAX2741ETI MAXIM-MAX2741ETI Datasheet
582Kb / 13P
   Integrated L1-Band GPS Receiver
2014
MAX2741EVKIT MAXIM-MAX2741EVKIT Datasheet
789Kb / 7P
   Evaluation Kit
Rev 0; 9/05
MAX2741 MAXIM-MAX2741_1 Datasheet
789Kb / 7P
   Evaluation Kit
Rev 0; 9/05
MAX2741 MAXIM-MAX2741_V01 Datasheet
582Kb / 13P
   Integrated L1-Band GPS Receiver
2014
More results

Similar Description - MAX2741

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2741 MAXIM-MAX2741_V01 Datasheet
582Kb / 13P
   Integrated L1-Band GPS Receiver
2014
logo
World Produts Inc.
WPANT10075 WPI-WPANT10075 Datasheet
97Kb / 2P
   GPS L1 band Antenna
WPANT10086 WPI-WPANT10086 Datasheet
93Kb / 2P
   GPS L1 band SMT Antenna
WPANTDP009-R3A WPI-WPANTDP009-R3A Datasheet
233Kb / 2P
   GPS L1 Band Active Module
WPANTDP091-R1A WPI-WPANTDP091-R1A Datasheet
380Kb / 3P
   GPS L1 Band Active Module
WPANT10087 WPI-WPANT10087 Datasheet
124Kb / 2P
   GPS L1 band SMT Antenna
WPANT65010-R1A WPI-WPANT65010-R1A Datasheet
116Kb / 2P
   GPS L1 Band Active Patch Module
WPANT65012-R1A WPI-WPANT65012-R1A Datasheet
102Kb / 2P
   GPS L1 Band Active Patch Module
WPANT65025-R3A WPI-WPANT65025-R3A Datasheet
95Kb / 2P
   GPS L1 Band Active Patch Module
WPANT65015-R1A WPI-WPANT65015-R1A Datasheet
81Kb / 2P
   GPS L1 Band Active Patch Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com