Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS62LV1024L-70QI Datasheet(PDF) 7 Page - Integrated Circuit Solution Inc

Part # IS62LV1024L-70QI
Description  128K x 8 LOW POWER AND LOW Vcc
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IS62LV1024L-70QI Datasheet(HTML) 7 Page - Integrated Circuit Solution Inc

Back Button IS62LV1024L-70QI Datasheet HTML 2Page - Integrated Circuit Solution Inc IS62LV1024L-70QI Datasheet HTML 3Page - Integrated Circuit Solution Inc IS62LV1024L-70QI Datasheet HTML 4Page - Integrated Circuit Solution Inc IS62LV1024L-70QI Datasheet HTML 5Page - Integrated Circuit Solution Inc IS62LV1024L-70QI Datasheet HTML 6Page - Integrated Circuit Solution Inc IS62LV1024L-70QI Datasheet HTML 7Page - Integrated Circuit Solution Inc IS62LV1024L-70QI Datasheet HTML 8Page - Integrated Circuit Solution Inc IS62LV1024L-70QI Datasheet HTML 9Page - Integrated Circuit Solution Inc IS62LV1024L-70QI Datasheet HTML 10Page - Integrated Circuit Solution Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Integrated Circuit Solution Inc.
7
LPSR018-0D 07/06/2001
IS62LV1024L/LL
WRITE CYCLE SWITCHING CHARACTERISTICS(1,3) (Over Operating Range, Standard and Low
Power)
-45
-55
-70
Symbol Parameter
Min. Max.
Min. Max.
Min. Max.
Unit
tWC
Write Cycle Time
45
—
55
—
70
—
ns
tSCE
CE1 to Write End
35
—
50
—
60
—
ns
tSCE
CE2 to Write End
35
—
50
—
60
—
ns
tAW
Address Setup Time to Write End
35
—
50
—
60
—
ns
tHA
Address Hold from Write End
0
—
0
—
0
—
ns
tSA
Address Setup Time
0
—
0
—
0
—
ns
tPWE" WE Pulse Width
35
—
40
—
55
—
ns
tSD
Data Setup to Write End
25
—
25
—
30
—
ns
tHD
Data Hold from Write End
0
—
0
—
0
—
ns
tHZWE  WE LOW to High-Z Output
—
15
—
20
0
25
ns
tLZWE  WE HIGH to Low-Z Output
5
—
5
—
5
—
ns
Notes:
1. Test conditions assume signal transition times of 5 ns or less, timing reference levels of 1.5V, input pulse levels of 0.4V to 2.2V
and output loading specified in .igure 1.
2. Tested with the load in .igure 2. Transition is measured ±500 mV from steady-state voltage. Not 100% tested.
3. The internal write time is defined by the overlap of CE1 LOW, CE2 HIGH and WE LOW. All signals must be in valid states to
initiate a Write, but any one can go inactive to terminate the Write. The Data Input Setup and Hold timing are referenced to the
rising or falling edge of the signal that terminates the Write.
4. Tested with OE HIGH.
DATA-IN VALID
DATA UNDEFINED
tWC
tSCE1
tSCE2
tAW
tHA
tPWE(4)
tHZWE
HIGH-Z
tLZWE
tSA
tSD
tHD
ADDRESS
CE1
CE2
WE
DOUT
DIN
AC WAVE.ORMS
WRITE CYCLE NO. 1 (9-
9-
9-
9-
9- Controlled)(1,2)


Similar Part No. - IS62LV1024L-70QI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS62LV12816BLL ISSI-IS62LV12816BLL Datasheet
94Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62LV12816BLL-10B ISSI-IS62LV12816BLL-10B Datasheet
94Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62LV12816BLL-10BI ISSI-IS62LV12816BLL-10BI Datasheet
94Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62LV12816BLL-10T ISSI-IS62LV12816BLL-10T Datasheet
94Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62LV12816BLL-10TI ISSI-IS62LV12816BLL-10TI Datasheet
94Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
More results

Similar Description - IS62LV1024L-70QI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC62LV1024AL ICSI-IC62LV1024AL Datasheet
122Kb / 11P
   128K x 8 Ultra Low Power and Low VCC SRAM
logo
Integrated Silicon Solu...
IS62LV1288LL ISSI-IS62LV1288LL Datasheet
77Kb / 10P
   128K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
IS62LV2568LL ISSI-IS62LV2568LL Datasheet
62Kb / 10P
   256K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
IS62LV5128LL ISSI-IS62LV5128LL Datasheet
61Kb / 10P
   512K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
logo
Integrated Circuit Solu...
IS62LV2568L ICSI-IS62LV2568L Datasheet
455Kb / 10P
   256K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
IC62LV2568L ICSI-IC62LV2568L Datasheet
133Kb / 10P
   256K x 8 LOW POWER AND LOW Vcc CMOS STATIC RAM
logo
AMIC Technology
LP61L1024 AMICC-LP61L1024 Datasheet
178Kb / 16P
   128K X 8 BIT 3.3V HIGH SPEED LOW VCC CMOS SRAM
LP61L1024 AMICC-LP61L1024_15 Datasheet
208Kb / 14P
   128K X 8 BIT 3.3V HIGH SPEED LOW VCC CMOS SRAM
logo
Integrated Circuit Solu...
IC62C1024AL ICSI-IC62C1024AL Datasheet
142Kb / 9P
   128K x 8 Low Power CMOS SRAM
logo
Mosel Vitelic, Corp
V62C2801024L MOSEL-V62C2801024L Datasheet
92Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com