Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

M5M51R16AWG-10LI Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part No. M5M51R16AWG-10LI
Description  1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

M5M51R16AWG-10LI Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MITSUBISHI LSIs
1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
M5M51R16AWG -10LI, -12LI, -15LI,
-10HI, -12HI, -15HI
MITSUBISHI
ELECTRIC
Aug.1. 1998
• Separate control of lower and upper bytes by BC1 and BC2
• Easy memory expansion and power down by S,BC1 and BC2
DESCRIPTION
• Single +1.8V~2.7V power supply
• Directly TTL compatible : All inputs and outputs
• Data hold on +1.0V power supply
• Three-state outputs : OR-tie capability
• Common data I/O
APPLICATION
Small capacity memory units.
FEATURE
Access time
(max)
M5M51R16AWG- 10LI
100ns
Stand-by
(max)
Active
4µA
Power supply current
Type name
10mA
M5M51R16AWG- 10HI
100ns
2µA
• OE prevents data contention in the I/O bus
• Package
48-pin chip scale package(CSP)
Ball pitch : 0.75mm
Package size: 7.0mm x 8.5mm
1
The M5M51R16AWG is a 1048576-bit CMOS static RAM
organized as 65536 words by 16-bits, which are fabricated using
high-performance CMOS technology. The use of CMOS cells and
periphery results in a high density and low power static RAM.
The M5M51R16AWG can achieve low stand-by current and low
operation current and ideal for the battery back-up application.
The M5M51R16AWG is packaged in a 48-pin chip scale package
which is a high reliability and high density surface mount device
(SMD). Using this type of devices, it becomes very easy to design
a small system.
The M5M51R16AWG is fully compatible with the M5M51R16WG.
(1MHz)
(max)
M5M51R16AWG- 12LI
120ns
M5M51R16AWG- 15LI
150ns
M5M51R16AWG- 12HI
120ns
M5M51R16AWG- 15HI
150ns
• Low power down current 0.05µA(typ.)
PIN CONFIGURATION (TOP VIEW)
NC : NO CONNECTION
NC
A0
A3
A5
OE
BC1
DQ1
GND
S
GND
NC
BC2
A2
A1
A6
A7
DQ2
DQ4
DQ16
DQ15
DQ14
DQ13
DQ3
VCC
DQ5
DQ6
DQ8
DQ7
DQ12
DQ11 DQ10
DQ9
A15
A13
A12
A9
A8
A10
A11
NC
W
A4
GND
VCC
NC
NC
NC
A14
NC
A0
A3
A5
OE
BC1
DQ1
GND
S
GND
NC
BC2
A2
A1
A6
A7
DQ2
DQ4
DQ16
DQ15 DQ14
DQ13
DQ3
VCC
DQ5
DQ6
DQ8
DQ7
DQ12
DQ11
DQ10
DQ9
A15
A13
A12
A9
A8
A10
A11
NC
W
A4
VCC
NC
NC
NC
A14
Outline
48FJA
PIN CONFIGURATION (BOTTOM VIEW)
1
2
3
4
5
6
A
B
C
D
E
F
G
H
6
5
4
3
2
1
A
B
C
D
E
F
G
H
GND


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn