Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS62C6416AL-35K Datasheet(PDF) 5 Page - Integrated Silicon Solution, Inc

Part # IS62C6416AL-35K
Description  64K x 16 HIGH-SPEED CMOS STATIC RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS62C6416AL-35K Datasheet(HTML) 5 Page - Integrated Silicon Solution, Inc

  IS62C6416AL-35K Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS62C6416AL-35K Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS62C6416AL-35K Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS62C6416AL-35K Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS62C6416AL-35K Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS62C6416AL-35K Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS62C6416AL-35K Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS62C6416AL-35K Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS62C6416AL-35K Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
5
Rev. A
01/17/05
ISSI®
IS61C6416AL
IS64C6416AL
IS62C6416AL
IS65C6416AL
IS61C6416AL/IS64C6416AL
POWER SUPPLY CHARACTERISTICS(1) (Over Operating Range)
-12 ns
-15 ns
Symbol Parameter
Test Conditions
Min.
Max.
Min.
Max.
Unit
ICC1
VDD Operating
VDD = VDD MAX.,
CE = VIL
Com.
—40
mA
Supply Current
IOUT = 0 mA, f = 0
Ind.
—45
Auto.
—50
ICC2
VDD Dynamic Operating
VDD = VDD MAX.,
CE = VIL
Com.
—50
mA
Supply Current
IOUT = 0 mA, f = fMAX
Ind.
—55
Auto.
—60
typ.(2)
—35
ISB1
TTL Standby Current
VDD = VDD MAX.,
Com.
—1
mA
(TTL Inputs)
VIN = VIH or VIL
Ind.
—1
CE
≥ VIH, f = 0
Auto.
—1
ISB2
CMOS Standby
VDD = VDD MAX.,
Com.
350
µA
Current (CMOS Inputs)
CE
≤ VDD – 0.2V,
Ind.
400
VIN
≥ VDD – 0.2V, or
Auto.
450
VIN
≤ 0.2V, f = 0
typ.(2)
200
Note:
1. At f = fMAX, address and data inputs are cycling at the maximum frequency, f = 0 means no input lines change.
2. Typical values are measured at VDD = 5V, TA = 25% and not 100% tested.
IS62C6416AL/IS65C6416AL
POWER SUPPLY CHARACTERISTICS(1) (Over Operating Range)
-35 ns
-45 ns
Symbol Parameter
TestConditions
Min.
Max.
Min.
Max.
Unit
ICC
Averageoperating
CE=VIL,
Com.
10
mA
Current
VIN = VIH or VIL,
Ind.
15
I I/O= 0 mA
Auto.
20
ICC1VDDDynamicOperating
VDD= Max.,
CE=VIL
Com.
35
mA
SupplyCurrent
IOUT = 0 mA, f = fMAX
Ind.
40
VIN =VIH orVIL
Auto.
45
ISB1
TTLStandbyCurrent
VDD=Max.,
Com.
1
mA
(TTLInputs)
VIN =VIH orVIL,
CE
≥VIH,
Ind.
1.5
f = 0
Auto.
2
ISB2
CMOSStandby
VDD=Max.,
Com.
5
µA
Current(CMOSInputs)
CE
≥ VDD–0.2V,
Ind.
10
VIN
≥VDD–0.2V,
Auto.
15
or VIN
≤VSS+0.2V, f=0
Note:
1. At f = fMAX, address and data inputs are cycling at the maximum frequency, f = 0 means no input lines change.


Similar Part No. - IS62C6416AL-35K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IS62C6416AL ETC2-IS62C6416AL Datasheet
97Kb / 17P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
More results

Similar Description - IS62C6416AL-35K

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61C6416 ICSI-IC61C6416 Datasheet
135Kb / 10P
   64K X 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61WV6416BLL ISSI-IS61WV6416BLL Datasheet
101Kb / 16P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W26L010A WINBOND-W26L010A Datasheet
131Kb / 10P
   64K X 16 High Speed CMOS Static RAM
logo
Integrated Silicon Solu...
IS61C6416 ISSI-IS61C6416 Datasheet
487Kb / 9P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
IS64C6416AL-15TLA3 ETC2-IS64C6416AL-15TLA3 Datasheet
97Kb / 17P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61WV6416DALL ISSI-IS61WV6416DALL Datasheet
783Kb / 21P
   64K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
logo
Winbond
W26010A WINBOND-W26010A Datasheet
158Kb / 10P
   64K 16 HIGH-SPEED CMOS STATIC RAM
logo
Mosel Vitelic, Corp
V61C51161024 MOSEL-V61C51161024 Datasheet
61Kb / 10P
   64K x 16 HIGH SPEED STATIC RAM
V61C31161024 MOSEL-V61C31161024 Datasheet
83Kb / 10P
   64K x 16 HIGH SPEED STATIC RAM
logo
Pyramid Semiconductor C...
P3C1021 PYRAMID-P3C1021 Datasheet
451Kb / 10P
   HIGH SPEED 64K x 16 (1 MEG) STATIC CMOS RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com