Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS64C6416AL-15TA3 Datasheet(PDF) 6 Page - Integrated Silicon Solution, Inc

Part # IS64C6416AL-15TA3
Description  64K x 16 HIGH-SPEED CMOS STATIC RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS64C6416AL-15TA3 Datasheet(HTML) 6 Page - Integrated Silicon Solution, Inc

Back Button IS64C6416AL-15TA3 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS64C6416AL-15TA3 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS64C6416AL-15TA3 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS64C6416AL-15TA3 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS64C6416AL-15TA3 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS64C6416AL-15TA3 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS64C6416AL-15TA3 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS64C6416AL-15TA3 Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS64C6416AL-15TA3 Datasheet HTML 10Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
Rev. A
01/17/05
ISSI®
IS61C6416AL
IS64C6416AL
IS62C6416AL
IS65C6416AL
READ CYCLE SWITCHING CHARACTERISTICS(1) (Over Operating Range)
-12
-15
-35
-45
Symbol
Parameter
Min. Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
tRC
Read Cycle Time
12
15
35
45
ns
tAA
Address Access Time
12
15
35
45
ns
tOHA
Output Hold Time
3
3
3
3
ns
tACE
CE Access Time
12
15
35
45
ns
tDOE
OE Access Time
6
7
10
20
ns
tHZOE(2)
OE to High-Z Output
0
6
0
6
0
10
0
15
ns
tLZOE(2)
OE to Low-Z Output
0
0
3
5
ns
tHZCE(2
CE to High-Z Output
0
7
0
8
0
10
0
15
ns
tLZCE(2)
CE to Low-Z Output
2
2
3
5
ns
tBA
LB, UB Access Time
6
6
35
45
ns
tHZB
LB, UB to High-Z Output
0
6
0
7
0
10
0
15
ns
tLZB
LB, UB to Low-Z Output
0
0
0
0
ns
AC TEST CONDITIONS
Parameter
Unit
Input Pulse Level
0V to 3.0V
Input Rise and Fall Times
3 ns
Input and Output Timing
1.5V
and Reference Level
Output Load
See Figures 1 and 2
480
30 pF
Including
jig and
scope
255
OUTPUT
5V
480
5 pF
Including
jig and
scope
255
OUTPUT
5V
Notes:
1. Test conditions assume signal transition times of 3 ns or less, timing reference levels of 1.5V, input pulse levels of 0
to 3.0V and output loading specified in Figure 1.
2. Tested with the load in Figure 2. Transition is measured ±500 mV from steady-state voltage. Not 100% tested.
3. Not 100% tested.
Figure 1
Figure 2
AC TEST LOADS


Similar Part No. - IS64C6416AL-15TA3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IS64C6416AL-15TLA3 ETC2-IS64C6416AL-15TLA3 Datasheet
97Kb / 17P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
More results

Similar Description - IS64C6416AL-15TA3

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61C6416 ICSI-IC61C6416 Datasheet
135Kb / 10P
   64K X 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61WV6416BLL ISSI-IS61WV6416BLL Datasheet
101Kb / 16P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W26L010A WINBOND-W26L010A Datasheet
131Kb / 10P
   64K X 16 High Speed CMOS Static RAM
logo
Integrated Silicon Solu...
IS61C6416 ISSI-IS61C6416 Datasheet
487Kb / 9P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
IS64C6416AL-15TLA3 ETC2-IS64C6416AL-15TLA3 Datasheet
97Kb / 17P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61WV6416DALL ISSI-IS61WV6416DALL Datasheet
783Kb / 21P
   64K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
logo
Winbond
W26010A WINBOND-W26010A Datasheet
158Kb / 10P
   64K 16 HIGH-SPEED CMOS STATIC RAM
logo
Mosel Vitelic, Corp
V61C51161024 MOSEL-V61C51161024 Datasheet
61Kb / 10P
   64K x 16 HIGH SPEED STATIC RAM
V61C31161024 MOSEL-V61C31161024 Datasheet
83Kb / 10P
   64K x 16 HIGH SPEED STATIC RAM
logo
Pyramid Semiconductor C...
P3C1021 PYRAMID-P3C1021 Datasheet
451Kb / 10P
   HIGH SPEED 64K x 16 (1 MEG) STATIC CMOS RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com