Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L6919E Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6919E
Description  5 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER WITH DYNAMIC VID MANAGEMENT
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6919E Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6919E Datasheet HTML 3Page - STMicroelectronics L6919E Datasheet HTML 4Page - STMicroelectronics L6919E Datasheet HTML 5Page - STMicroelectronics L6919E Datasheet HTML 6Page - STMicroelectronics L6919E Datasheet HTML 7Page - STMicroelectronics L6919E Datasheet HTML 8Page - STMicroelectronics L6919E Datasheet HTML 9Page - STMicroelectronics L6919E Datasheet HTML 10Page - STMicroelectronics L6919E Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
7/33
L6919E
17
OSC/INH
FAULT
Oscillator pin.
It allows programming the switching frequency of each channel: the equivalent switching
frequency at the load side results in being doubled.
Internally fixed at 1.24V, the frequency is varied proportionally to the current sunk (forced) from
(into) the pin with an internal gain of 6kHz/
µA (See relevant section for details). If the pin is not
connected, the switching frequency is 150kHz for each channel (300kHz on the load).
The pin is forced high (5V Typ.) when an Over/Under Voltage is detected; to recover from this
condition, cycle VCC.
Forcing the pin to a voltage lower than 0.6V, the device stop operation and enter the inhibit
state.
18-22
VID4-0
Voltage IDentification pins.
Internally pulled-up, connect to GND to program a ‘0’ while leave floating to program a ‘1’.
They are used to program the output voltage as specified in Table 1 and to set the PGOOD,
OVP and UVP thresholds.
The device automatically regulates 25mV higher than the HAMMER DAC avoiding the use of
any external set-up resistor.
23
PGOOD
This pin is an open collector output and is pulled low if the output voltage is not within the above
specified thresholds and during soft start. It cannot be pulled-up above 5V.
If not used may be left floating.
24
BOOT2
Channel 2 HS driver supply. This pin supplies the relative high side driver.
Connect through a capacitor (100nF typ.) to the PHASE2 pin and through a diode to VCC
(cathode vs. boot).
25
UGATE2
Channel 2 HS driver output.
A little series resistor helps in reducing device-dissipated power.
26
PHASE2
Channel 2 HS driver return path. It must be connected to the HS2 mosfet source and provides
the return path for the HS driver of channel 2.
27
LGATE2
Channel 2 LS driver output.
A little series resistor helps in reducing device-dissipated power.
28
PGND
LS drivers return path.
This pin is common to both sections and it must be connected through the closest path to the
LS mosfets source pins in order to reduce the noise injection into the device.
PIN FUNCTION (continued)
N
Name
Description


Similar Part No. - L6919E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6919C STMICROELECTRONICS-L6919C Datasheet
558Kb / 32P
   5 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER WITH DYNAMIC VID MANAGEMENT
L6919CD STMICROELECTRONICS-L6919CD Datasheet
558Kb / 32P
   5 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER WITH DYNAMIC VID MANAGEMENT
L6919CDTR STMICROELECTRONICS-L6919CDTR Datasheet
558Kb / 32P
   5 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER WITH DYNAMIC VID MANAGEMENT
More results

Similar Description - L6919E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6919C STMICROELECTRONICS-L6919C Datasheet
558Kb / 32P
   5 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER WITH DYNAMIC VID MANAGEMENT
L6710 STMICROELECTRONICS-L6710 Datasheet
1Mb / 34P
   6 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER WITH DYNAMIC VID MANAGEMENT
March 2004
L6917B STMICROELECTRONICS-L6917B Datasheet
592Kb / 33P
   5 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER
logo
Linear Technology
LTC1703 LINER-LTC1703 Datasheet
343Kb / 36P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller with 5-Bit VID
LTC1703IG LINER-LTC1703IG Datasheet
345Kb / 36P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller with 5-Bit VID
LTC1873 LINER-LTC1873 Datasheet
308Kb / 32P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller with 5-Bit VID
LTC1873 LINER-LTC1873_15 Datasheet
323Kb / 32P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller with 5-Bit VID
LTC1703 LINER-LTC1703_15 Datasheet
390Kb / 36P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller with 5-Bit VID
logo
STMicroelectronics
L6711 STMICROELECTRONICS-L6711_06 Datasheet
633Kb / 50P
   3 Phase controller with dynamic VID and selectable DACs
L6711 STMICROELECTRONICS-L6711 Datasheet
615Kb / 38P
   3 PHASE CONTROLLER WITH DYNAMIC VID AND SELECTABLE DACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com