Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST89E516RD2-40-I-TQI Datasheet(PDF) 7 Page - Silicon Storage Technology, Inc

Part # SST89E516RD2-40-I-TQI
Description  FlashFlex51 MCU
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST89E516RD2-40-I-TQI Datasheet(HTML) 7 Page - Silicon Storage Technology, Inc

Back Button SST89E516RD2-40-I-TQI Datasheet HTML 3Page - Silicon Storage Technology, Inc SST89E516RD2-40-I-TQI Datasheet HTML 4Page - Silicon Storage Technology, Inc SST89E516RD2-40-I-TQI Datasheet HTML 5Page - Silicon Storage Technology, Inc SST89E516RD2-40-I-TQI Datasheet HTML 6Page - Silicon Storage Technology, Inc SST89E516RD2-40-I-TQI Datasheet HTML 7Page - Silicon Storage Technology, Inc SST89E516RD2-40-I-TQI Datasheet HTML 8Page - Silicon Storage Technology, Inc SST89E516RD2-40-I-TQI Datasheet HTML 9Page - Silicon Storage Technology, Inc SST89E516RD2-40-I-TQI Datasheet HTML 10Page - Silicon Storage Technology, Inc SST89E516RD2-40-I-TQI Datasheet HTML 11Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 91 page
background image
Preliminary Specifications
FlashFlex51 MCU
SST89E52RD2 / SST89E54RD2 / SST89E58RD2 / SST89E516RD2
SST89V52RD2 / SST89V54RD2 / SST89V58RD2 / SST89V516RD2
7
©2004 Silicon Storage Technology, Inc.
S71255-00-000
3/04
1.0 FUNCTIONAL BLOCKS
10 Interrupts
SuperFlash
EEPROM
Primary
Block
8K/16K/32K/64K x8
Secondary
Block
8K x8
I/O
I/O
I/O
I/O
Watchdog Timer
Interrupt
Control
8051
CPU Core
RAM
1K x8
Security
Lock
I/O Port 0
I/O Port 1
I/O Port 2
I/O Port 3
Enhanced
UART
SPI
Timer 0 (16-bit)
Timer 1 (16-bit)
Timer 2 (16-bit)
8
8
8
8
1255 B1.0
PCA
I/O
I/O Port 4
4
Flash Control Unit
8
Oscillator
ALU,
ACC,
B-Register,
Instruction Register,
Program Counter,
Timing and Control
FUNCTIONAL BLOCK DIAGRAM


Similar Part No. - SST89E516RD2-40-I-TQI

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST89E516RD2-40-I-TQJE SST-SST89E516RD2-40-I-TQJE Datasheet
831Kb / 81P
   FlashFlex MCU
More results

Similar Description - SST89E516RD2-40-I-TQI

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST89E564 SST-SST89E564 Datasheet
634Kb / 58P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89C59 SST-SST89C59 Datasheet
3Mb / 45P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD_03 Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89C54 SST-SST89C54 Datasheet
413Kb / 50P
   FlashFlex51 MCU
SST89E52RD2 SST-SST89E52RD2_06 Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E52RD2-RD SST-SST89E52RD2-RD Datasheet
937Kb / 81P
   FlashFlex51 MCU
logo
Renesas Technology Corp
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
   MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
   MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com