Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IKW03N120H2 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # IKW03N120H2
Description  HighSpeed 2-Technology with soft, fast recovery anti-parallel EmCon HE diode
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKW03N120H2 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button IKW03N120H2 Datasheet HTML 2Page - Infineon Technologies AG IKW03N120H2 Datasheet HTML 3Page - Infineon Technologies AG IKW03N120H2 Datasheet HTML 4Page - Infineon Technologies AG IKW03N120H2 Datasheet HTML 5Page - Infineon Technologies AG IKW03N120H2 Datasheet HTML 6Page - Infineon Technologies AG IKW03N120H2 Datasheet HTML 7Page - Infineon Technologies AG IKW03N120H2 Datasheet HTML 8Page - Infineon Technologies AG IKW03N120H2 Datasheet HTML 9Page - Infineon Technologies AG IKW03N120H2 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
IKP03N120H2,
IKB03N120H2
IKW03N120H2
Power Semiconductors
6
Rev. 2, Mar-04
0V
1V
2V
3V
4V
5V
0A
2A
4A
6A
8A
10A
12V
10V
8V
6V
V
GE=15V
0V
1V
2V
3V
4V
5V
0A
1A
2A
3A
4A
5A
6A
7A
8A
9A
10A
12V
10V
8V
6V
V
GE=15V
VCE, COLLECTOR-EMITTER VOLTAGE
VCE, COLLECTOR-EMITTER VOLTAGE
Figure 5. Typical output characteristics
(Tj = 25
°C)
Figure 6. Typical output characteristics
(Tj = 150
°C)
3V
5V
7V
9V
0A
2A
4A
6A
8A
10A
12A
T
j=+150°C
T
j=+25°C
-50°C
0°C
50°C
100°C
150°C
0V
1V
2V
3V
I
C=6A
I
C=3A
I
C=1.5A
VGE, GATE-EMITTER VOLTAGE
Tj, JUNCTION TEMPERATURE
Figure 7. Typical transfer characteristics
(VCE = 20V)
Figure 8. Typical collector-emitter
saturation voltage as a function of junction
temperature
(VGE = 15V)


Similar Part No. - IKW03N120H2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKW03N120H2 INFINEON-IKW03N120H2 Datasheet
381Kb / 15P
   HighSpeed 2-Technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.5 Sept. 08
More results

Similar Description - IKW03N120H2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKA03N120H2 INFINEON-IKA03N120H2 Datasheet
335Kb / 14P
   HighSpeed 2-Technology with soft, fast recovery anti-parallel EmCon HE diode
Mar-04, Rev. 2
IKP03N120H2 INFINEON-IKP03N120H2_08 Datasheet
381Kb / 15P
   HighSpeed 2-Technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.5 Sept. 08
IKB01N120H2 INFINEON-IKB01N120H2 Datasheet
385Kb / 14P
   HighSpeed 2-Technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.3 May 06
IKP01N120H2 INFINEON-IKP01N120H2 Datasheet
387Kb / 14P
   HighSpeed 2-Technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.3 May 06
IKA10N60T INFINEON-IKA10N60T Datasheet
368Kb / 13P
   IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2 Oct-04
IHW40T120 INFINEON-IHW40T120 Datasheet
354Kb / 14P
   IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2 Mar-04
IKB15N60T INFINEON-IKB15N60T Datasheet
398Kb / 13P
   IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.1 Dec-04
IKP20N60T INFINEON-IKP20N60T Datasheet
435Kb / 15P
   IGBT in Trench and Fieldstop technology with soft,fast recovery anti-parallel EmCon HE diode
Rev. 2.2 Dec-04
IHW15T120 INFINEON-IHW15T120 Datasheet
339Kb / 14P
   IGBT in Trench and Fieldstop technology with soft,fast recovery anti-parallel EmCon HE diode
Rev. 2.3 Sep 08
SKP10N60A INFINEON-SKP10N60A_08 Datasheet
368Kb / 14P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2.3 Sep 08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com