Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD7550 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # LD7550
Description  Green-Mode PWM Controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LD7550 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  LD7550 Datasheet HTML 1Page - List of Unclassifed Manufacturers LD7550 Datasheet HTML 2Page - List of Unclassifed Manufacturers LD7550 Datasheet HTML 3Page - List of Unclassifed Manufacturers LD7550 Datasheet HTML 4Page - List of Unclassifed Manufacturers LD7550 Datasheet HTML 5Page - List of Unclassifed Manufacturers LD7550 Datasheet HTML 6Page - List of Unclassifed Manufacturers LD7550 Datasheet HTML 7Page - List of Unclassifed Manufacturers LD7550 Datasheet HTML 8Page - List of Unclassifed Manufacturers LD7550 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
LD7550
4
Leadtrend Technology Corporation
LD7550-DS-00 August 2004
Electrical Characteristics
(TA = +25
oC unless otherwise stated, V
CC=15.0V)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage (Vcc Pin)
Startup Current
5
25
µA
VCOMP=0V
3
4
mA
VCOMP=3V
2
mA
Operating Current
VCOMP=open
0.7
mA
UVLO (off)
10.4
11.4
12.4
V
UVLO (on)
14.8
16.0
17.5
V
Voltage Feedback (Comp Pin)
Short Circuit Current
VCOMP=0V
2.2
3.0
mA
Open Loop Voltage
COMP pin open
5.0
V
Green Mode Threshold VCOMP
2.35
V
Current Sensing (CS Pin)
Maximum Input Voltage
0.80
0.85
0.90
V
Leading Edge Blanking Time
250
nS
Input impedance
50
K
Delay to Output
300
nS
Oscillator (RT pin)
Frequency
RT=100K
61.5
66.5
71.5
KHz
Green Mode Frequency
Fs=66.5KHz
20
KHz
Temp. Stability
(-30
°C ~85°C)
5
%
Voltage Stability
(VCC=12V-30V)
2
%
Gate Drive Output (OUT Pin)
Output Low Level
VCC=15V, Io=20mA
1
V
Output High Level
VCC=15V, Io=20mA
8
V
Rising Time
Load Capacitance=1000pF
50
200
nS
Falling Time
Load Capacitance=1000pF
30
125
nS


Similar Part No. - LD7550

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LD7552 ETC1-LD7552 Datasheet
214Kb / 10P
   GREEN MODE PWM CONTROLLER
logo
Leadtrend Technology
LD7552B LEADTREND-LD7552B Datasheet
300Kb / 16P
   Green-Mode PWM Controller with Integrated Protections
LD7552BGS LEADTREND-LD7552BGS Datasheet
300Kb / 16P
   Green-Mode PWM Controller with Integrated Protections
logo
List of Unclassifed Man...
LD7552BN ETC1-LD7552BN Datasheet
214Kb / 10P
   GREEN MODE PWM CONTROLLER
logo
Leadtrend Technology
LD7552BPN LEADTREND-LD7552BPN Datasheet
300Kb / 16P
   Green-Mode PWM Controller with Integrated Protections
More results

Similar Description - LD7550

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3102M-G1 BCDSEMI-AP3102M-G1 Datasheet
1Mb / 17P
   GREEN MODE PWM CONTROLLER
logo
Stanson Technology
ST8835 STANSON-ST8835 Datasheet
816Kb / 13P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3127 DIODES-AP3127 Datasheet
441Kb / 13P
   GREEN MODE PWM CONTROLLER
logo
Bookly Micro electronic
BM0853 BOOKLY-BM0853 Datasheet
972Kb / 11P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3102 DIODES-AP3102 Datasheet
617Kb / 14P
   GREEN MODE PWM CONTROLLER
logo
SYNC POWER Crop.
SP6850 SYNC-POWER-SP6850 Datasheet
258Kb / 10P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3101 DIODES-AP3101 Datasheet
378Kb / 12P
   GREEN MODE PWM CONTROLLER
logo
Stanson Technology
ST6850 STANSON-ST6850 Datasheet
137Kb / 10P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3125B DIODES-AP3125B Datasheet
479Kb / 12P
   GREEN MODE PWM CONTROLLER
AP31251 DIODES-AP31251 Datasheet
412Kb / 13P
   GREEN MODE PWM CONTROLLER
Rev. 2 - 2 December 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com