Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT5V991A Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT5V991A
Description  3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT5V991A Datasheet(HTML) 7 Page - Integrated Device Technology

  IDT5V991A Datasheet HTML 1Page - Integrated Device Technology IDT5V991A Datasheet HTML 2Page - Integrated Device Technology IDT5V991A Datasheet HTML 3Page - Integrated Device Technology IDT5V991A Datasheet HTML 4Page - Integrated Device Technology IDT5V991A Datasheet HTML 5Page - Integrated Device Technology IDT5V991A Datasheet HTML 6Page - Integrated Device Technology IDT5V991A Datasheet HTML 7Page - Integrated Device Technology IDT5V991A Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
COMMERCIALANDINDUSTRIALTEMPERATURERANGES
IDT5V991A
3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
RE F
FB
Q
O THE R Q
IN VE R TED Q
RE F D IV ID E D B Y 2
RE F D IV ID E D B Y 4
tJR
tREF
tPD
tSKE W 2
tSK EW 3, 4
tSK EW 1, 3, 4
tSK EW 2, 4
tSK EW 3, 4
tSK EW 3, 4
tSKEW 2
tSKE W PR
tSK EW 0, 1
tODC V
tODC V
tRP W H
tRPW L
tSKE W PR
tSK EW 0, 1
AC TIMING DIAGRAM
NOTES:
VCCQ/PE: The AC Timing Diagram applies to VCCQ/PE=VCC. For VCCQ/PE=GND, the negative edge of FB aligns with the negative edge of REF, divided outputs change on the
negative edge of REF, and the positive edges of the divide-by-2 and the divide-by-4 signals align.
Skew:
The time between the earliest and the latest output transition among all outputs for which the same tU delay has been selected when all are loaded with 20pF and terminated
with 75
Ω to VCC/2.
tSKEWPR:
The skew between a pair of outputs (xQ0 and xQ1) when all eight outputs are selected for 0tU.
tSKEW0:
The skew between outputs when they are selected for 0tU
.
tDEV:
The output-to-output skew between any two devices operating under the same conditions (VCC, ambient temperature, air flow, etc.)
tODCV:
The deviation of the output from a 50% duty cycle. Output pulse width variations are included in tSKEW2 and tSKEW4 specifications.
tPWH is measured at 2V.
tPWL is measured at 0.8V.
tORISE and tOFALL are measured between 0.8V and 2V.
tLOCK:
The time that is required before synchronization is achieved. This specification is valid only after VCC is stable and within normal operating limits. This parameter is measured
from the application of a new signal or frequency at REF or FB until tPD is within specified limits.


Similar Part No. - IDT5V991A

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5V9910A IDT-IDT5V9910A Datasheet
88Kb / 6P
   3.3V LOW SKEW PLL CLOCK DRIVER TURBOCLOCK JR
IDT5V9910A-2SO IDT-IDT5V9910A-2SO Datasheet
88Kb / 6P
   3.3V LOW SKEW PLL CLOCK DRIVER TURBOCLOCK JR
IDT5V9910A-2SOI IDT-IDT5V9910A-2SOI Datasheet
88Kb / 6P
   3.3V LOW SKEW PLL CLOCK DRIVER TURBOCLOCK JR
IDT5V9910A-5SO IDT-IDT5V9910A-5SO Datasheet
88Kb / 6P
   3.3V LOW SKEW PLL CLOCK DRIVER TURBOCLOCK JR
IDT5V9910A-5SOI IDT-IDT5V9910A-5SOI Datasheet
88Kb / 6P
   3.3V LOW SKEW PLL CLOCK DRIVER TURBOCLOCK JR
More results

Similar Description - IDT5V991A

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5V995 IDT-IDT5V995 Datasheet
74Kb / 10P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V993A IDT-IDT5V993A Datasheet
110Kb / 8P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V993A IDT-IDT5V993A_12 Datasheet
112Kb / 8P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V9950 IDT-IDT5V9950 Datasheet
67Kb / 9P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5993A IDT-IDT5993A Datasheet
65Kb / 8P
   PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5991A IDT-IDT5991A Datasheet
67Kb / 8P
   PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V9950PFGI IDT-IDT5V9950PFGI Datasheet
363Kb / 9P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK??II JR.
IDT5V994 IDT-IDT5V994 Datasheet
73Kb / 9P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK-TM PLUS
IDT5V9955 IDT-IDT5V9955 Datasheet
129Kb / 11P
   3.3V PROGRAMMABLE SKEW DUAL PLL CLOCK DRIVER TURBOCLOCK W
IDT5992A IDT-IDT5992A Datasheet
72Kb / 8P
   PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK-TM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com