Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYMP112S64MP8-E4 Datasheet(PDF) 11 Page - Hynix Semiconductor

Part # HYMP112S64MP8-E4
Description  DDR2 SDRAM SO-DIMM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HYMP112S64MP8-E4 Datasheet(HTML) 11 Page - Hynix Semiconductor

Back Button HYMP112S64MP8-E4 Datasheet HTML 7Page - Hynix Semiconductor HYMP112S64MP8-E4 Datasheet HTML 8Page - Hynix Semiconductor HYMP112S64MP8-E4 Datasheet HTML 9Page - Hynix Semiconductor HYMP112S64MP8-E4 Datasheet HTML 10Page - Hynix Semiconductor HYMP112S64MP8-E4 Datasheet HTML 11Page - Hynix Semiconductor HYMP112S64MP8-E4 Datasheet HTML 12Page - Hynix Semiconductor HYMP112S64MP8-E4 Datasheet HTML 13Page - Hynix Semiconductor HYMP112S64MP8-E4 Datasheet HTML 14Page - Hynix Semiconductor HYMP112S64MP8-E4 Datasheet HTML 15Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
HYMP112S64(L)MP8
Rev. 0.1/ July 2004
11
IDD Meauarement Conditions
Note:
1. IDD specifications are tested after the device is properly initialized
2. Input slew rate is specified by AC Parametric Test Condition
3. IDD parameters are specified with ODT disabled.
4. Data bus consists of DQ, DM, DQS, DQS, RDQS, RDQS, LDQS, LDQS, UDQS, and UDQS. IDD values must be met with all combinations
of EMRS bits 10 and 11.
5. Definitions for IDD
LOW is defined as Vin
≤ VILAC(max)
HIGH is defined as Vin
≥ VIHAC(min)
STABLE is defined as inputs stable at a HIGH or LOW level
FLOATING is defined as inputs at VREF = VDDQ/2
SWITCHING is defined as:
inputs changing between HIGH and LOW every other clock cycle (once per two clocks) for address and control signals, and
inputs changing between HIGH and LOW every other data transfer (once per clock) for DQ signals not including masks or strobes.
Symbol
Conditions
Units
IDD0
Operating one bank active-precharge current; tCK = tCK(IDD), tRC = tRC(IDD), tRAS = tRAS-
min(IDD);CKE is HIGH, CS is HIGH between valid commands;Address bus inputs are SWITCHING;Data bus
inputs are SWITCHING
mA
IDD1
Operating one bank active-read-precharge curren ; IOUT = 0mA;BL = 4, CL = CL(IDD), AL = 0;
tCK = tCK(IDD), tRC = tRC (IDD), tRAS = tRASmin(IDD), tRCD = tRCD(IDD) ; CKE is HIGH, CS is HIGH
between valid commands ; Address bus inputs are SWITCHING ; Data pattern is same as IDD4W
mA
IDD2P
Precharge power-down current ; All banks idle ; tCK = tCK(IDD) ; CKE is LOW ; Other control and address
bus inputs are STABLE; Data bus inputs are FLOATING
mA
IDD2Q
Precharge quiet standby current;All banks idle; tCK = tCK(IDD);CKE is HIGH, CS is HIGH; Other control
and address bus inputs are STABLE; Data bus inputs are FLOATING
mA
IDD2N
Precharge standby current; All banks idle; tCK = tCK(IDD); CKE is HIGH, CS is HIGH; Other control and
address bus inputs are SWITCHING; Data bus inputs are SWITCHING
mA
IDD3P
Active power-down current; All banks open; tCK = tCK(IDD); CKE is
LOW; Other control and address bus inputs are STABLE; Data bus inputs are
FLOATING
Fast PDN Exit MRS(12) = 0
mA
Slow PDN Exit MRS(12) = 1
mA
IDD3N
Active standby current; All banks open; tCK = tCK(IDD), tRAS = tRASmax(IDD), tRP =tRP(IDD); CKE is
HIGH, CS is HIGH between valid commands; Other control and address bus inputs are SWITCHING; Data bus
inputs are SWITCHING
mA
IDD4W
Operating burst write current; All banks open, Continuous burst writes; BL = 4, CL = CL(IDD), AL = 0;
tCK = tCK(IDD), tRAS = tRASmax(IDD), tRP = tRP(IDD); CKE is HIGH, CS is HIGH between valid commands;
Address bus inputs are SWITCHING; Data bus inputs are SWITCHING
mA
IDD4R
Operating burst read current; All banks open, Continuous burst reads, IOUT = 0mA; BL = 4, CL =
CL(IDD), AL = 0; tCK = tCK(IDD), tRAS = tRASmax(IDD), tRP = tRP(IDD); CKE is HIGH, CS is HIGH between
valid commands; Address bus inputs are SWITCHING;; Data pattern is same as IDD4W
mA
IDD5B
Burst refresh current; tCK = tCK(IDD); Refresh command at every tRFC(IDD) interval; CKE is HIGH, CS is
HIGH between valid commands; Other control and address bus inputs are SWITCHING; Data bus inputs are
SWITCHING
mA
IDD6
Self refresh current; CK and CK at 0V; CKE £ 0.2V; Other control and address bus inputs are FLOATING;
Data bus inputs are FLOATING
mA
IDD7
Operating bank interleave read current; All bank interleaving reads, IOUT = 0mA; BL = 4, CL = CL(IDD),
AL = tRCD(IDD)-1*tCK(IDD); tCK = tCK(IDD), tRC = tRC(IDD), tRRD = tRRD(IDD), tRCD = 1*tCK(IDD); CKE
is HIGH, CS is HIGH between valid commands; Address bus inputs are STABLE during DESELECTs; Data pat-
tern is same as IDD4R; - Refer to the following page for detailed timing conditions
mA


Similar Part No. - HYMP112S64MP8-E4

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMP112S64MP8-E3 HYNIX-HYMP112S64MP8-E3 Datasheet
770Kb / 23P
   200pin Unbuffered DDR2 SDRAM SO-DIMMs based on 512 Mb 1st ver.
More results

Similar Description - HYMP112S64MP8-E4

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE10UE8AFSA ELPIDA-EBE10UE8AFSA Datasheet
264Kb / 29P
   1GB DDR2 SDRAM SO-DIMM
EBE21UE8AFSA ELPIDA-EBE21UE8AFSA Datasheet
259Kb / 29P
   2GB DDR2 SDRAM SO-DIMM
EBE11UD8AGUA ELPIDA-EBE11UD8AGUA Datasheet
202Kb / 24P
   1GB DDR2 SDRAM SO-DIMM
logo
List of Unclassifed Man...
SEN01G64D1BG1MT-2A[W]R ETC2-SEN01G64D1BG1MT-2A[W]R Datasheet
680Kb / 14P
   1GB DDR2 . SDRAM SO-DIMM
SEN02G64C4BH2MT-25[EW]R ETC2-SEN02G64C4BH2MT-25[EW]R Datasheet
437Kb / 14P
   2GB DDR2 . SDRAM SO-DIMM
logo
Elpida Memory
EBE21UE8ACUA ELPIDA-EBE21UE8ACUA Datasheet
262Kb / 27P
   2GB DDR2 SDRAM SO-DIMM
EBE11UE6ACSA ELPIDA-EBE11UE6ACSA Datasheet
299Kb / 27P
   1GB DDR2 SDRAM SO-DIMM
EBE21UE8AADA ELPIDA-EBE21UE8AADA Datasheet
215Kb / 21P
   2GB DDR2 SDRAM SO-DIMM
logo
List of Unclassifed Man...
SEC04G72C1BC2MT-37R ETC2-SEC04G72C1BC2MT-37R Datasheet
660Kb / 16P
   4GB DDR2 . SDRAM SO-DIMM
logo
Elpida Memory
EBE21UE8ACSA ELPIDA-EBE21UE8ACSA Datasheet
262Kb / 27P
   2GB DDR2 SDRAM SO-DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com