Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA3LX Datasheet(PDF) 88 Page - Texas Instruments

Click here to check the latest version.
Part # TDA3LX
Description  TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
Download  271 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDA3LX Datasheet(HTML) 88 Page - Texas Instruments

Back Button TDA3LX Datasheet HTML 84Page - Texas Instruments TDA3LX Datasheet HTML 85Page - Texas Instruments TDA3LX Datasheet HTML 86Page - Texas Instruments TDA3LX Datasheet HTML 87Page - Texas Instruments TDA3LX Datasheet HTML 88Page - Texas Instruments TDA3LX Datasheet HTML 89Page - Texas Instruments TDA3LX Datasheet HTML 90Page - Texas Instruments TDA3LX Datasheet HTML 91Page - Texas Instruments TDA3LX Datasheet HTML 92Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 271 page
background image
88
TDA3MV, TDA3MA, TDA3MD
TDA3LX, TDA3LA
SPRS964G – JUNE 2016 – REVISED MARCH 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: TDA3MV TDA3MA TDA3MD TDA3LX TDA3LA
Specifications
Copyright © 2016–2019, Texas Instruments Incorporated
Table 5-5. Maximum Supported Frequency (continued)
Module
Clock Sources
Instance Name
Input Clock Name
Clock Type
Max. Clock
Allowed (MHz)
PRCM Clock
Name
PLL / OSC /
Source Clock
Name
PLL / OSC /
Source Name
OCP_WP_NOC
PICLKOCPL3
Int
266
L3INSTR_L3_GICL
K
CORE_X2_CLK
DPLL_CORE
PWMSS1
PWMSS1_GICLK
Int & Func
133
L4PER2_L3_GICL
K
CORE_X2_CLK
DPLL_CORE
QSPI
QSPI_ICLK
Int
266
L4PER2_L3_GICL
K
CORE_X2_CLK
DPLL_CORE
QSPI_FCLK
Func
128
QSPI_GFCLK
FUNC_128M_CLK
DPLL_PER
PER_QSPI_CLK
DPLL_PER
RTI1
OCP_CLK_PI
Int
133
WKUPAON_GICL
K
CORE_X2_CLK
DPLL_CORE
RTI_CLK_PI
Func
13
RTI1_CLK
SYS_CLK1/4
OSC0
SYS_CLK2/4
OSC1
FUNC_32K_CLK
OSC0
RTI2
OCP_CLK_PI
Int
133
WKUPAON_GICL
K
CORE_X2_CLK
DPLL_CORE
RTI_CLK_PI
Func
13
RTI2_CLK
SYS_CLK1/4
OSC0
SYS_CLK2/4
OSC1
FUNC_32K_CLK
OSC0
RTI3
OCP_CLK_PI
Int
133
WKUPAON_GICL
K
CORE_X2_CLK
DPLL_CORE
RTI_CLK_PI
Func
13
RTI3_CLK
SYS_CLK1/4
OSC0
SYS_CLK2/4
OSC1
FUNC_32K_CLK
OSC0
RTI4
OCP_CLK_PI
Int
133
WKUPAON_GICL
K
CORE_X2_CLK
DPLL_CORE
RTI_CLK_PI
Func
13
RTI4_CLK
SYS_CLK1/4
OSC0
SYS_CLK2/4
OSC1
FUNC_32K_CLK
OSC0
RTI5
OCP_CLK_PI
Int
133
WKUPAON_GICL
K
CORE_X2_CLK
DPLL_CORE
RTI_CLK_PI
Func
13
RTI5_CLK
SYS_CLK1/4
OSC0
SYS_CLK2/4
OSC1
FUNC_32K_CLK
OSC0
SD_DAC
CLKDAC
Func
50
VID_PIX_CLK
VID_PIX_CLK
DPLL_EVE_VID_D
SP
SL2
piclk
Int
IVA_GCLK
IVA_GCLK
IVA_GFCLK
DPLL_IVA
SPINLOCK
SPINLOCK_ICLK
Int
133
L4CFG_L3_GICLK
CORE_X2_CLK
DPLL_CORE
TESOC
L3_CLK
Func
266
L3MAIN1_L3_GIC
LK
CORE_X2_CLK
DPLL_CORE
EXT_CLK
Func
50
EXT_CLK
TESOC_EXT_CLK
DPLL_CORE
TIMER1
TIMER1_ICLK
Int
133
WKUPAON_GICL
K
SYS_CLK1
OSC0
ABE_LP_CLK
DPLL_DDR
TIMER1_FCLK
Func
38.4
TIMER1_GFCLK
SYS_CLK1
OSC0
FUNC_32K_CLK
OSC0
SYS_CLK2
OSC1
XREF_CLK0
xref_clk0
XREF_CLK1
xref_clk1
ABE_GICLK
DPLL_DDR


Similar Part No. - TDA3LX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TDA3LX TI1-TDA3LX Datasheet
3Mb / 256P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3LX TI1-TDA3LX Datasheet
3Mb / 256P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3LX TI1-TDA3LX Datasheet
2Mb / 261P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3LX TI1-TDA3LX Datasheet
3Mb / 271P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3LX TI1-TDA3LX Datasheet
3Mb / 270P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
More results

Similar Description - TDA3LX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TDA3MV TI1-TDA3MV_V02 Datasheet
3Mb / 271P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV Datasheet
3Mb / 256P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV_V03 Datasheet
3Mb / 270P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI-TDA3MV_V04 Datasheet
3Mb / 271P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3 TI1-TDA3_18 Datasheet
2Mb / 261P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV_17 Datasheet
3Mb / 256P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA2EG TI1-TDA2EG Datasheet
4Mb / 393P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 23mm Package (ABC Package) Silicon Revision 2.0
TDA2EG-17 TI1-TDA2EG-17 Datasheet
4Mb / 391P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package) Silicon Revision 2.0
TDA2E-17 TI1-TDA2E-17 Datasheet
4Mb / 401P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package)
DM505_017 TI1-DM505_017 Datasheet
3Mb / 290P
[Old version datasheet]   SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com