Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA3LX Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TDA3LX
Description  TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
Download  271 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDA3LX Datasheet(HTML) 20 Page - Texas Instruments

Back Button TDA3LX Datasheet HTML 16Page - Texas Instruments TDA3LX Datasheet HTML 17Page - Texas Instruments TDA3LX Datasheet HTML 18Page - Texas Instruments TDA3LX Datasheet HTML 19Page - Texas Instruments TDA3LX Datasheet HTML 20Page - Texas Instruments TDA3LX Datasheet HTML 21Page - Texas Instruments TDA3LX Datasheet HTML 22Page - Texas Instruments TDA3LX Datasheet HTML 23Page - Texas Instruments TDA3LX Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 271 page
background image
Copyright © 2016–2019, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
Product Folder Links: TDA3MV TDA3MA TDA3MD TDA3LX TDA3LA
20
TDA3MV, TDA3MA, TDA3MD
TDA3LX, TDA3LA
SPRS964G – JUNE 2016 – REVISED MARCH 2019
www.ti.com
Table 4-2. Ball Characteristics(1) (continued)
BALL NUMBER [1]
BALL NAME [2]
SIGNAL NAME [3]
MA/LX/LA
[4]
MUXMODE
[5]
TYPE [6]
BALL
RESET
STATE [7]
BALL
RESET
REL.
STATE [8]
BALL
RESET
REL.
MUXMODE
[9]
I/O
VOLTAGE
VALUE [10]
POWER
[11]
HYS [12]
BUFFER
TYPE [13]
PULL
UP/DOWN
TYPE [14]
DSIS [15]
A4
gpmc_ad15
gpmc_ad15
0
IO
OFF
OFF
15
1.8/3.3
vddshv2
Yes
Dual
Voltage
LVCMOS
PU/PD
0
spi2_cs0
4
IO
1
gpio1_29
14
IO
sysboot15
mcasp2_axr5
15
I
F12
gpmc_advn_ale
gpmc_advn_ale
0
O
PD
PD
0
1.8/3.3
vddshv2
Yes
Dual
Voltage
LVCMOS
PU/PD
rgmii1_txd2
1
O
ehrpwm1_tripzone_input
4
IO
0
clkout1
5
O
dma_evt4
6
I
gpio1_3
14
IO
Driver off
15
I
D12
gpmc_ben0
gpmc_ben0
0
O
PD
PD
0
1.8/3.3
vddshv2
Yes
Dual
Voltage
LVCMOS
PU/PD
rgmii1_txctl
1
O
ehrpwm1A
4
O
dma_evt2
6
I
gpio1_1
14
IO
Driver off
15
I
E12
gpmc_ben1
gpmc_ben1
0
O
PD
PD
15
1.8/3.3
vddshv2
Yes
Dual
Voltage
LVCMOS
PU/PD
rgmii1_txd3
1
O
ehrpwm1B
4
O
dma_evt3
6
I
gpio1_2
14
IO
Driver off
15
I
C12
gpmc_clk
gpmc_clk
0
IO
PD
PD
0
1.8/3.3
vddshv2
Yes
Dual
Voltage
LVCMOS
PU/PD
0
rgmii1_txc
1
O
clkout0
5
O
dma_evt1
6
I
gpio1_0
14
IO
Driver off
15
I
C10
gpmc_cs0
gpmc_cs0
0
O
PU
PU
0
1.8/3.3
vddshv2
Yes
Dual
Voltage
LVCMOS
PU/PD
rgmii1_rxctl
1
I
0
gpio1_6
14
IO
Driver off
15
I


Similar Part No. - TDA3LX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TDA3LX TI1-TDA3LX Datasheet
3Mb / 256P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3LX TI1-TDA3LX Datasheet
3Mb / 256P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3LX TI1-TDA3LX Datasheet
2Mb / 261P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3LX TI1-TDA3LX Datasheet
3Mb / 271P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3LX TI1-TDA3LX Datasheet
3Mb / 270P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
More results

Similar Description - TDA3LX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TDA3MV TI1-TDA3MV_V02 Datasheet
3Mb / 271P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV Datasheet
3Mb / 256P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV_V03 Datasheet
3Mb / 270P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI-TDA3MV_V04 Datasheet
3Mb / 271P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3 TI1-TDA3_18 Datasheet
2Mb / 261P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV_17 Datasheet
3Mb / 256P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA2EG TI1-TDA2EG Datasheet
4Mb / 393P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 23mm Package (ABC Package) Silicon Revision 2.0
TDA2EG-17 TI1-TDA2EG-17 Datasheet
4Mb / 391P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package) Silicon Revision 2.0
TDA2E-17 TI1-TDA2E-17 Datasheet
4Mb / 401P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package)
DM505_017 TI1-DM505_017 Datasheet
3Mb / 290P
[Old version datasheet]   SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com