Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SV03 Datasheet(PDF) 3 Page - AVX Corporation

Part # SV03
Description  High Voltage MLC Radials (SV Style)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SV03 Datasheet(HTML) 3 Page - AVX Corporation

  SV03 Datasheet HTML 1Page - AVX Corporation SV03 Datasheet HTML 2Page - AVX Corporation SV03 Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
40
High Voltage MLC Radials (SV Style)
C0G
Style
1000V
2000V
3000V
4000V
5000V
min./max.
min./max.
min./max.
min./max.
min./max.
SV01
100 pF / 1000 pF
10 pF / 180 pF
10 pF /
82 pF
SV02
100 pF / 3300 pF
10 pF / 680 pF
10 pF / 270 pF
10 pF /
150 pF
10 pF / 100 pF
SV03
100 pF / 5600 pF
100 pF / 1200 pF
10 pF / 470 pF
10 pF /
270 pF
10 pF / 180 pF
SV04
100 pF / 2200 pF
10 pF / 470 pF
10 pF / 180 pF
10 pF /
100 pF
10 pF /
68 pF
SV05
1000 pF /0.015 µF
100 pF / 3300 pF
100 pF / 1200 pF
10 pF /
680 pF
10 pF / 470 pF
SV06
100 pF / 6800 pF
100 pF / 1500 pF
10 pF / 560 pF
10 pF /
330 pF
10 pF / 220 pF
SV07
1000 pF /0.027 µF
100 pF / 5600 pF
100 pF / 2200 pF
100 pF / 1200 pF
10 pF / 820 pF
SV08
1000 pF /0.039 µF
1000 pF / 0.01 µF
100 pF / 3900 pF
100 pF / 2200 pF
100 pF / 1500 pF
SV09
1000 pF /0.068 µF
1000 pF /0.015 µF
100 pF / 6800 pF
100 pF / 3900 pF
100 pF / 2700 pF
SV10
1000 pF /0.056 µF
1000 pF /0.012 µF
100 pF / 5600 pF
100 pF / 3300 pF
100 pF / 2200 pF
SV11
1000 pF /0.082 µF
1000 pF /0.022 µF
100 pF / 8200 pF
100 pF / 4700 pF
100 pF / 3300 pF
SV12
.01 µF / 0.15 µF
1000 pF /0.033 µF
1000 pF /0.015 µF
100 pF / 8200 pF
100 pF / 5600 pF
SV13
100 pF / 8200 pF
100 pF / 1800 pF
100 pF / 820 pF
10 pF /
390 pF
10 pF / 270 pF
SV14
1000 pF /0.015 µF
100 pF / 4700 pF
100 pF / 1500 pF
10 pF /
820 pF
10 pF / 560 pF
SV15
1000 pF /0.033 µF
100 pF / 0.01 µF
100 pF / 2700 pF
100 pF / 1800 pF
100 pF / 1200 pF
SV16
1000 pF /0.068 µF
1000 pF /0.018 µF
100 pF / 6800 pF
100 pF / 3900 pF
100 pF / 2700 pF
SV17
1000 pF / 0.10 µF
1000 pF /0.039 µF
1000 pF /0.012 µF
100 pF / 6800 pF
100 pF / 4700 pF
X7R
SV01
1000 pF /0.012 µF
100 pF / 1500 pF
SV02
1000 pF /0.047 µF
100 pF / 5600 pF
100 pF / 2700 pF
SV03
1000 pF /0.082 µF
1000 pF / 0.01 µF
100 pF / 4700 pF
100 pF / 1800 pF
SV04
1000 pF /0.033 µF
100 pF / 3900 pF
100 pF / 1800 pF
100 pF /
820 pF
SV05
.01 µF / 0.22 µF
1000 pF /0.027 µF
1000 pF /0.012 µF
100 pF / 4700 pF
SV06
.01 µF / 0.10 µF
1000 pF /0.012 µF
100 pF / 6800 pF
100 pF / 2700 pF
100 pF / 1200 pF
SV07
.01 µF / 0.39 µF
1000 pF /0.047 µF
1000 pF /0.027 µF
1000 pF /
0.01 µF
100 pF / 6800 pF
SV08
.01 µF / 0.68 µF
1000 pF /0.082 µF
1000 pF /0.047 µF
1000 pF / 0.018 µF
1000 pF /0.012 µF
SV09
.10 µF / 1.00 µF
.01 µF / 0.12 µF
1000 pF /0.068 µF
1000 pF / 0.027 µF
1000 pF /0.018 µF
SV10
.01 µF / 0.82 µF
.01 µF / 0.10 µF
1000 pF /0.056 µF
1000 pF / 0.022 µF
1000 pF /0.018 µF
SV11
.10 µF /
1.2 µF
.01 µF / 0.18 µF
.01 µF / 0.10 µF
1000 pF / 0.039 µF
1000 pF /0.027 µF
SV12
.10 µF / 2.20 µF
.01 µF / 0.27 µF
.01 µF / 0.15 µF
1000 pF / 0.056 µF
1000 pF /0.033 µF
SV13
.01 µF / 0.10 µF
1000 pF /0.012 µF
100 pF / 6800 pF
100 pF / 2700 pF
SV14
.01 µF / 0.18 µF
1000 pF /0.022 µF
1000 pF /0.015 µF
100 pF / 5600 pF
SV15
.01 µF / 0.27 µF
1000 pF /0.033 µF
1000 pF /0.022 µF
1000 pF / 8200 pF
100 pF / 4700 pF
SV16
.01 µF /
1.0 µF
.01 µF / 0.12 µF
1000 pF /0.068 µF
1000 pF / 0.027 µF
1000 pF /0.018 µF
SV17
.01 µF /
1.2 µF
.01 µpF / 0.15 µF
1000 pF /0.082 µF
1000 pF / 0.039 µF
1000 pF /0.027 µF
Note: Contact factory for other voltage ratings or values.
Specification #
Description
Capacitance Range
87046
C0G-1000 VDC
10 pF - 0.025 µF
87043
X7R-1000 VDC
100 pF - 0.47 µF
87040
X7R-2000 VDC
100 pF - 0.22 µF
87114
C0G-3000 VDC
10 pF - 8200 pF
87047
X7R-3000 VDC
100 pF -
0.1 µF
87076
C0G-4000 VDC
10 pF - 6800 pF
89044
X7R-4000 VDC
100 pF - 0.056 µF
87077
C0G-5000 VDC
10 pF - 5600 pF
87070
X7R-5000 VDC
100 pF - 0.033 µF
87081
X7R-10000 VDC
470 pF - 0.01 µF
CAPACITANCE VALUE
AVX IS QUALIFIED TO THE FOLLOWING DSCC DRAWINGS
These specifications require group A and B testing per
MIL-PRF-49467


Similar Part No. - SV03

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
SV033 VECTRON-SV033 Datasheet
35Kb / 3P
   Standard 4-Pin DIP Package Enable Function
logo
Murata Manufacturing Co...
SV03A103AEA01B00 MURATA-SV03A103AEA01B00 Datasheet
191Kb / 3P
   Total Resistance Value
SV03A103AEA01R00 MURATA-SV03A103AEA01R00 Datasheet
193Kb / 3P
   Total Resistance Value
logo
Sanken electric
SV03YS SANKEN-SV03YS Datasheet
15Kb / 1P
   Symmetrical type Silicon Varistors
logo
List of Unclassifed Man...
SV03YS ETC-SV03YS Datasheet
15Kb / 1P
   Symmetrical type Silicon Varistors
More results

Similar Description - SV03

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
SV14AA103KAR AVX-SV14AA103KAR Datasheet
251Kb / 4P
   High Voltage MLC Radials (SV Style) Application Information on High Voltage MLC Capacitors
0805AA330KAT1A AVX-0805AA330KAT1A Datasheet
99Kb / 2P
   High Voltage MLC Chips
1825CC104KAT1A AVX-1825CC104KAT1A Datasheet
93Kb / 2P
   High Voltage MLC Chips
1206CC153KAT1A AVX-1206CC153KAT1A Datasheet
118Kb / 2P
   High Voltage MLC Chips
1206GC102KAT1A AVX-1206GC102KAT1A Datasheet
93Kb / 2P
   High Voltage MLC Chips
1812AA102JAT1A AVX-1812AA102JAT1A Datasheet
93Kb / 2P
   High Voltage MLC Chips
1812GC102KAT1A AVX-1812GC102KAT1A Datasheet
93Kb / 2P
   High Voltage MLC Chips
1206GC102KAT2A AVX-1206GC102KAT2A Datasheet
93Kb / 2P
   High Voltage MLC Chips
1206AC102KAT2A AVX-1206AC102KAT2A Datasheet
93Kb / 2P
   High Voltage MLC Chips
1808GC222KAT1A AVX-1808GC222KAT1A Datasheet
93Kb / 2P
   High Voltage MLC Chips
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com