Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FPF2124 Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FPF2124
Description  IntelliMAX Advanced Load Management Products
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FPF2124 Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FPF2124 Datasheet HTML 5Page - Fairchild Semiconductor FPF2124 Datasheet HTML 6Page - Fairchild Semiconductor FPF2124 Datasheet HTML 7Page - Fairchild Semiconductor FPF2124 Datasheet HTML 8Page - Fairchild Semiconductor FPF2124 Datasheet HTML 9Page - Fairchild Semiconductor FPF2124 Datasheet HTML 10Page - Fairchild Semiconductor FPF2124 Datasheet HTML 11Page - Fairchild Semiconductor FPF2124 Datasheet HTML 12Page - Fairchild Semiconductor FPF2124 Datasheet HTML 13Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
www.fairchildsemi.com
FPF2123-FPF2125 Rev. C
Application Information
Typical Application
OFF ON
ON
VIN
GND
FPF2123- FPF2125
ISET
VOUT
Battery
1.8V-5.5V
C1 = 10
µF
R1 = 100K
C2 = 0.1
µF
LOAD
R2 = 499
Setting Current Limit
The FPF2123, FPF2124, and FPF2125 have a current limit
which is set with an external resistor connected between ISET
and GND. This resistor is selected by using the following
equation,
RSET is in Ohms and that of ILIM is Amps
The table below can also be used to select RSET. A typical
application would be the 500mA current that is required by a
single USB port. Using the table below an appropriate selection
for the RSET resistor would be 604Ω. This will ensure that the
port load could draw 570mA, but not more than 950mA.
Likewise for a dual port system, an RSET of 340Ω would always
deliver at least 1120mA and never more than 1860mA.
Input Capacitor
To limit the voltage drop on the input supply caused by transient
in-rush currents when the switch turns-on into a discharged load
capacitance or a short-circuit, a capacitor needs to be placed
between VIN and GND. A 0.1uF ceramic capacitor, CIN, placed
close to the pins is usually sufficient. Higher values of CIN can
be used to further reduce the voltage drop.
Output Capacitor
A 0.1uF capacitor, COUT, should be placed between VOUT and
GND. This capacitor will prevent parasitic board inductances
from forcing VOUT below GND when the switch turns-off. For
the FPF2123 and FPF2124, the total output capacitance needs
to be kept below a maximum value, COUT(max), to prevent the
part from registering an over-current condition and turning-off
the switch. The maximum output capacitance can be
determined from the following formula,
Current Limit Various RSET Values
Power Dissipation
During normal operation as a switch, the power dissipated in the
part will depend upon the level at which the current limit is set.
The maximum allowed setting for the current limit is 1.5A and
this will result in a typical power dissipation of,
If the part goes into current limit the maximum power dissipation
will occur when the output is shorted to ground.
For the
FPF2123 the power dissipation will scale by the Auto-Restart
Time, tRESTART, and the Over Current Blanking Time, tBLANK,
so that the maximum power dissipated is,
LIM
SET
I
460
R
=
IN
BLANK
LIM
OUT
V
(min)
t
(max)
I
(max)
C
=
RSET
[
Ω]
Min. Current
Limit
[mA]
Typ. Current
Limit
[mA]
Max. Current
Limit
[mA]
309
1120
1490
1860
340
1010
1350
1690
374
920
1230
1540
412
840
1120
1400
453
760
1010
1270
499
690
920
1150
549
630
840
1050
576
600
800
1000
604
570
760
950
732
470
630
790
887
390
520
650
1070
320
430
540
1300
260
350
440
1910
180
240
300
3090
110
150
190
81mW
2
0.125
(1.5)
R
)
(I
P
2
2
ON
LIM
=
=
=
(2)
(1)
(3)


Similar Part No. - FPF2124

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF2124 FAIRCHILD-FPF2124 Datasheet
368Kb / 13P
   IntelliMAX??Advanced Load Management Products
logo
ON Semiconductor
FPF2124 ONSEMI-FPF2124 Datasheet
382Kb / 15P
   Advanced Load Management Products
October 2008 Rev. F
More results

Similar Description - FPF2124

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF2116 FAIRCHILD-FPF2116_08 Datasheet
385Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF2100 FAIRCHILD-FPF2100 Datasheet
431Kb / 12P
   IntelliMAX Advanced Load Management Products
FPF2006 FAIRCHILD-FPF2006 Datasheet
516Kb / 10P
   IntelliMAX??Advanced Load Management Products
FPF2123 FAIRCHILD-FPF2123_06 Datasheet
368Kb / 13P
   IntelliMAX??Advanced Load Management Products
FPF2172 FAIRCHILD-FPF2172 Datasheet
462Kb / 11P
   IntelliMAX??Advanced Load Management Products
FPF2100 FAIRCHILD-FPF2100_08 Datasheet
361Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF1003A FAIRCHILD-FPF1003A Datasheet
606Kb / 9P
   IntelliMAX??Advanced Load Management Products
FPF2000 FAIRCHILD-FPF2000_08 Datasheet
341Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF1003_0612 FAIRCHILD-FPF1003_0612 Datasheet
496Kb / 9P
   IntelliMAX??Advanced Load Management Products
FPF2172 FAIRCHILD-FPF2172_08 Datasheet
542Kb / 10P
   IntelliMAX??Advanced Load Management Products
FPF2108 FAIRCHILD-FPF2108 Datasheet
423Kb / 12P
   IntelliMAX Advanced Load Management Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com