Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MA102 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part No. MA102
Description  Rotary Knob Kit for the MagAlpha
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MPS [Monolithic Power Systems]
Homepage  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MA102 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MA102 Datasheet HTML 3Page - Monolithic Power Systems MA102 Datasheet HTML 4Page - Monolithic Power Systems MA102 Datasheet HTML 5Page - Monolithic Power Systems MA102 Datasheet HTML 6Page - Monolithic Power Systems MA102 Datasheet HTML 7Page - Monolithic Power Systems MA102 Datasheet HTML 8Page - Monolithic Power Systems MA102 Datasheet HTML 9Page - Monolithic Power Systems MA102 Datasheet HTML 10Page - Monolithic Power Systems MA102 Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
EVKT-KNOB
– ROTARY KNOB KIT FOR THE MAGALPHA
EVKT-KNOB
www.MonolithicPower.com
8
12/10/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
Connector Pin-Out
Figure 12: Connector Pin-Out Type 2
Table 5: Connector Pin Mapping Type 2
Pin
Name
Description
CN1.1
VDD
3.3V supply.
CN1.2
GND
Ground.
CN1.3
CS
Chip select (serial).
CN1.4
SCLK
Clock (serial).
CN1.5
TEST
Test pin.
CN1.6
MOSI
Master out slave in (serial).
CN1.7
MISO
Master in slave out (serial).
CN1.8
MGL2
Magnetic level low (option).
CN1.9
-
-
CN1.10
MGH2
Magnetic level high (option).
CN1.11
IO63
Pin 15 (IO).
CN1.12
IO13
Pin 1 (IO).
CN1.13
IO53
Pin 9 (IO).
CN1.14
IO43
Pin 6 (IO).
CN1.15
IO23
Pin 2 (IO).
CN1.16
IO33
Pin 3 (IO).
NOTES:
2)
The availability of this option depends of the chip part ID. Please refer to the part datasheet directly.
3)
Please refer to the chip datasheet directly to know which feature is available on this pin.


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn