Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA100 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MA100
Description  Rotary Knob Kit for the MagAlpha
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MA100 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MA100 Datasheet HTML 3Page - Monolithic Power Systems MA100 Datasheet HTML 4Page - Monolithic Power Systems MA100 Datasheet HTML 5Page - Monolithic Power Systems MA100 Datasheet HTML 6Page - Monolithic Power Systems MA100 Datasheet HTML 7Page - Monolithic Power Systems MA100 Datasheet HTML 8Page - Monolithic Power Systems MA100 Datasheet HTML 9Page - Monolithic Power Systems MA100 Datasheet HTML 10Page - Monolithic Power Systems MA100 Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
EVKT-KNOB
– ROTARY KNOB KIT FOR THE MAGALPHA
EVKT-KNOB
www.MonolithicPower.com
8
12/10/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
Connector Pin-Out
Figure 12: Connector Pin-Out Type 2
Table 5: Connector Pin Mapping Type 2
Pin
Name
Description
CN1.1
VDD
3.3V supply.
CN1.2
GND
Ground.
CN1.3
CS
Chip select (serial).
CN1.4
SCLK
Clock (serial).
CN1.5
TEST
Test pin.
CN1.6
MOSI
Master out slave in (serial).
CN1.7
MISO
Master in slave out (serial).
CN1.8
MGL2
Magnetic level low (option).
CN1.9
-
-
CN1.10
MGH2
Magnetic level high (option).
CN1.11
IO63
Pin 15 (IO).
CN1.12
IO13
Pin 1 (IO).
CN1.13
IO53
Pin 9 (IO).
CN1.14
IO43
Pin 6 (IO).
CN1.15
IO23
Pin 2 (IO).
CN1.16
IO33
Pin 3 (IO).
NOTES:
2)
The availability of this option depends of the chip part ID. Please refer to the part datasheet directly.
3)
Please refer to the chip datasheet directly to know which feature is available on this pin.


Similar Part No. - MA100

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
MA100 EXTECH-MA100 Datasheet
202Kb / 1P
   200A AC Mini Clamp Meter/Voltage Detector
logo
Megawin Technology Co.,...
MA100 MEGAWIN-MA100 Datasheet
276Kb / 9P
   UART-to- USB Bridge Controller
logo
Monolithic Power System...
MA100 MPS-MA100 Datasheet
1Mb / 17P
   MagAlpha Communication Kit
MA100 MPS-MA100 Datasheet
879Kb / 11P
   Rotary Knob Kit for the MagAlpha
logo
M-System Co.,Ltd.
MA100 MSYSTEM-MA100 Datasheet
111Kb / 3P
   Lightning Surge Protectors for Electronics Equipment M-RESTER
More results

Similar Description - MA100

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EVKT730-KNOB-Q-01A MPS-EVKT730-KNOB-Q-01A Datasheet
879Kb / 11P
   Rotary Knob Kit for the MagAlpha
EVKT-KNOB MPS-EVKT-KNOB Datasheet
708Kb / 8P
   Rotary Knob Kit for the MagAlpha
EVKT-MACOM MPS-EVKT-MACOM Datasheet
1Mb / 17P
   MagAlpha Communication Kit
logo
List of Unclassifed Man...
45KN019-GRX ETC1-45KN019-GRX Datasheet
76Kb / 1P
   Rotary Knob
logo
Purdy Electronics Corpo...
RDS10-412 PURDY-RDS10-412 Datasheet
156Kb / 2P
   Knob Type Rotary DIP Code Switches
logo
Schurter Inc.
TA35ROTARYSWITCH2POL SCHURTER-TA35ROTARYSWITCH2POL Datasheet
1Mb / 13P
   Circuit Breaker for Equipment thermal, Rotary knob actuation, 2 pole
logo
Maxim Integrated Produc...
MAX3678EVKIT MAXIM-MAX3678EVKIT Datasheet
78Kb / 1P
   Evaluation Kit for the MAX3678
11/9/2009
logo
Schneider Electric
GV2AP01 SCHNEIDER-GV2AP01 Datasheet
98Kb / 2P
   Extended rotary handle kit
logo
Texas Instruments
SBAU202 TI1-SBAU202 Datasheet
2Mb / 47P
[Old version datasheet]   Performance Demonstration Kit for the ADS130E08
logo
Analog Devices
EVAL-ADN2525-NT AD-EVAL-ADN2525-NT_15 Datasheet
553Kb / 8P
   Optical Evaluation Kit for the ADN2525
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com