Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MA100 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part No. MA100
Description  Rotary Knob Kit for the MagAlpha
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MPS [Monolithic Power Systems]
Homepage  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MA100 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MA100 Datasheet HTML 2Page - Monolithic Power Systems MA100 Datasheet HTML 3Page - Monolithic Power Systems MA100 Datasheet HTML 4Page - Monolithic Power Systems MA100 Datasheet HTML 5Page - Monolithic Power Systems MA100 Datasheet HTML 6Page - Monolithic Power Systems MA100 Datasheet HTML 7Page - Monolithic Power Systems MA100 Datasheet HTML 8Page - Monolithic Power Systems MA100 Datasheet HTML 9Page - Monolithic Power Systems MA100 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
EVKT-KNOB
– ROTARY KNOB KIT FOR THE MAGALPHA
EVKT-KNOB
www.MonolithicPower.com
6
12/10/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
BOARD TYPE 2
Figure 8: Board Overview Type 2
Schematic
Figure 9: Schematic Type 2
Bill of Materials
Table 4: Bill of Materials Type 2
Quantity
Designator
Description
Value
Manufacturer
Manufacturer PN
1
C1
Ceramic capacitor; 16V;
X7R; 0603;
1µF
Murata
GRM188R71C105MA12D
1
C2 (not
populated)
Ceramic capacitor; 25V;
X7R; 0603;
100nF
Murata
GRM188R71E104MA01D
1
U1
MagAlpha magnetic position
sensor
MAxxx
MPS
1
CN1
16 position receptacle
connector 0.100" (2.54mm)
surface mount tin
Würth Elektronik
or
TE Connectivity
690367281676
or
8-2178711-6
1
2
3
4
5
6
7
8
9
10
11
12
13
15
16
14
17
VDD
CS
SCLK
MISO
MGH
MGL
100nF
MOSI
GND
TEST
N/C
PAD
IO1
IO2
IO3
IO4
IO5
+3.3V
IO6
1µF
Optional
PAD: N/C or
tied to GND
CS
SCLK
MISO
MOSI
MGH
MGL
TEST
IO1
IO2
IO3
IO4
IO5
IO6
U1
C1
C2
CN1
2
4
6
8
10
12
14
16
1
3
5
7
9
11
13
15
+3.3V
CS
TEST
MISO
IO6
IO5
IO4
IO2
IO3
IO1
MGH
MGL
MOSI
SCLK


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn