Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1258 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1258
Description  16-Channel, 24-Bit Analog-to-Digital Converter
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1258 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADS1258 Datasheet HTML 9Page - Texas Instruments ADS1258 Datasheet HTML 10Page - Texas Instruments ADS1258 Datasheet HTML 11Page - Texas Instruments ADS1258 Datasheet HTML 12Page - Texas Instruments ADS1258 Datasheet HTML 13Page - Texas Instruments ADS1258 Datasheet HTML 14Page - Texas Instruments ADS1258 Datasheet HTML 15Page - Texas Instruments ADS1258 Datasheet HTML 16Page - Texas Instruments ADS1258 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 47 page
background image
www.ti.com
MULTIPLEXER INPUTS
AVSS * 100mV t VREFP or VREFN t AVDD ) 100mV
(1)
VOLTAGE REFERENCE INPUTS
ESD
Diodes
ESD
Diodes
3pF
R
eff = 40kΩ
(f
CLK = 16MHz)
AVDD
AVSS
VREFP
VREFN
ADS1258
SBAS297A – JUNE 2005 – REVISED SEPTEMBER 2005
ESD diodes protect the reference inputs. To keep
these diodes from turning on, make sure the voltages
A simplified diagram of the input multiplexer is
on the reference pins do not go below AVSS by more
illustrated in Figure 35. The multiplexer connects one
than 100mV, and likewise do not exceed AVDD by
of 16 single-ended external inputs, one of eight
100mV, as described in Equation 1:
differential external inputs, or one of the on-chip
internal variables to the ADC inputs. The output of the
channel multiplexer can be routed to external pins
A high-quality reference voltage is essential for
and then to the input of the ADC. This flexibility
achieving the best performance from the ADS1258.
allows for use of external signal conditioning. See the
Noise and drift on the reference degrade overall
External Multiplexer Loop section.
system performance. It is especially critical that
special care be given to the circuitry that generates
ESD diodes protect the analog inputs. To keep these
the reference voltages and the layout when operating
diodes from turning on, make sure the voltages on
in the low-noise settings (that is, with low data rates)
the input pins do not go below AVSS by more than
to
prevent
the
voltage
reference
from
limiting
100mV, and likewise do not exceed AVDD by more
performance. See the Reference Inputs description in
than 100mV:
the
Hardware
Considerations
segment
of
the
AVSS – 100mV < (Analog Inputs) < AVDD + 100mV.
Applications section.
The converter supports two modes of channel access
through the multiplexer: the Auto-Scan mode and the
Fixed-Channel mode. These modes are selected by
the
MUXMOD
bit
of
register
CONFIG0.
The
Auto-Scan
mode
scans
through
the
selected
channels
automatically,
with
break-before-make
switching. The Fixed-Channel mode requires the user
to
set
the
channel
address
for
each
channel
measured.
(VREFP, VREFN)
The voltage reference for the ADS1258 ADC is the
differential voltage between VREFP and VREFN:
VREF = VREFP – VREFN. The reference inputs use a
structure similar to that of the analog inputs with the
circuitry on the reference inputs shown in Figure 34.
The load presented by the switched capacitor can be
modeled with an effective resistance (Reff) of 40kΩ for
fCLK = 16MHz. Note that the effective impedance of
Figure 34. Simplified Reference Input Circuit
the reference inputs will load an external reference
with a non-zero source impedance.
13


Similar Part No. - ADS1258

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1258 TI1-ADS1258 Datasheet
1Mb / 55P
[Old version datasheet]   16-Channel, 24-Bit Analog-to-Digital Converter
ADS1258-EP TI-ADS1258-EP Datasheet
1Mb / 57P
[Old version datasheet]   16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1258-EP TI1-ADS1258-EP_14 Datasheet
1Mb / 59P
[Old version datasheet]   16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1258EVM TI-ADS1258EVM Datasheet
919Kb / 39P
[Old version datasheet]   SBAU126C?밠ay 2007?밨evised May 2011
ADS1258EVM-PDK TI-ADS1258EVM-PDK Datasheet
919Kb / 39P
[Old version datasheet]   SBAU126C?밠ay 2007?밨evised May 2011
More results

Similar Description - ADS1258

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1258-EP TI1-ADS1258-EP_14 Datasheet
1Mb / 59P
[Old version datasheet]   16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1258IRTCTG4 TI1-ADS1258IRTCTG4 Datasheet
1Mb / 54P
[Old version datasheet]   16-Channel, 24-Bit Analog-to-Digital Converter
ADS1258 TI1-ADS1258_14 Datasheet
1Mb / 55P
[Old version datasheet]   16-Channel, 24-Bit Analog-to-Digital Converter
ADS1258-EP TI-ADS1258-EP Datasheet
1Mb / 57P
[Old version datasheet]   16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1158 TI1-ADS1158_14 Datasheet
1Mb / 53P
[Old version datasheet]   16-Channel, 16-Bit Analog-to-Digital Converter
ADS1158 TI-ADS1158 Datasheet
966Kb / 50P
[Old version datasheet]   16-Channel, 16-Bit Analog-to-Digital Converter
ADS1217 TI1-ADS1217_14 Datasheet
1Mb / 34P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1217IPFBRG4 TI1-ADS1217IPFBRG4 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1216 TI1-ADS1216_14 Datasheet
1Mb / 41P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1217 BURR-BROWN-ADS1217 Datasheet
458Kb / 28P
   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com