Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADF7901BRU Datasheet(PDF) 4 Page - Analog Devices

Part # ADF7901BRU
Description  High Performance ISM Band ASK/FSK Transmitter IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7901BRU Datasheet(HTML) 4 Page - Analog Devices

  ADF7901BRU Datasheet HTML 1Page - Analog Devices ADF7901BRU Datasheet HTML 2Page - Analog Devices ADF7901BRU Datasheet HTML 3Page - Analog Devices ADF7901BRU Datasheet HTML 4Page - Analog Devices ADF7901BRU Datasheet HTML 5Page - Analog Devices ADF7901BRU Datasheet HTML 6Page - Analog Devices ADF7901BRU Datasheet HTML 7Page - Analog Devices ADF7901BRU Datasheet HTML 8Page - Analog Devices ADF7901BRU Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ADF7901
Preliminary Technical Data
Rev. PrD | Page 4 of 12
Parameter1
Min
Typ
Max
Unit
PHASE-LOCKED LOOP
VCO Gain
30
MHz/V at 384 MHz
Spurious7,
3
100 kHz loop BW
Integer Boundary
–45
−23
dBc
Reference
−70
−23
dBc
Harmonics
3
Second Harmonic VDD = 3.0 V
−24
−21
dBc
Third Harmonic VDD = 3.0 V
−14
−11
dBc
All Other Harmonics
−18
dBc
REFERENCE INPUT
Crystal Reference
9.8304
MHz
POWER AMPLIFIER
PA Output Impedance
97 Ω + 6.4
pF
At 384 MHz
TIMING INFORMATION
Crystal Oscillator to PLL Lock
3
2
3
ms
PA Enable to PA ready–PLL Settle8
100
250
µs
TEMPERATURE RANGE – TA
0
50
°C
1 Operating temperature range is as follows: 0°C to +50°C.
2 Frequency Deviation = 34 × (9.8304 MHz )/214. Error in the crystal will be reflected in variation in the desired deviation.
3 Not production tested. Based on characterization.
4 The output power can be varied in both ASK/FSK mode by altering the relevant external resistor.
5 Measured using Spectrum Analyzer, 1 MHz span, 100 kHz RBW, MAX HOLD enabled.
6 Maximum power-down current spec applies for the OSC2 pin grounded.
7 Measured > 461.9 kHz away from channel.
8 This spec refers to the time taken for the PLL to regain lock after the PA has been enabled. The PA is should only be enabled after the PLL has settled to the correct
frequency.


Similar Part No. - ADF7901BRU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF7901BRU AD-ADF7901BRU Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
ADF7901BRU-REEL AD-ADF7901BRU-REEL Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
ADF7901BRU-REEL7 AD-ADF7901BRU-REEL7 Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
ADF7901BRUZ-RL1 AD-ADF7901BRUZ-RL1 Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
ADF7901BRUZ-RL71 AD-ADF7901BRUZ-RL71 Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
More results

Similar Description - ADF7901BRU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF7010BRUZ AD-ADF7010BRUZ Datasheet
615Kb / 20P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7011 AD-ADF7011_15 Datasheet
573Kb / 24P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7010 AD-ADF7010 Datasheet
561Kb / 20P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7010 AD-ADF7010_15 Datasheet
615Kb / 20P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7011 AD-ADF7011 Datasheet
567Kb / 24P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7020BCPZ AD-ADF7020BCPZ Datasheet
719Kb / 48P
   High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
ADF7020 AD-ADF7020 Datasheet
797Kb / 40P
   High Performance ISM Band FSK/ASK Transceiver IC
Rev. PrH
ADF7020 AD-ADF7020_15 Datasheet
719Kb / 48P
   High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
ADF7901 AD-ADF7901_15 Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
ADF7901 AD-ADF7901_06 Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com