Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU-61688F0 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # BU-61688F0
Description  MINIATURE ADVANCED COMMUNICATION ENGINE (MINI-ACE) AND MINI-ACE PLUS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

BU-61688F0 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  BU-61688F0 Datasheet HTML 1Page - List of Unclassifed Manufacturers BU-61688F0 Datasheet HTML 2Page - List of Unclassifed Manufacturers BU-61688F0 Datasheet HTML 3Page - List of Unclassifed Manufacturers BU-61688F0 Datasheet HTML 4Page - List of Unclassifed Manufacturers BU-61688F0 Datasheet HTML 5Page - List of Unclassifed Manufacturers BU-61688F0 Datasheet HTML 6Page - List of Unclassifed Manufacturers BU-61688F0 Datasheet HTML 7Page - List of Unclassifed Manufacturers BU-61688F0 Datasheet HTML 8Page - List of Unclassifed Manufacturers BU-61688F0 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Data Device Corporation
www.ddc-web.com
BU-65178/65179*/61688*/61689*
K-04/05-0
TABLE 1. BU-65178/65179*/61588/61688*/61689*
SPECIFICATIONS (CONT.)
UNITS
MAX
TYP
MIN
PARAMETER
Frequency
BU-61588/61688*/65178
• Default Mode
16
• Software Programmable Option
12
BU-61689*
• Default Mode
20
• Software Programmable Option
10
BU-65179*
• Pin Programmable Option
10/12/16/20
MHz
MHz
MHz
MHz
MHz
Long Term Tolerance
• 1553A Mode
• 1553B Mode
Short Term Tolerance, 1 second
• 1553A Mode
• 1553B Mode
Duty Cycle
• 16 MHz
• 12 MHz
• 10 MHz*
• 20 MHz
%
%
%
%
%
%
%
%
0.01
0.1
0.001
0.01
67
60
60
60
33
40
40
40
THERMAL
Thermal Resistance, Junction-to-
Case, Hottest Die (
θJC)
BU-65178/61588X3*
Operating Junction Temperature
Storage Temperature
Lead Temperature (soldering, 10
sec.)
°C/W
°C
°C
°C
6.8
150
150
+300
-55
-65
PHYSICAL CHARACTERISTICS
Size
BU-65178/61588 P
BU-65179*/61688*/61689*
BU-65178/61588 F/G
BU-65179*/61688*/61689*
Weight
BU-65178/61588 F/P/G
BU-65179*/61688*/61689*
in.
(mm)
in.
(mm)
0.3
(9)
1.0 X 1.0 X 0.150
(25.4 x 25.4 x 3.81)
1.0 X 1.0 X 0.155
(25.4 x 25.4 x 3.94)
oz
(g)
Notes: Notes 1 through 6 are applicable to the Receiver Differential
Resistance and Differential Capacitance specifications:
(1) Specifications include both transmitter and receiver (tied together internally).
(2) Measurement of impedance is directly between pins TX/RX A(B)
and TX/RX A(B) of the BU-65178/61588X3 hybrid.
(3) Assuming the connection of all power and ground inputs to the hybrid.
(4) The specifications are applicable for both unpowered and powered conditions.
(5) The specifications assume a 2 volt rms balanced, differential, sinu-
soidal input. The applicable frequency range is 75 kHz to 1 MHz.
(6) Minimum resistance and maximum capacitance parameters are
guaranteed, but not tested, over the operating range.
(7) Assumes a common mode voltage within the frequency range of dc to 2
MHz, applied to pins of the isolation transformer on the stub side (either direct
or transformer coupled), referenced to hybrid ground. Use a DDC recom-
mended transformer or other transformer that provides an equivalent CMRR.
Table 1 Notes (Cont.):
(8) Typical value for minimum intermessage gap time. Under software
control, may be lengthened to (65,535
µs minus message time), in
increments of 1
µs.
(9) Software programmable (4 options). Includes RT-to-RT Timeout (Mid-
Parity of Transmit Command to Mid-Sync of Transmitting RT Status).
(10) For both +5 V logic and transceiver. +5 V for channels A and B.
(11) Measured from mid-parity crossing of Command Word to mid-sync
crossing of RT’s Status Word.
(12) External 10
µF Tantalum and 0.1 µF capacitors should be located
as close as possible to Pins 20 and 72 on the Flat Package
and Pins A9 and J3 on the PGA package, and 0.1
µF at Pin 37/D3.
(13) MIL-STD–1760 requires that the Mini-ACE produce a 20 Vp-p min-
imum output on the stub connection.


Similar Part No. - BU-61688F0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BU-6161-M-24-0 ETC2-BU-6161-M-24-0 Datasheet
65Kb / 1P
   Shrouded Banana Plug on Both Ends-Silicone
BU-6161-M-39-0 ETC2-BU-6161-M-39-0 Datasheet
65Kb / 1P
   Shrouded Banana Plug on Both Ends-Silicone
BU-6161-M-39-2 ETC2-BU-6161-M-39-2 Datasheet
65Kb / 1P
   Shrouded Banana Plug on Both Ends-Silicone
BU-6162-M-24-0 ETC2-BU-6162-M-24-0 Datasheet
65Kb / 1P
   Right Angle Shrouded Banana Plug to Shrouded Banana Plug -Silicone
BU-6162-M-39-0 ETC2-BU-6162-M-39-0 Datasheet
65Kb / 1P
   Right Angle Shrouded Banana Plug to Shrouded Banana Plug -Silicone
More results

Similar Description - BU-61688F0

ManufacturerPart #DatasheetDescription
logo
UMC Corporation
UM82450 UMC-UM82450 Datasheet
1Mb / 16P
   Asynchronous Communication Element(ACE)
UM8250B UMC-UM8250B Datasheet
1Mb / 17P
   Asynchronous Communication Element(ACE)
logo
NXP Semiconductors
SAA7348GP PHILIPS-SAA7348GP Datasheet
205Kb / 60P
   All Compact Disc Engine ACE
1997 Jul 11
logo
Sanyo Semicon Device
109P0424H3013 SANYO-109P0424H3013 Datasheet
145Kb / 5P
   San Ace 40
logo
List of Unclassifed Man...
9WS1212H101 ETC2-9WS1212H101 Datasheet
124Kb / 2P
   San Ace 120WS
logo
Sanyo Semicon Device
109P0412G601 SANYO-109P0412G601 Datasheet
125Kb / 2P
   San Ace 40
109P0412H901 SANYO-109P0412H901 Datasheet
112Kb / 2P
   San Ace 40
logo
SANYO DENKI CO., LTD.
9CT1-001 SANYODENKI-9CT1-001 Datasheet
326Kb / 4P
   San Ace Controller
logo
LIGITEK electronics co....
LG-CU3535HIRR-LSB LIGITEK-LG-CU3535HIRR-LSB Datasheet
514Kb / 15P
   ACE MOUNT LED TAPE AND REEL
logo
A1 PROs co., Ltd.
APC89 A1PROS-APC89 Datasheet
193Kb / 2P
   ACE (Digital WDR)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com