Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM240WU8-SLA2 Datasheet(PDF) 7 Page - LG Semicon Co.,Ltd.

Part # LM240WU8-SLA2
Description  24.0??WUXGA TFT LCD
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LM240WU8-SLA2 Datasheet(HTML) 7 Page - LG Semicon Co.,Ltd.

Back Button LM240WU8-SLA2 Datasheet HTML 3Page - LG Semicon Co.,Ltd. LM240WU8-SLA2 Datasheet HTML 4Page - LG Semicon Co.,Ltd. LM240WU8-SLA2 Datasheet HTML 5Page - LG Semicon Co.,Ltd. LM240WU8-SLA2 Datasheet HTML 6Page - LG Semicon Co.,Ltd. LM240WU8-SLA2 Datasheet HTML 7Page - LG Semicon Co.,Ltd. LM240WU8-SLA2 Datasheet HTML 8Page - LG Semicon Co.,Ltd. LM240WU8-SLA2 Datasheet HTML 9Page - LG Semicon Co.,Ltd. LM240WU8-SLA2 Datasheet HTML 10Page - LG Semicon Co.,Ltd. LM240WU8-SLA2 Datasheet HTML 11Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
Product Specification
LM240WU8
Liquid Crystal Display
Table 2-2 . LED Bar ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Condition
Values
Unit
Notes
Min.
Typ.
Max.
LED :
1,7
LED String Current
Is
-
110
120
mA
2,7
LED String Voltage
Vs
46.4
51.2
56.0
V
3,7
Power Consumption
PBar
-
22.5
24.6
Watt
4,6,7
LED Life Time
LED_LT
30,000
-
-
Hrs
5,7
LED driver design guide
1) The design of the LED driver must have specifications for the LED in LCD Assembly.
The performance of the LED in LCM, for example life time or brightness, is extremely influenced by
the characteristics of the LED driver.
So all the parameters of an LED driver should be carefully designed and output current should be
Constant current control.
Please control feedback current of each string individually to compensate the current variation
Ver. 0.0
Apr, 07, 2011
7 / 32
Please control feedback current of each string individually to compensate the current variation
among the strings of LEDs.
When you design or order the LED driver, please make sure unwanted lighting caused by
the mismatch of the LED and the LED driver (no lighting, flicker, etc) never occurs.
When you confirm it, the LCD module should be operated in the same condition as installed in
your instrument.
2) LGD recommend that Dimming Control Signal ( PWM Signal) is synchronized with Frame Frequency
for Wavy Noise Free.
1. Specified values are for a single LED bar.
2. The specified current is input LED chip 100% duty current.
3. The specified voltage is input LED string and Bar voltage at typical 110 mA 100% duty current.
4. The specified power consumption is input LED bar power consumption at typical 110 mA 100% duty current.
5. The life is determined as the time at which luminance of the LED is 50% compared to that of initial
value at the typical LED current on condition of continuous operating at 25 ± 2°C.
6. The LED bar power consumption shown above does not include loss of external driver.
The used LED bar current is the LED typical current.
Min Power Consumption is calculated with PBar = Vs(Min.) x Is(Typ.) x Nstring
Max Power Consumption is calculated with PBar = Vbar(Max.) x Is(Typ) x Nstring
7. LED operating DC Forward Current must not exceed LED Max Ratings at 25
±2 °C


Similar Part No. - LM240WU8-SLA2

ManufacturerPart #DatasheetDescription
logo
Shenzhen TOPWAY Technol...
LM240120BCW TOPWAY-LM240120BCW Datasheet
788Kb / 10P
   LCD Module User Manual
LM240120BFW TOPWAY-LM240120BFW Datasheet
753Kb / 12P
   LCD Module User Manual
LM240120BFW-1 TOPWAY-LM240120BFW-1 Datasheet
767Kb / 10P
   LCD Module User Manual
LM240120DCW TOPWAY-LM240120DCW Datasheet
729Kb / 10P
   LCD Module User Manual
LM240120DCW-1 TOPWAY-LM240120DCW-1 Datasheet
747Kb / 10P
   LCD Module User Manual
More results

Similar Description - LM240WU8-SLA2

ManufacturerPart #DatasheetDescription
logo
LG Semicon Co.,Ltd.
LC470EUF LG-LC470EUF Datasheet
860Kb / 40P
   47.0 WUXGA TFT LCD
LP171WU1 LG-LP171WU1 Datasheet
910Kb / 27P
   17.1 WUXGA TFT LCD
LC420DUJ LG-LC420DUJ Datasheet
1Mb / 39P
   42.0 WUXGA TFT LCD
logo
Samsung semiconductor
LTM200KT10 SAMSUNG-LTM200KT10 Datasheet
539Kb / 33P
   TFT-LCD
logo
Chi Mei Corporation.
V236H1-LE2 CHIMEI-V236H1-LE2 Datasheet
654Kb / 28P
   TFT LCD
logo
Samsung semiconductor
LTI460HA01 SAMSUNG-LTI460HA01 Datasheet
642Kb / 27P
   TFT-LCD
logo
Wuxi Youda electronics ...
3Y26 YOUDA-3Y26 Datasheet
160Kb / 7P
   TFT LCD
logo
Samsung semiconductor
LTM150XH-L01 SAMSUNG-LTM150XH-L01 Datasheet
381Kb / 35P
   TFT LCD
LTM190M2-L31 SAMSUNG-LTM190M2-L31 Datasheet
640Kb / 39P
   TFT-LCD
LTM200KT01 SAMSUNG-LTM200KT01 Datasheet
1Mb / 34P
   TFT-LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com