Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM240WU8-SLA2 Datasheet(PDF) 5 Page - LG Semicon Co.,Ltd.

Part # LM240WU8-SLA2
Description  24.0??WUXGA TFT LCD
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LM240WU8-SLA2 Datasheet(HTML) 5 Page - LG Semicon Co.,Ltd.

  LM240WU8-SLA2 Datasheet HTML 1Page - LG Semicon Co.,Ltd. LM240WU8-SLA2 Datasheet HTML 2Page - LG Semicon Co.,Ltd. LM240WU8-SLA2 Datasheet HTML 3Page - LG Semicon Co.,Ltd. LM240WU8-SLA2 Datasheet HTML 4Page - LG Semicon Co.,Ltd. LM240WU8-SLA2 Datasheet HTML 5Page - LG Semicon Co.,Ltd. LM240WU8-SLA2 Datasheet HTML 6Page - LG Semicon Co.,Ltd. LM240WU8-SLA2 Datasheet HTML 7Page - LG Semicon Co.,Ltd. LM240WU8-SLA2 Datasheet HTML 8Page - LG Semicon Co.,Ltd. LM240WU8-SLA2 Datasheet HTML 9Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
Product Specification
LM240WU8
Liquid Crystal Display
2. Absolute maximum ratings
The following are maximum values which, if exceeded, may cause faulty operation or damage
to the unit.
Note : 1. Temperature and relative humidity range are shown in the figure below.
Wet bulb temperature should be 39 °C Max, and no condensation of water.
2. Storage condition is guaranteed under packing condition
3. Storage condition is guaranteed under packing condition
Table 1. Absolute maximum ratings
Parameter
Symbol
Values
Units
Notes
Min
Max
Power Supply Input Voltage
V
LCD
-0.3
+14.0
Vdc
at 25
± 2°C
Operating Temperature
T
OP
0
50
°
C
1, 2
Storage Temperature
T
ST
-20
60
°
C
Operating Ambient Humidity
H
OP
10
90
%RH
Storage Humidity
H
ST
10
90
%RH
Ver. 0.0
Apr, 07, 2011
5 / 32
90%
10
20
30
40
50
60
70
80
0
-20
0
10
20
30
40
50
Dry Bulb Temperature [
℃]
Wet Bulb
Temperature [
℃]
Storage
Operation
10%
40%
60%
60
FIG. 2 Temperature and relative humidity


Similar Part No. - LM240WU8-SLA2

ManufacturerPart #DatasheetDescription
logo
Shenzhen TOPWAY Technol...
LM240120BCW TOPWAY-LM240120BCW Datasheet
788Kb / 10P
   LCD Module User Manual
LM240120BFW TOPWAY-LM240120BFW Datasheet
753Kb / 12P
   LCD Module User Manual
LM240120BFW-1 TOPWAY-LM240120BFW-1 Datasheet
767Kb / 10P
   LCD Module User Manual
LM240120DCW TOPWAY-LM240120DCW Datasheet
729Kb / 10P
   LCD Module User Manual
LM240120DCW-1 TOPWAY-LM240120DCW-1 Datasheet
747Kb / 10P
   LCD Module User Manual
More results

Similar Description - LM240WU8-SLA2

ManufacturerPart #DatasheetDescription
logo
LG Semicon Co.,Ltd.
LC470EUF LG-LC470EUF Datasheet
860Kb / 40P
   47.0 WUXGA TFT LCD
LP171WU1 LG-LP171WU1 Datasheet
910Kb / 27P
   17.1 WUXGA TFT LCD
LC420DUJ LG-LC420DUJ Datasheet
1Mb / 39P
   42.0 WUXGA TFT LCD
logo
Samsung semiconductor
LTM200KT10 SAMSUNG-LTM200KT10 Datasheet
539Kb / 33P
   TFT-LCD
logo
Chi Mei Corporation.
V236H1-LE2 CHIMEI-V236H1-LE2 Datasheet
654Kb / 28P
   TFT LCD
logo
Samsung semiconductor
LTI460HA01 SAMSUNG-LTI460HA01 Datasheet
642Kb / 27P
   TFT-LCD
logo
Wuxi Youda electronics ...
3Y26 YOUDA-3Y26 Datasheet
160Kb / 7P
   TFT LCD
logo
Samsung semiconductor
LTM150XH-L01 SAMSUNG-LTM150XH-L01 Datasheet
381Kb / 35P
   TFT LCD
LTM190M2-L31 SAMSUNG-LTM190M2-L31 Datasheet
640Kb / 39P
   TFT-LCD
LTM200KT01 SAMSUNG-LTM200KT01 Datasheet
1Mb / 34P
   TFT-LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com