Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1363B-133BGI Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C1363B-133BGI
Description  9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1363B-133BGI Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C1363B-133BGI Datasheet HTML 3Page - Cypress Semiconductor CY7C1363B-133BGI Datasheet HTML 4Page - Cypress Semiconductor CY7C1363B-133BGI Datasheet HTML 5Page - Cypress Semiconductor CY7C1363B-133BGI Datasheet HTML 6Page - Cypress Semiconductor CY7C1363B-133BGI Datasheet HTML 7Page - Cypress Semiconductor CY7C1363B-133BGI Datasheet HTML 8Page - Cypress Semiconductor CY7C1363B-133BGI Datasheet HTML 9Page - Cypress Semiconductor CY7C1363B-133BGI Datasheet HTML 10Page - Cypress Semiconductor CY7C1363B-133BGI Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
CY7C1361B
CY7C1363B
Document #: 38-05302 Rev. *B
Page 7 of 34
CY7C1361B–Pin Definitions
Name
TQFP
(3-Chip
Enable)
TQFP
(2-Chip
Enable)
BGA
(2-Chip
Enable)
fBGA
(3-Chip
Enable)
I/O
Description
A0, A1, A
37,36,32,33,
34,35,43,44,
45,46,47,48,
49,50,81,82,
99,100
37,36,32,33,
34,35,44,45,
46,47,48,49,
50,81,82,92,
99,100
P4,N4,A2,
C2,R2,A3,
B3,C3,T3,
T4,A5,B5,
C5,T5,A6,
B6,C6,R6
R6,P6,A2,
A10,B2,B10,
P3,P4,P8,
P9,P10,P11,
R3,R4,R8,
R9,R10,R11
Input-
Synchronous
Address Inputs used to select one of the
256K address locations. Sampled at the
rising edge of the CLK if ADSP or ADSC is
active LOW, and CE1, CE2, and CE3[2] are
sampled active. A[1:0] feed the 2-bit counter.
BWA,BWB
BWC,BWD
93,94,95,96 93,94,95,96 L5,G5,G3,
L3
B5,A5,A4,
B4
Input-
Synchronous
Byte Write Select Inputs, active LOW. Qual-
ified with BWE to conduct byte writes to the
SRAM. Sampled on the rising edge of CLK.
GW
88
88
H4
B7
Input-
Synchronous
Global Write Enable Input, active LOW.
When asserted LOW on the rising edge of
CLK, a global write is conducted (ALL bytes
are written, regardless of the values on
BW[A:D]and BWE).
CLK
89
89
K4
B6
Input-
Clock
Clock Input. Used to capture all
synchronous inputs to the device. Also used
to increment the burst counter when ADV is
asserted LOW, during a burst operation.
CE1
98
98
E4
A3
Input-
Synchronous
Chip Enable 1 Input, active LOW. Sampled
on the rising edge of CLK. Used in
conjunction with CE2 and CE3[2] to
select/deselect the device. ADSP is ignored
if CE1 is HIGH.
CE2
97
97
B2
B3
Input-
Synchronous
Chip Enable 2 Input, active HIGH.
Sampled on the rising edge of CLK. Used in
conjunction with CE1 and CE3[2] to
select/deselect the device.
CE3[2]
92
A6
Input-
Synchronous
Chip Enable 3 Input, active LOW. Sampled
on the rising edge of CLK. Used in
conjunction with CE1 and CE2 to select/
deselect the device.
OE
86
86
F4
B8
Input-
Asynchronous
Output Enable, asynchronous input,
active LOW. Controls the direction of the I/O
pins. When LOW, the I/O pins behave as
outputs. When deasserted HIGH, I/O pins
are three-stated, and act as input data pins.
OE is masked during the first clock of a read
cycle when emerging from a deselected state.
ADV
83
83
G4
A9
Input-
Synchronous
Advance Input signal, sampled on the
rising edge of CLK. When asserted, it
automatically increments the address in a
burst cycle.
ADSP
84
84
A4
B9
Input-
Synchronous
Address Strobe from Processor, sampled
on the rising edge of CLK, active LOW.
When asserted LOW, addresses presented
to the device are captured in the address
registers. A[1:0] are also loaded into the burst
counter. When ADSP and ADSC are both
asserted, only ADSP is recognized. ASDP is
ignored when CE1 is deasserted HIGH.


Similar Part No. - CY7C1363B-133BGI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1363A CYPRESS-CY7C1363A Datasheet
818Kb / 26P
   256K x 36/512K x 18 Synchronous Flow-Thru Burst SRAM
CY7C1363A-100AC CYPRESS-CY7C1363A-100AC Datasheet
818Kb / 26P
   256K x 36/512K x 18 Synchronous Flow-Thru Burst SRAM
CY7C1363A-100AI CYPRESS-CY7C1363A-100AI Datasheet
818Kb / 26P
   256K x 36/512K x 18 Synchronous Flow-Thru Burst SRAM
CY7C1363A-100AJC CYPRESS-CY7C1363A-100AJC Datasheet
818Kb / 26P
   256K x 36/512K x 18 Synchronous Flow-Thru Burst SRAM
CY7C1363A-100AJI CYPRESS-CY7C1363A-100AJI Datasheet
818Kb / 26P
   256K x 36/512K x 18 Synchronous Flow-Thru Burst SRAM
More results

Similar Description - CY7C1363B-133BGI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1361C CYPRESS-CY7C1361C_06 Datasheet
567Kb / 31P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1361C CYPRESS-CY7C1361C_09 Datasheet
517Kb / 31P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1361C_2009 CYPRESS-CY7C1361C_2009 Datasheet
1Mb / 32P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1363C CYPRESS-CY7C1363C Datasheet
476Kb / 30P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1355C CYPRESS-CY7C1355C Datasheet
497Kb / 32P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
CY7C1355C CYPRESS-CY7C1355C_06 Datasheet
504Kb / 28P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1360 CYPRESS-CY7C1360 Datasheet
895Kb / 34P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1360C CYPRESS-CY7C1360C Datasheet
423Kb / 31P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1360C CYPRESS-CY7C1360C_06 Datasheet
521Kb / 31P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1381CV25 CYPRESS-CY7C1381CV25 Datasheet
501Kb / 35P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com