Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST89V52RD2-40-I-PI Datasheet(PDF) 4 Page - Silicon Storage Technology, Inc

Part # SST89V52RD2-40-I-PI
Description  FlashFlex51 MCU
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST89V52RD2-40-I-PI Datasheet(HTML) 4 Page - Silicon Storage Technology, Inc

  SST89V52RD2-40-I-PI Datasheet HTML 1Page - Silicon Storage Technology, Inc SST89V52RD2-40-I-PI Datasheet HTML 2Page - Silicon Storage Technology, Inc SST89V52RD2-40-I-PI Datasheet HTML 3Page - Silicon Storage Technology, Inc SST89V52RD2-40-I-PI Datasheet HTML 4Page - Silicon Storage Technology, Inc SST89V52RD2-40-I-PI Datasheet HTML 5Page - Silicon Storage Technology, Inc SST89V52RD2-40-I-PI Datasheet HTML 6Page - Silicon Storage Technology, Inc SST89V52RD2-40-I-PI Datasheet HTML 7Page - Silicon Storage Technology, Inc SST89V52RD2-40-I-PI Datasheet HTML 8Page - Silicon Storage Technology, Inc SST89V52RD2-40-I-PI Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 91 page
background image
4
Preliminary Specifications
FlashFlex51 MCU
SST89E52RD2 / SST89E54RD2 / SST89E58RD2 / SST89E516RD2
SST89V52RD2 / SST89V54RD2 / SST89V58RD2 / SST89V516RD2
©2004 Silicon Storage Technology, Inc.
S71255-00-000
3/04
LIST OF FIGURES
FIGURE 2-1: Pin Assignments for 40-pin PDIP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
FIGURE 2-2: Pin Assignments for 44-lead TQFP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
FIGURE 2-3: Pin Assignments for 44-lead PLCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
FIGURE 3-1: Program Memory Organization for 8 KByte SST89E/V52RD2. . . . . . . . . . . . . . . . . . . . . . . . 11
FIGURE 3-2: Program Memory Organization for 16 KByte SST89E/V54RD2. . . . . . . . . . . . . . . . . . . . . . . 12
FIGURE 3-3: Program Memory Organization for 32 KByte SST89E/V58RD2. . . . . . . . . . . . . . . . . . . . . . . 12
FIGURE 3-4: Program Memory Organization for 64 KByte SST89E/V516RD2. . . . . . . . . . . . . . . . . . . . . . 13
FIGURE 3-5: Internal and External Data Memory Structure . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
FIGURE 3-6: Dual Data Pointer Organization . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
FIGURE 4-1: I/O Pin Assignments for External Host Mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36
FIGURE 6-1: Framing Error Block Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 45
FIGURE 6-2: UART Timings in Mode 1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 46
FIGURE 6-3: UART Timings in Modes 2 and 3 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 46
FIGURE 6-4: SPI Master-slave Interconnection. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 48
FIGURE 6-5: SPI Transfer Format with CPHA = 0. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 49
FIGURE 6-6: SPI Transfer Format with CPHA = 1. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 49
FIGURE 7-1: Block Diagram of Programmable Watchdog Timer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50
FIGURE 8-1: PCA Timer/Counter and Compare/Capture Modules . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 51
FIGURE 8-2: PCA Capture Mode. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 55
FIGURE 8-3: PCA Compare Mode (Software Timer). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 56
FIGURE 8-4: PCA High Speed Output Mode. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 57
FIGURE 8-5: PCA Pulse Width Modulator Mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 58
FIGURE 8-6: PCA Watchdog Timer (Module 4 only) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 59
FIGURE 9-1: Security Lock Levels. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60
FIGURE 10-1: Power-on Reset Circuit. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 63
FIGURE 11-1: Interrupt Structure. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 65
FIGURE 13-1: Oscillator Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 67
FIGURE 14-1: IDD vs. Frequency for 3V SST89V5xxRD2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 74
FIGURE 14-2: IDD vs. Frequency for 5V SST89E5xxRD2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 74
FIGURE 14-3: External Program Memory Read Cycle . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 77
FIGURE 14-4: External Data Memory Read Cycle . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 77
FIGURE 14-5: External Data Memory Write Cycle. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 78
FIGURE 14-6: External Clock Drive Waveform . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 78
FIGURE 14-7: Shift Register Mode Timing Waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 79
FIGURE 14-8: AC Testing Input/Output Test Waveform . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 79
FIGURE 14-9: Float Waveform . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 79
FIGURE 14-10: A Test Load Example . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 80
FIGURE 14-11: IDD Test Condition, Active Mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 80
FIGURE 14-12: IDD Test Condition, Idle Mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 80
FIGURE 14-13: IDD Test Condition, Power-down Mode. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 80
FIGURE 14-14: Read-ID . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 82


Similar Part No. - SST89V52RD2-40-I-PI

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST89V52RD2-40-I-PI SST-SST89V52RD2-40-I-PI Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89V52RD2-40-I-PIE1 SST-SST89V52RD2-40-I-PIE1 Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89V52RD2-40-I-PIF2 SST-SST89V52RD2-40-I-PIF2 Datasheet
937Kb / 81P
   FlashFlex51 MCU
More results

Similar Description - SST89V52RD2-40-I-PI

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST89E564 SST-SST89E564 Datasheet
634Kb / 58P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89C59 SST-SST89C59 Datasheet
3Mb / 45P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD_03 Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89C54 SST-SST89C54 Datasheet
413Kb / 50P
   FlashFlex51 MCU
SST89E52RD2 SST-SST89E52RD2_06 Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E52RD2-RD SST-SST89E52RD2-RD Datasheet
937Kb / 81P
   FlashFlex51 MCU
logo
Renesas Technology Corp
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
   MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
   MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com