Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

M5M51R16AWG-10L Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part No. M5M51R16AWG-10L
Description  1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

M5M51R16AWG-10L Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MITSUBISHI LSIs
1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
M5M51R16AWG -10L, -12L, -15L,
-10H, -12H, -15H
MITSUBISHI
ELECTRIC
Aug.1. 1998
FUNCTION
2
The operation mode of the M5M51R16A series are
determined by a combination of the device control
inputs S, W, OE, BC1 and BC2. Each mode is
summarized in the function table.
A write cycle is executed whenever the low level W
overlaps with the low level BC1 and/or BC2 and the
low level S. The address must be set up before the
write cycle and must be stable during the entire cycle.
The data is latched into a cell on the trailing edge of
W, BC1, BC2 or S, whichever occurs first, requiring
the set-up and hold time relative to these edge to be
maintained. The output enable input OE directly
controls the output stage. Setting the OE at a high
level, the output stage is in a high-impedance state,
and the data bus contention problem in the write cycle
is eliminated.
A read cycle is executed by setting W at a high level
and OE at a low level while BC1 and/or BC2 and S
are in an active state. (BC1 and/or BC2=L, S=L)
When setting BC1 at a high level and the other pins
are in an active state, upper-Byte are in a selectable
mode in which both reading and writing are enabled,
and lower -Byte are in a non-selectable mode. And
when setting BC2 at a high level and the other pins
are in an active state, lower-Byte are in a selectable
mode in which both reading and writing are enabled,
and upper -Byte are in a non-selectable mode.
When setting BC1 and BC2 at a high level or S at
a high level, the chips are in a non-selectable mode in
which both reading and writing are disabled.
In this mode, the output stage is in a high-impedance
state, allowing OR -tie with other chips and memory
expansion by BC1, BC2 and S. S, BC1 and BC2
control the power down feature. When S, BC1 and
BC2 go high, the power supply current is reduced as
low as the stand-by current which is specified as Icc3
or Icc4, and the memory data can be held at +1.0V
power supply, enabling battery back-up operation
during power-failure or power-down operation in the
non-selected mode.
(High-Z=High-impedance)
FUNCTION TABLE
Mode
DQ1~8 DQ9~16
Icc
Non selection
L
X
X
X
X
High-Z
X
H
H
X
X
High-Z
Stand-by
Upper-Byte Write
H
H
L
L
X
Din
Active
Upper-Byte Read
L
L
High-Z
Dout
Active
H
L
H
High-Z
Active
Lower-Byte Write
L
H
L
X
High-Z
Din
Active
Lower-Byte Read
L
H
X
High-Z
Dout
Active
L
H
H
High-Z
High-Z Stand-by
Word Write
H
L
L
L
X
Din
Word Read
L
L
L
Dout
Active
H
L
L
High-Z
High-Z
Active
Din
Dout
W OE
S
BC1 BC2
L
L
L
X
Output disable
Non selection
(Lower-Byte Non selection)
(Lower-Byte Non selection)
(Upper-Byte Non selection)
(Upper-Byte Non selection)
CLOCK
GENERATOR
65536 WORDS x16 BITS
( 512 ROWS
x 256 COLUMNS
x 8 BLOCKS )
ADDRESS
CHIP SELECT
INPUT
BC2
BC1
BYTE
CONTROL
INPUTS
WRITE CONTROL
INPUT
OUTPUT ENABLE
INPUT
DATA
INPUTS/
OUTPUTS
INPUTS
BLOCK DIAGRAM
A4 D4
A3 A4
A2 B4
A1 C4
A0 A5
A15 H5
A14 F4
A13 G4
A12 H4
A8 H2
A9 F3
A10 G3
A11 H3
A7 B3
A5 C3
A6 A3
B5
G5
A2
B2
W
OE
S
A1
B6 DQ1
C5 DQ2
C6 DQ3
D5 DQ4
E5 DQ5
F6 DQ6
F5 DQ7
G6 DQ8
G1 DQ9
F2 DQ10
F1 DQ11
E2 DQ12
D2 DQ13
C1 DQ14
C2 DQ15
B1 DQ16
E1 Vcc
E6 GND
(0V)
D1 GND
(0V)
Vcc
D6
E3 GND
(0V)


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn