Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL128102AC31-02 Datasheet(PDF) 6 Page - NEC

Part # NL128102AC31-02
Description  TFT COLOR LCD MODULE
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NL128102AC31-02 Datasheet(HTML) 6 Page - NEC

Back Button NL128102AC31-02 Datasheet HTML 2Page - NEC NL128102AC31-02 Datasheet HTML 3Page - NEC NL128102AC31-02 Datasheet HTML 4Page - NEC NL128102AC31-02 Datasheet HTML 5Page - NEC NL128102AC31-02 Datasheet HTML 6Page - NEC NL128102AC31-02 Datasheet HTML 7Page - NEC NL128102AC31-02 Datasheet HTML 8Page - NEC NL128102AC31-02 Datasheet HTML 9Page - NEC NL128102AC31-02 Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
NL128102AC31-02
SUPPLY VOLTAGE SEQUENCE
0 V
11.4 V
Tr < 80 ms
0 V
10 < t < 35 ms
Valid
VDD ON
VDD OFF
0 < t < 35 ms
VDD
Data
Notes 1. Data: pixel data and Pixel clock.
2. The supply voltage for input signals should be the same as VDD.
3. Apply VDDB within the LCD operation period. When the backlight turns on before LCD operation or the
LCD operation turns off before the backlight turns off, the display may momentarily become white.
However, 12 V for backlight should be started up within 800ms, otherwise, the protection circuit makes
the backlight turns off.
4.
When the power is off, please keep whole signals low level or high impedance.
VDDB
In case,
B R T C i s “ O pen”
80 0m s
Ti m e
V olt age
0<
BR T C
12 .0 V
10 .8 V
0<
Do not input "H" for PWSE, when VDDB is 0V or BRTC is "L".
5.
The backlight on/off signal (BRTC) should be controlled while logic signals are supplied.
6.


Similar Part No. - NL128102AC31-02

ManufacturerPart #DatasheetDescription
logo
NEC
NL128102AC23-02A NEC-NL128102AC23-02A Datasheet
279Kb / 40P
   39 cm 15.4 inches, 1280 x 1024 pixels, Full-color, Multi-scan Function Incorporated backlight with inverter
logo
GSR Technology Ltd
NL128102AC29-17 GSR-NL128102AC29-17 Datasheet
280Kb / 2P
   TFT Modules
More results

Similar Description - NL128102AC31-02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TM150XG-22L01A ETC1-TM150XG-22L01A Datasheet
612Kb / 15P
   TFT COLOR LCD MODULE
logo
AZ Displays
PM070WU1 AZDISPLAYS-PM070WU1 Datasheet
582Kb / 20P
   color TFT LCD module
PM102ZY3 AZDISPLAYS-PM102ZY3 Datasheet
793Kb / 28P
   color TFT LCD module
logo
NEC
NL6448BC20-18D NEC-NL6448BC20-18D Datasheet
354Kb / 29P
   TFT COLOR LCD MODULE
logo
AZ Displays
PD040QX2 AZDISPLAYS-PD040QX2 Datasheet
1Mb / 34P
   color TFT LCD module
logo
Purdy Electronics Corpo...
AND-TFT-35VX-LED PURDY-AND-TFT-35VX-LED Datasheet
3Mb / 6P
   TFT LCD Color Module
logo
NEC
NL6448BC33-53 NEC-NL6448BC33-53 Datasheet
253Kb / 29P
   TFT COLOR LCD MODULE
logo
List of Unclassifed Man...
TM150XG-02L02E ETC1-TM150XG-02L02E Datasheet
233Kb / 18P
   TFT COLOR LCD MODULE
TM150XG-02L02F ETC1-TM150XG-02L02F Datasheet
235Kb / 17P
   TFT COLOR LCD MODULE
TM150XG-26L07 ETC1-TM150XG-26L07 Datasheet
200Kb / 14P
   TFT COLOR LCD MODULE
V26L8060AA ETC-V26L8060AA Datasheet
295Kb / 17P
   color TFT LCD module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com