Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PKM17EW-4000 Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # PKM17EW-4000
Description  Piezoelectric Sounders External Drive Pin Type
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PKM17EW-4000 Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  PKM17EW-4000 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. PKM17EW-4000 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. PKM17EW-4000 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. PKM17EW-4000 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. PKM17EW-4000 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. PKM17EW-4000 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. PKM17EW-4000 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. PKM17EW-4000 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. PKM17EW-4000 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
12
2
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
Continued from the preceding page.
s Freq. Response (Square Wave 3Vp-p, 10cm)
PKM22EPP-4001-B0
40
50
Frequency (Hz)
100
500
1k
5k
10k
20k
60
70
80
90
100
Input Voltage : 3.00 Vp-p Square
Distance : 10cm
PKM22EPP-4005-B0
40
50
Frequency (Hz)
100
500
1k
5k
10k
20k
60
70
80
90
100
Input Voltage : 3.00 Vp-p Square
Distance : 10cm
PKM22EPP-4007-B0
50
60
Frequency (Hz)
100
500
1k
5k
10k
20k
70
80
90
100
110
Input Voltage : 3.00 Vp-p Square
Distance : 10cm
PKM22EPT-2001-B0
40
50
Frequency (Hz)
100
500
1k
5k
10k
20k
60
70
80
90
100
Input Voltage : 3.00 Vp-p Square
Distance : 10cm
PKM22EPT-4001-B0
40
50
Frequency (Hz)
100
500
1k
5k
10k
20k
60
70
80
90
100
Input Voltage : 3.00 Vp-p Square
Distance : 10cm
s Freq. Response (Sine Wave 1Vrms, 10cm)
PKM13EPY-4002-B0
40
50
Frequency (Hz)
100
500
1k
5k
10k
20k
60
70
80
90
100
Input Voltage : 1.00 Vrms Sine
Distance : 10cm
PKM17EPP-2002-B0
40
50
Frequency (Hz)
100
500
1k
5k
10k
20k
60
70
80
90
100
Input Voltage : 1.00 Vrms Sine
Distance : 10cm
Continued on the following page.
Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this PDF catalog to prevent smoking and/or burning, etc.
This catalog has only typical specifications. Therefore, you are requested to approve our product specifications or to transact the approval sheet for product specificaions before ordering.
!Note
P37E18.pdf 03.7.18


Similar Part No. - PKM17EW-4000

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PKM17EWH2001 MURATA-PKM17EWH2001 Datasheet
1Mb / 35P
   EMIFIL (Capacitor type) Single Circuit Type for Signal Lines
PKM17EWH4000 MURATA-PKM17EWH4000 Datasheet
1Mb / 35P
   EMIFIL (Capacitor type) Single Circuit Type for Signal Lines
logo
Murata Manufacturing Co...
PKM17EWH4000 MURATA1-PKM17EWH4000 Datasheet
344Kb / 3P
   Piezoelectric Sounders / Buzzers
03/07/2024
PKM17EWH4000 MURATA1-PKM17EWH4000_V01 Datasheet
344Kb / 3P
   Piezoelectric Sounders / Buzzers
03/07/2024
More results

Similar Description - PKM17EW-4000

ManufacturerPart #DatasheetDescription
logo
HOKURIKU ELECTRIC INDUS...
E2212AA HOKURIKU-E2212AA Datasheet
46Kb / 1P
   Piezoelectric Sounders
HAS-RP2-14-41-11 HOKURIKU-HAS-RP2-14-41-11 Datasheet
46Kb / 1P
   Piezoelectric Sounders
logo
Murata Manufacturing Co...
PKLCS1212E2000-R1 MURATA-PKLCS1212E2000-R1_17 Datasheet
213Kb / 3P
   Piezoelectric Sounders / Buzzers
PKM22EPH2002 MURATA-PKM22EPH2002_17 Datasheet
220Kb / 3P
   Piezoelectric Sounders / Buzzers
PKM22EPPH2002-B0 MURATA-PKM22EPPH2002-B0_17 Datasheet
217Kb / 3P
   Piezoelectric Sounders / Buzzers
PKLCS1212E2400-R1 MURATA-PKLCS1212E2400-R1 Datasheet
213Kb / 3P
   Piezoelectric Sounders / Buzzers
PKM22EPPH4002-B0 MURATA-PKM22EPPH4002-B0_17 Datasheet
218Kb / 3P
   Piezoelectric Sounders / Buzzers
PKLCS1212E4001-R1 MURATA-PKLCS1212E4001-R1 Datasheet
211Kb / 3P
   Piezoelectric Sounders / Buzzers
PKLCS1212E24A0-R1 MURATA-PKLCS1212E24A0-R1 Datasheet
213Kb / 3P
   Piezoelectric Sounders / Buzzers
PKM13EPYH4002-B0 MURATA-PKM13EPYH4002-B0_17 Datasheet
214Kb / 3P
   Piezoelectric Sounders / Buzzers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com