Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL95810 Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL95810
Description  Single Digitally Controlled Potentiometer (XDCP)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL95810 Datasheet(HTML) 4 Page - Intersil Corporation

  ISL95810 Datasheet HTML 1Page - Intersil Corporation ISL95810 Datasheet HTML 2Page - Intersil Corporation ISL95810 Datasheet HTML 3Page - Intersil Corporation ISL95810 Datasheet HTML 4Page - Intersil Corporation ISL95810 Datasheet HTML 5Page - Intersil Corporation ISL95810 Datasheet HTML 6Page - Intersil Corporation ISL95810 Datasheet HTML 7Page - Intersil Corporation ISL95810 Datasheet HTML 8Page - Intersil Corporation ISL95810 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
FN8090.1
October 7, 2005
ILkgDig
Leakage Current, at Pins SDA,
SCL, and WP Pins
Voltage at pin from GND to VCC
-10
10
µA
tDCP (Note 13)
DCP Wiper Response Time
SCL falling edge of last bit of DCP Data Byte to
wiper change
1µs
Vpor
Power-On Recall Voltage
Minimum VCC at which memory recall occurs
1.8
2.6
V
VCCRamp
VCC Ramp Rate
0.2
V/ms
tD (Note 13)
Power-Up Delay
VCC above Vpor, to DCP Initial Value Register
recall completed, and I2C Interface in standby state
3ms
EEPROM SPECIFICATIONS
EEPROM Endurance
200,000
Cycles
EEPROM Retention
Temperature
≤75°C
50
Years
SERIAL INTERFACE SPECIFICATIONS
VIL
WP, SDA, and SCL Input Buffer
LOW Voltage
-0.3
0.3*VCC
V
VIH
WP, SDA, and SCL Input Buffer
HIGH Voltage
0.7*VCC
VCC+0.3
V
Hysteresis (Note 13) SDA and SCL Input Buffer
Hysteresis
0.05*
VCC
V
VOL (Note 13)
SDA Output Buffer LOW Voltage,
Sinking 4mA
00.4
V
Cpin (Note 13)
WP, SDA, and SCL Pin
Capacitance
10
pF
fSCL
SCL Frequency
400
kHz
tIN (Note 13)
Pulse Width Suppression Time at
SDA and SCL Inputs
Any pulse narrower than the max spec is
suppressed.
50
ns
tAA (Note 13)
SCL Falling Edge to SDA Output
Data Valid
SCL falling edge crossing 30% of VCC, until SDA
exits the 30% to 70% of VCC window.
900
ns
tBUF (Note 13)
Time the Bus Must be Free Before
the Start of a New Transmission
SDA crossing 70% of VCC during a STOP
condition, to SDA crossing 70% of VCC during
the following START condition.
1300
ns
tLOW
Clock LOW Time
Measured at the 30% of VCC crossing.
1300
ns
tHIGH
Clock HIGH Time
Measured at the 70% of VCC crossing.
600
ns
tSU:STA
START Condition Setup Time
SCL rising edge to SDA falling edge. Both
crossing 70% of VCC.
600
ns
tHD:STA
START Condition Hold Time
From SDA falling edge crossing 30% of VCC to
SCL falling edge crossing 70% of VCC.
600
ns
tSU:DAT
Input Data Setup Time
From SDA exiting the 30% to 70% of VCC
window, to SCL rising edge crossing 30% of VCC
100
ns
tHD:DAT
Input Data Hold Time
From SCL rising edge crossing 70% of VCC to
SDA entering the 30% to 70% of VCC window.
0ns
tSU:STO
STOP Condition Setup Time
From SCL rising edge crossing 70% of VCC, to
SDA rising edge crossing 30% of VCC.
600
ns
tHD:STO
STOP Condition Hold Time for
Read, or Volatile Only Write
From SDA rising edge to SCL falling edge. Both
crossing 70% of VCC.
600
ns
tHD:STO:NV
STOP Condition Hold Time for
Non-Volatile Write
From SDA rising edge to SCL falling edge. Both
crossing 70% of VCC.
2µs
tDH (Note 13)
Output Data Hold Time
From SCL falling edge crossing 30% of VCC, until
SDA enters the 30% to 70% of VCC window.
0ns
tR (Note 13)
SDA and SCL Rise Time
From 30% to 70% of VCC
20 +
0.1 * Cb
250
ns
Operating Specifications Over the recommended operating conditions unless otherwise specified. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
(Note 1)
MAX
UNITS
ISL95810


Similar Part No. - ISL95810

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL95810 INTERSIL-ISL95810 Datasheet
1Mb / 13P
   Low Noise, Low Power I2C Bus, 256 Taps
ISL95810 INTERSIL-ISL95810 Datasheet
1Mb / 8P
   DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
ISL95810 RENESAS-ISL95810 Datasheet
1Mb / 13P
   Single Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power I2C Bus, 256 Taps
logo
Intersil Corporation
ISL95810UIRT8 INTERSIL-ISL95810UIRT8 Datasheet
1Mb / 13P
   Low Noise, Low Power I2C Bus, 256 Taps
logo
Renesas Technology Corp
ISL95810UIRT8 RENESAS-ISL95810UIRT8 Datasheet
1Mb / 13P
   Single Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power I2C Bus, 256 Taps
More results

Similar Description - ISL95810

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X93156 INTERSIL-X93156_07 Datasheet
190Kb / 7P
   Single Digitally Controlled Potentiometer (XDCP??
ISL22316 INTERSIL-ISL22316 Datasheet
546Kb / 15P
   Single Digitally Controlled Potentiometer XDCP
X9119 INTERSIL-X9119_08 Datasheet
287Kb / 17P
   Single Digitally-Controlled (XDCP?? Potentiometer
X9279 INTERSIL-X9279_09 Datasheet
437Kb / 18P
   Single Digitally-Controlled (XDCP?? Potentiometer
logo
Xilinx, Inc
X9119 XILINX-X9119 Datasheet
125Kb / 22P
   Single Digitally-Controlled (XDCP ??) Potentiometer
logo
Intersil Corporation
X9421 INTERSIL-X9421 Datasheet
367Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Xicor Inc.
X9279 XICOR-X9279 Datasheet
398Kb / 24P
   Single Digitally-Controlled (XDCP) Potentiometer
X9421 XICOR-X9421 Datasheet
117Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9429 INTERSIL-X9429_08 Datasheet
323Kb / 20P
   Single Digitally Controlled Potentiometer(XDCP??
X9271 INTERSIL-X9271_11 Datasheet
673Kb / 22P
   Single, Digitally Controlled (XDCP?? Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com