Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8261ABKMD-G3K-T2 Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S-8261ABKMD-G3K-T2
Description  BATTERY PROTECTION IC FOR SINGLE-CELL PACK
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8261ABKMD-G3K-T2 Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S-8261ABKMD-G3K-T2 Datasheet HTML 4Page - Seiko Instruments Inc S-8261ABKMD-G3K-T2 Datasheet HTML 5Page - Seiko Instruments Inc S-8261ABKMD-G3K-T2 Datasheet HTML 6Page - Seiko Instruments Inc S-8261ABKMD-G3K-T2 Datasheet HTML 7Page - Seiko Instruments Inc S-8261ABKMD-G3K-T2 Datasheet HTML 8Page - Seiko Instruments Inc S-8261ABKMD-G3K-T2 Datasheet HTML 9Page - Seiko Instruments Inc S-8261ABKMD-G3K-T2 Datasheet HTML 10Page - Seiko Instruments Inc S-8261ABKMD-G3K-T2 Datasheet HTML 11Page - Seiko Instruments Inc S-8261ABKMD-G3K-T2 Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
BATTERY PROTECTION IC FOR SINGLE-CELL PACK
S-8261 Series
Rev.1.9_00
Seiko Instruments Inc.
8
Absolute Maximum Ratings
Table 4
(Ta
= 25 °C unless otherwise specified)
Parameter
Symbol
Applied pin
Rating
Unit
Input voltage between VDD and VSS
*1
VDS
VDD
VSS
−0.3 to VSS +12
V
Input pin voltage for VM
VVM
VM
VDD
−28 to VDD +0.3
V
Output pin voltage for CO
VCO
CO
VVM
−0.3 to VDD+0.3
V
Output pin voltage for DO
VDO
DO
VSS
−0.3 to VDD +0.3
V
Power dissipation
SOT-23-6
PD
250
mW
6-pin SNB(B)
PD
90
mW
Operating temperature range
Topr
−40 to +85
°C
Storage temperature range
Tstg
−55 to +125
°C
Caution The absolute maximum ratings are rated values exceeding which the product could suffer
physical damage. These values must therefore not be exceeded under any conditions.
*1. Even pulse (
µs) noise exceeding the above input voltage (VSS + 12 V) may damage the IC, so do not
allow such noise to be applied.


Similar Part No. - S-8261ABKMD-G3K-T2

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8261ABKMD-G3KT2X ABLIC-S-8261ABKMD-G3KT2X Datasheet
545Kb / 33P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.5.4_03
More results

Similar Description - S-8261ABKMD-G3K-T2

ManufacturerPart #DatasheetDescription
logo
Grenergy Opto, lnc.
GB5101L GRENERGY-GB5101L Datasheet
727Kb / 13P
   Battery Protection IC for Single-cell Pack
GB5101 GRENERGY-GB5101 Datasheet
724Kb / 13P
   Battery Protection IC for Single-cell Pack
logo
E-CMOS Corporation
EC9527A E-CMOS-EC9527A Datasheet
486Kb / 13P
   Protection IC for 1-Cell Battery Pack
logo
Seiko Instruments Inc
S8240A SII-S8240A Datasheet
1Mb / 38P
   BATTERY PROTECTION IC FOR 1-CELL PACK
logo
Neotec Semiconductor Lt...
NT1715B NEOTEC-NT1715B Datasheet
250Kb / 4P
   Battery Protection IC for 1-Cell Pack
V1.13
logo
ABLIC Inc.
S-82C1F ABLIC-S-82C1F Datasheet
843Kb / 42P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.1.3_00
S-8240A ABLIC-S-8240A Datasheet
783Kb / 48P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.2.7_00
S-8250B ABLIC-S-8250B Datasheet
577Kb / 32P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.1.1_03
logo
Neotec Semiconductor Lt...
NT1713C NEOTEC-NT1713C Datasheet
283Kb / 5P
   Protection IC for 1-Cell Battery Pack
V1.1
NT1715C NEOTEC-NT1715C Datasheet
228Kb / 4P
   Battery Protection IC for 1-Cell Pack
V1.4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com