Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC08D1500CIYB Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC08D1500CIYB
Description  High Performance, Low Power, Dual 8-Bit, 1.5 GSPS A/D Converter
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC08D1500CIYB Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button ADC08D1500CIYB Datasheet HTML 3Page - National Semiconductor (TI) ADC08D1500CIYB Datasheet HTML 4Page - National Semiconductor (TI) ADC08D1500CIYB Datasheet HTML 5Page - National Semiconductor (TI) ADC08D1500CIYB Datasheet HTML 6Page - National Semiconductor (TI) ADC08D1500CIYB Datasheet HTML 7Page - National Semiconductor (TI) ADC08D1500CIYB Datasheet HTML 8Page - National Semiconductor (TI) ADC08D1500CIYB Datasheet HTML 9Page - National Semiconductor (TI) ADC08D1500CIYB Datasheet HTML 10Page - National Semiconductor (TI) ADC08D1500CIYB Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
Absolute Maximum Ratings
(Notes 1, 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
A,VDR)
2.2V
Voltage on Any Input Pin
−0.15V to (V
A
+0.15V)
Ground Difference
|GND - DR GND|
0V to 100 mV
Input Current at Any Pin (Note 3)
±25 mA
Package Input Current (Note 3)
±50 mA
Power Dissipation at T
A
≤ 85˚C
2.0 W
ESD Susceptibility (Note 4)
Human Body Model
Machine Model
2500V
250V
Soldering Temperature, Infrared,
10 seconds, (Note 5), (Applies
to standard plated package only)
235˚C
Storage Temperature
−65˚C to +150˚C
Operating Ratings (Notes 1, 2)
Ambient Temperature Range
−40˚C
≤ T
A
≤ +85˚C
Supply Voltage (V
A)
+1.8V to +2.0V
Driver Supply Voltage (V
DR)
+1.8V to V
A
Analog Input Common Mode
Voltage
V
CMO ±50mV
V
IN+, VIN- Voltage Range
(Maintaining Common Mode)
200mV to V
A
Ground Difference
(|GND - DR GND|)
0V
CLK Pins Voltage Range
0V to V
A
Differential CLK Amplitude
0.4V
P-P to 2.0VP-P
Package Thermal Resistance
Package
θ
JA
θ
JC (Top of
Package)
θ
J-PAD
(Thermal
Pad)
128-Lead
Exposed Pad
LQFP
26˚C / W
10˚C / W
2.8˚C / W
Converter Electrical Characteristics
NOTE: This product is currently in development and the parameters specified in this section are DESIGN TARGETS.
The specifications in this section cannot be guaranteed until device characterization has taken place. The following
specifications apply after calibration for V
A =VDR = +1.9VDC, OutV = 1.9V, VIN FSR (a.c. coupled) = differential 870mVP-P,CL
= 10 pF, Differential, a.c. coupled Sinewave Input Clock, f
CLK = 1.5 GHz at 0.5VP-P with 50% duty cycle, VBG = Floating, Non-
Extended Control Mode, SDR Mode, R
EXT = 3300
±0.1%, Analog Signal Source Impedance = 100Ω Differential. Boldface
limits apply for T
A =TMIN to TMAX. All other limits TA = 25˚C, unless otherwise noted. (Notes 6, 7)
Symbol
Parameter
Conditions
Typical
(Note 8)
Limits
(Note 8)
Units
(Limits)
STATIC CONVERTER CHARACTERISTICS
INL
Integral Non-Linearity (Best fit)
DC Coupled, 1MHz Sine Wave
Overanged
±0.3
±TBD
LSB (max)
DNL
Differential Non-Linearity
DC Coupled, 1MHz Sine Wave
Overanged
±0.15
±TBD
LSB (max)
Resolution with No Missing
Codes
8
Bits
V
OFF
Offset Error
-0.45
−TBD
TBD
LSB (min)
LSB (max)
V
OFF_ADJ
Input Offset Adjustment Range
Extended Control Mode
±45
mV
PFSE
Positive Full-Scale Error (Note
9)
−0.6
±TBD
mV (max)
NFSE
Negative Full-Scale Error (Note
9)
−1.31
±TBD
mV (max)
FS_ADJ
Full-Scale Adjustment Range
Extended Control Mode
±20
±15
%FS
NORMAL MODE (Non DES) DYNAMIC CONVERTER CHARACTERISTICS
FPBW
Full Power Bandwidth
Normal Mode (non DES)
1.7
GHz
B.E.R.
Bit Error Rate
10
-18
Error/Sample
Gain Flatness
d.c. to 500 MHz
±0.5
dBFS
d.c. to 1 GHz
±1.0
dBFS
ENOB
Effective Number of Bits
f
IN = 248 MHz, VIN = FSR − 0.5 dB
7.4
TBD
Bits (min)
f
IN = 498 MHz, VIN = FSR − 0.5 dB
7.4
TBD
Bits (min)
f
IN = 748 MHz, VIN = FSR − 0.5 dB
7.25
TBD
Bits (min)
www.national.com
7


Similar Part No. - ADC08D1500CIYB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC08D1500CIYB NSC-ADC08D1500CIYB Datasheet
1Mb / 40P
   High Performance, Low Power, Dual 8-Bit, 1.5 GSPS A/D Converter
logo
Texas Instruments
ADC08D1500CIYB TI1-ADC08D1500CIYB Datasheet
1Mb / 54P
[Old version datasheet]   High Performance, Low Power, Dual 8-Bit, 1.5 GSPS A/D Converter
ADC08D1500CIYB/NOPB TI1-ADC08D1500CIYB/NOPB Datasheet
1Mb / 54P
[Old version datasheet]   High Performance, Low Power, Dual 8-Bit, 1.5 GSPS A/D Converter
More results

Similar Description - ADC08D1500CIYB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC08D1500 NSC-ADC08D1500_09 Datasheet
1Mb / 40P
   High Performance, Low Power, Dual 8-Bit, 1.5 GSPS A/D Converter
logo
Texas Instruments
ADC08D1500 TI1-ADC08D1500 Datasheet
1Mb / 54P
[Old version datasheet]   High Performance, Low Power, Dual 8-Bit, 1.5 GSPS A/D Converter
logo
National Semiconductor ...
ADC081500 NSC-ADC081500_09 Datasheet
1Mb / 34P
   High Performance, Low Power, 8-Bit, 1.5 GSPS A/D Converter
logo
Texas Instruments
ADC081500 TI1-ADC081500 Datasheet
1,011Kb / 47P
[Old version datasheet]   High Performance, Low Power, 8-Bit, 1.5 GSPS A/D Converter
logo
National Semiconductor ...
ADC081500 NSC-ADC081500 Datasheet
830Kb / 28P
   High Performance, Low Power, 8-Bit, 1.5 GSPS A/D Converter
ADC081500 NSC-ADC081500_06 Datasheet
1,016Kb / 32P
   High Performance, Low Power, 8-Bit, 1.5 GSPS A/D Converter
ADC08D1000QML NSC-ADC08D1000QML Datasheet
1Mb / 44P
   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
ADC08D1000 NSC-ADC08D1000_09 Datasheet
1Mb / 40P
   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
ADC08D1000 NSC-ADC08D1000_08 Datasheet
1Mb / 40P
   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
ADC08D1000 NSC-ADC08D1000 Datasheet
822Kb / 31P
   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com