Electronic Components Datasheet Search |
|
PKM17EPP-4002-B0 Datasheet(PDF) 7 Page - Murata Manufacturing Co., Ltd. |
|
PKM17EPP-4002-B0 Datasheet(HTML) 7 Page - Murata Manufacturing Co., Ltd. |
7 / 13 page 15 3 !Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. Piezoelectric Sound Components Piezoelectric Sounders External Drive Pin Type Taping Taking advantage of extensive automatic insertion design technology and materials experience, Murata has developed standard taping type piezoelectric sounder. This Murata technology supports labor and cost saving activities. s Features 1. High and stable mountability 2. Ammo packaging 3. Minimum quantity (order in sets only): 500 pcs. 2 −φ0.5 2 −φ1.0 φ12.6 5.0 2 −φ2.5 (In : mm) Tol. : ±0.5 Part Number Sound Pressure Level (dB) Sound Pressure Level (Ref. only) (dB) Min. of Operating Voltage Range Capacitance (nF) Operating Temp. Range Storage Temp. Range PKM13EPY-4000-A0 70 min. [3Vp-p,4kHz,square wave,10cm] 70 min. [1Vrms,4kHz,sine wave,10cm] 30 Vp-p max. 5.5 ±30% [1kHz] -20 to +70 °C -30 to +80 °C s Freq. Response (Square Wave 3Vp-p, 10cm) 40 50 Frequency (Hz) 100 500 1k 5k 10k 20k 60 70 80 90 100 Input Voltage : 3.00 Vp-p Square Distance : 10cm s Freq. Response (Sine Wave 1Vrms, 10cm) 40 50 Frequency (Hz) 100 500 1k 5k 10k 20k 60 70 80 90 100 Input Voltage : 1.00 Vrms Sine Distance : 10cm Continued on the following page. Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this PDF catalog to prevent smoking and/or burning, etc. This catalog has only typical specifications. Therefore, you are requested to approve our product specifications or to transact the approval sheet for product specificaions before ordering. !Note P37E18.pdf 03.7.18 |
Similar Part No. - PKM17EPP-4002-B0 |
|
Similar Description - PKM17EPP-4002-B0 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |