Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V104 Datasheet(PDF) 11 Page - Integrated Circuit Systems

Part # V104
Description  10 BIT LVDS RECEIVER FOR VIDEO
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

V104 Datasheet(HTML) 11 Page - Integrated Circuit Systems

Back Button V104 Datasheet HTML 3Page - Integrated Circuit Systems V104 Datasheet HTML 4Page - Integrated Circuit Systems V104 Datasheet HTML 5Page - Integrated Circuit Systems V104 Datasheet HTML 6Page - Integrated Circuit Systems V104 Datasheet HTML 7Page - Integrated Circuit Systems V104 Datasheet HTML 8Page - Integrated Circuit Systems V104 Datasheet HTML 9Page - Integrated Circuit Systems V104 Datasheet HTML 10Page - Integrated Circuit Systems V104 Datasheet HTML 11Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
10 BIT LVDS RECEIVER FOR VIDEO
V104
V104 Datasheet
11
1/12/05
Revision 1.6
Integrated Circuit Systems • 525 Race St reet, San Jose, CA 95 126 • tel (408) 297-1201 • w w w. icst.com
PRELIMINARY
Package Outline and Package Dimensions (64-pin TQFP)
Package dimensions are kept current with JEDEC Publication No. 95, variation ACD.
Ordering Information
While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems (ICS) assumes no
responsibility for either its use or for the infringement of any patents or other rights of third parties, which would result from its use. No other
circuits, patents, or licenses are implied. This product is intended for use in normal commercial applications. Any other applications such as
those requiring extended temperature range, high reliability, or other extraordinary environmental requirements are not recommended without
additional processing by ICS. ICS reserves the right to change any circuitry or specifications without notice. ICS does not authorize or warrant
any ICS product for use in life support devices or critical medical instruments.
Part / Order Number
Marking
Shipping Packaging
Package
Temperature
V104YLF
V104YLF
Tubes
64-pin TQFP
0 to +70
° C
V104YLFT
V104YLF
Tape and Reel
64-pin TQFP
0 to +70
° C
SYMBOL
MIN/MAX
N64
A
-- / 1.20
A1
0.05 / 0.15
A2
0.95 / 1.05
b
0.17 / 0.27
c
0.09 / 0.20
D
12.00 BASIC
D1
10.00 BASIC
D2
7.50 Ref.
E
12.00 BASIC
E1
10.00 BASIC
E2
7.50 Ref.
e
0.50 BASIC
L
0.45 / 0.75
θ
0° / 7°
ccc
-- / 0.08
D3&E3
-
ALL DIMENSIONS ARE IN MILLIMETERS.


Similar Part No. - V104

ManufacturerPart #DatasheetDescription
logo
EPCOS
V10-A500X EPCOS-V10-A500X Datasheet
83Kb / 2P
   Surge Arrester 2-Electrode-Arrester
V10-A500X EPCOS-V10-A500X Datasheet
64Kb / 4P
   SURGE ARRESTER 2-electrode arrester
V10-H08X EPCOS-V10-H08X Datasheet
16Kb / 2P
   Surge Arrester 2-Electrode-Arrester
V10-H14X EPCOS-V10-H14X Datasheet
16Kb / 2P
   Surge Arrester 2-Electrode-Arrester
V10-H22X EPCOS-V10-H22X Datasheet
83Kb / 2P
   Surge Arrester 2-Electrode-Arrester
More results

Similar Description - V104

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
V386 ICST-V386 Datasheet
243Kb / 10P
   8-BIT LVDS RECEIVER FOR VIDEO
logo
Renesas Technology Corp
IDTVP386 RENESAS-IDTVP386 Datasheet
275Kb / 13P
   8/28-BIT LVDS RECEIVER FOR VIDEO
2019
logo
Integrated Circuit Syst...
V103A ICST-V103A Datasheet
148Kb / 11P
   TRIPLE 10-BIT LVDS TRANSMITTER FOR VIDEO
V103 ICST-V103 Datasheet
150Kb / 11P
   TRIPLE 10-BIT LVDS TRANSMITTER FOR VIDEO
logo
Renesas Technology Corp
V103A RENESAS-V103A Datasheet
391Kb / 12P
   TRIPLE 10-BIT LVDS TRANSMITTER FOR VIDEO
11/18/05
logo
Integrated Circuit Syst...
V385A ICST-V385A Datasheet
139Kb / 8P
   8-BIT LVDS TRANSMITTER FOR VIDEO
V385 ICST-V385 Datasheet
158Kb / 9P
   8-BIT LVDS TRANSMITTER FOR VIDEO
logo
Renesas Technology Corp
V385A RENESAS-V385A Datasheet
413Kb / 9P
   8-BIT LVDS TRANSMITTER FOR VIDEO
2019
logo
Maxim Integrated Produc...
MAX9235 MAXIM-MAX9235 Datasheet
128Kb / 11P
   10-Bit LVDS Serializer
Rev 0; 7/07
logo
Fairchild Semiconductor
FIN1002 FAIRCHILD-FIN1002 Datasheet
1,019Kb / 7P
   LVDS 1-Bit High Speed Differential Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com