Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AL360A Datasheet(PDF) 22 Page - AverLogic Technologies Inc

Part # AL360A
Description  Video Format Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVERLOGIC [AverLogic Technologies Inc]
Direct Link  http://www.averlogic.com
Logo AVERLOGIC - AverLogic Technologies Inc

AL360A Datasheet(HTML) 22 Page - AverLogic Technologies Inc

Back Button AL360A Datasheet HTML 17Page - AverLogic Technologies Inc AL360A Datasheet HTML 18Page - AverLogic Technologies Inc AL360A Datasheet HTML 19Page - AverLogic Technologies Inc AL360A Datasheet HTML 20Page - AverLogic Technologies Inc AL360A Datasheet HTML 21Page - AverLogic Technologies Inc AL360A Datasheet HTML 22Page - AverLogic Technologies Inc AL360A Datasheet HTML 23Page - AverLogic Technologies Inc AL360A Datasheet HTML 24Page - AverLogic Technologies Inc AL360A Datasheet HTML 25Page - AverLogic Technologies Inc  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
AL360 Datasheet Version 1.3 20170622
22
DV18_DDR current
0
mA
AV12 current
1
mA
AV12_PLL current
0
mA
Operating Current
of Normal run
mode
(720p input ,VGA DAC
1080p output, S/W
Scaler and DRAM
OSD Enable)
AV33 current
70
mA
DV33 current
100
mA
DV18_DDR current
80
mA
AV12 current
180
mA
AV12_PLL current
70
mA
TAMB
Ambient operating temperatures
0 ~ +70
°C
Tstg
Storage temperatures
-40 ~ +125
°C
5.2 Recommended Operating Conditions
Parameter
1.2V/1.8V/3.3V Rating
Unit
Min.
Typical
Max.
AV33
DAC supply voltage
+3.13
+3.3
+3.47
V
DV33
I/O supply voltage
+3.0
+3.3
+3.6
V
DV18_DDR
DDR supply voltage
+1.7
+1.8
+1.95
V
AV12
Core supply voltage
(for 148.5MHz internal clock)
+1.38
+1.4
+1.44
V
Core supply voltage
(for 121MHz internal clock)
+1.14
+1.2
+1.44
V
AV12_PLL
PLL supply voltage
(for 148.5MHz internal clock)
+1.38
+1.4
+1.44
V
Core supply voltage
(for 121MHz internal clock)
+1.14
+1.2
+1.44
VIH
High level input voltage
0.7 VD33
VD33
V
VIL
Low level input voltage
0
0.3 VD33
V
5.3 Crystal Specifications
Parameter
Rating
Unit
Frequency
27
MHz
Frequency Tolerance
±50
ppm


Similar Part No. - AL360A

ManufacturerPart #DatasheetDescription
logo
AverLogic Technologies ...
AL360A-EVB-A0 AVERLOGIC-AL360A-EVB-A0 Datasheet
1Mb / 14P
   Evaluation Board
More results

Similar Description - AL360A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FLI2300 ETC-FLI2300 Datasheet
96Kb / 2P
   DIGITAL VIDEO FORMAT CONVERTER
FLI2301 ETC-FLI2301 Datasheet
104Kb / 2P
   Digital Video Format Converter
logo
National Semiconductor ...
AVC2510 NSC-AVC2510 Datasheet
455Kb / 2P
   Dual-Channel Video Format Converter
logo
Intersil Corporation
TW8809 INTERSIL-TW8809_15 Datasheet
144Kb / 2P
   Low Cost Video Format Converter
October 14, 2014
logo
LOGIC Devices Incorpora...
LF3370 LODEV-LF3370 Datasheet
412Kb / 24P
   High-Definition Video Format Converter
logo
Renesas Technology Corp
TW8809 RENESAS-TW8809 Datasheet
213Kb / 2P
   Low Cost Video Format Converter
logo
National Semiconductor ...
AVC5000 NSC-AVC5000 Datasheet
534Kb / 3P
   Integrated Dual 3D Video Format Converter
logo
List of Unclassifed Man...
FLI2310 ETC-FLI2310 Datasheet
95Kb / 2P
   Digital Video Format Converter Product Brief
logo
National Semiconductor ...
EVL2510 NSC-EVL2510 Datasheet
536Kb / 2P
   Evaluation System for AVC2510 Dual-Channel Video Format Converter
LMH1981 NSC-LMH1981_07 Datasheet
1Mb / 16P
   Multi-Format Video Sync Separator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com