Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8261AAGMD-G2G-T2 Datasheet(PDF) 11 Page - Seiko Instruments Inc

Part # S-8261AAGMD-G2G-T2
Description  BATTERY PROTECTION IC FOR SINGLE-CELL PACK
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8261AAGMD-G2G-T2 Datasheet(HTML) 11 Page - Seiko Instruments Inc

Back Button S-8261AAGMD-G2G-T2 Datasheet HTML 7Page - Seiko Instruments Inc S-8261AAGMD-G2G-T2 Datasheet HTML 8Page - Seiko Instruments Inc S-8261AAGMD-G2G-T2 Datasheet HTML 9Page - Seiko Instruments Inc S-8261AAGMD-G2G-T2 Datasheet HTML 10Page - Seiko Instruments Inc S-8261AAGMD-G2G-T2 Datasheet HTML 11Page - Seiko Instruments Inc S-8261AAGMD-G2G-T2 Datasheet HTML 12Page - Seiko Instruments Inc S-8261AAGMD-G2G-T2 Datasheet HTML 13Page - Seiko Instruments Inc S-8261AAGMD-G2G-T2 Datasheet HTML 14Page - Seiko Instruments Inc S-8261AAGMD-G2G-T2 Datasheet HTML 15Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
BATTERY PROTECTION IC FOR SINGLE-CELL PACK
Rev.1.9_00
S-8261 Series
Seiko Instruments Inc.
11
3. Detection Delay Time
Table 7
S-8261AAG, S-8261AAH, S-8261AAJ, S-8261AAL, S-8261AAM, S-8261AAN, S-8261AAO, S-8261AAP,
S-8261AAR, S-8261AAZ, S-8261ABB, S-8261ABC, S-8261ABE, S-8261ABJ, S-8261ABK, S-8261ABM,
S-8261ABN, S-8261ABO, S-8261ABP, S-8261ABR, S-8261ABS
Parameter
Symbol
Test
condition
Remark
Min.
Typ. Max.
Unit
Test
circuit
[DELAY TIME] 25 °C
Overcharge detection delay time
tCU
9
0.96
1.2
1.4
s
5
Overdischarge detection delay time
tDL
9
115
144
173
ms
5
Overcurrent 1 detection delay time
tlOV1
10
7.2
9
11
ms
5
Overcurrent 2 detection delay time
tlOV2
10
1.8
2.24
2.7
ms
5
Load short-circuiting detection delay
time
tSHORT
10
220
320
380
µs
5
[DELAY TIME]
−40 °C to +85 °C
*1
Overcharge detection delay time
tCU
9
0.7
1.2
2.0
s
5
Overdischarge detection delay time
tDL
9
80
144
245
ms
5
Overcurrent 1 detection delay time
tlOV1
10
5
9
15
ms
5
Overcurrent 2 detection delay time
tlOV2
10
1.2
2.24
3.8
ms
5
Load short-circuiting detection delay
time
tSHORT
10
150
320
540
µs
5
*1. Since products are not screened at high and low temperatures, the specification for this temperature range
is guaranteed by design, not tested in production.
Table 8
S-8261AAS
Parameter
Symbol
Test
condition
Remark
Min.
Typ. Max.
Unit
Test
circuit
[DELAY TIME] 25 °C
Overcharge detection delay time
tCU
9
0.96
1.2
1.4
s
5
Overdischarge detection delay time
tDL
9
115
144
173
ms
5
Overcurrent 1 detection delay time
tlOV1
10
3.6
4.5
5.4
ms
5
Overcurrent 2 detection delay time
tlOV2
10
1.8
2.24
2.7
ms
5
Load short-circuiting detection delay
time
tSHORT
10
220
320
380
µs
5
[DELAY TIME]
−40 °C to +85 °C
*1
Overcharge detection delay time
tCU
9
0.7
1.2
2.0
s
5
Overdischarge detection delay time
tDL
9
80
144
245
ms
5
Overcurrent 1 detection delay time
tlOV1
10
2.5
4.5
7.7
ms
5
Overcurrent 2 detection delay time
tlOV2
10
1.2
2.24
3.8
ms
5
Load short-circuiting detection delay
time
tSHORT
10
150
320
540
µs
5
*1. Since products are not screened at high and low temperatures, the specification for this temperature range
is guaranteed by design, not tested in production.


Similar Part No. - S-8261AAGMD-G2G-T2

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8261AAGMD-G2GT2X ABLIC-S-8261AAGMD-G2GT2X Datasheet
545Kb / 33P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.5.4_03
More results

Similar Description - S-8261AAGMD-G2G-T2

ManufacturerPart #DatasheetDescription
logo
Grenergy Opto, lnc.
GB5101L GRENERGY-GB5101L Datasheet
727Kb / 13P
   Battery Protection IC for Single-cell Pack
GB5101 GRENERGY-GB5101 Datasheet
724Kb / 13P
   Battery Protection IC for Single-cell Pack
logo
E-CMOS Corporation
EC9527A E-CMOS-EC9527A Datasheet
486Kb / 13P
   Protection IC for 1-Cell Battery Pack
logo
Seiko Instruments Inc
S8240A SII-S8240A Datasheet
1Mb / 38P
   BATTERY PROTECTION IC FOR 1-CELL PACK
logo
Neotec Semiconductor Lt...
NT1715B NEOTEC-NT1715B Datasheet
250Kb / 4P
   Battery Protection IC for 1-Cell Pack
V1.13
logo
ABLIC Inc.
S-82C1F ABLIC-S-82C1F Datasheet
843Kb / 42P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.1.3_00
S-8240A ABLIC-S-8240A Datasheet
783Kb / 48P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.2.7_00
S-8250B ABLIC-S-8250B Datasheet
577Kb / 32P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.1.1_03
logo
Neotec Semiconductor Lt...
NT1713C NEOTEC-NT1713C Datasheet
283Kb / 5P
   Protection IC for 1-Cell Battery Pack
V1.1
NT1715C NEOTEC-NT1715C Datasheet
228Kb / 4P
   Battery Protection IC for 1-Cell Pack
V1.4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com