Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC-HZ12BGC Datasheet(PDF) 1 Page - DATEL, Inc.

Part # ADC-HZ12BGC
Description  Legacy Analog-to-Digital Converters
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATEL [DATEL, Inc.]
Direct Link  http://www.datel.com/
Logo DATEL - DATEL, Inc.

ADC-HZ12BGC Datasheet(HTML) 1 Page - DATEL, Inc.

  ADC-HZ12BGC Datasheet HTML 1Page - DATEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part Number ADC-HZ12BGC, Legacy Analog-to-Digital Converters
Specifications
Resolution
12 Bit
Number of Channels
1
Sampling Rate
0.125 MHz
Power Consumption
1.1 W
Differential Non-Linearity Error/Other
0.75 LSB
Integral Non-Linearity Error/Other
0.5 LSB
Input Range 1st (min)
0 V
Input Range 1st (max)
5 V
Input Range 2nd (min)
0 V
Input Range 2nd (max)
10 V
Input Range 3rd (min)
-2.5 V
Input Range 3rd (max)
2.5 V
Input Range 4th (min)
-5 V
Input Range 4th (max)
5 V
Input Range 5th (min)
-10 V
Input Range 5th (max)
10 V
Required Supply Voltage 1st
5 V
Required Supply Voltage 3rd
15 V
Required Supply Voltage 4th
-15 V
Operating Temp. Range (min)
0 ºC
Operating Temp. Range (max)
+70 ºC
RoHS
No
Status
Recommended for new design
12 Bit, 8µSec & 20µSec Analog to Digital (A/D) Converter with Programable Input. ±2.5V, ±5V, 0 to +5V, 0 to
+10V Input ranges, 0°C to +70°C temperature range.
DATEL Innovation & Excellence
DATEL | 120 Forbes Blvd., Suite 125 Mansfield, MA 02048 | Phone: +1-508-964-5131 | www.datel.com
© DATEL is a registered trademark of DATEL, Inc.
8/27/2019 | Page 1 of 1


Similar Part No. - ADC-HZ12BGC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
ADC-HZ12BGC MURATA-PS-ADC-HZ12BGC Datasheet
190Kb / 6P
   12-Bit, 8 and 20關sec Analog-to-Digital Converters
logo
DATEL, Inc.
ADC-HZ12BGC-C DATEL-ADC-HZ12BGC-C Datasheet
106Kb / 1P
   Legacy Analog-to-Digital Converters
More results

Similar Description - ADC-HZ12BGC

ManufacturerPart #DatasheetDescription
logo
DATEL, Inc.
ADC-85MM-C DATEL-ADC-85MM-C Datasheet
106Kb / 1P
   Legacy Analog-to-Digital Converters
ADC-HX883 DATEL-ADC-HX883 Datasheet
106Kb / 1P
   Legacy Analog-to-Digital Converters
ADC-HZ12BMM DATEL-ADC-HZ12BMM Datasheet
106Kb / 1P
   Legacy Analog-to-Digital Converters
ADC-85MC-C DATEL-ADC-85MC-C Datasheet
106Kb / 1P
   Legacy Analog-to-Digital Converters
ADC-HX12BMC-C DATEL-ADC-HX12BMC-C Datasheet
106Kb / 1P
   Legacy Analog-to-Digital Converters
ADC-HX12BMM DATEL-ADC-HX12BMM Datasheet
106Kb / 1P
   Legacy Analog-to-Digital Converters
ADC-HZ12BMM-C DATEL-ADC-HZ12BMM-C Datasheet
106Kb / 1P
   Legacy Analog-to-Digital Converters
ADC-HS12BME DATEL-ADC-HS12BME Datasheet
104Kb / 1P
   Legacy Analog-to-Digital Converters
ADC-HZ12BMM-QL DATEL-ADC-HZ12BMM-QL Datasheet
107Kb / 1P
   Legacy Analog-to-Digital Converters
ADC-HZ883 DATEL-ADC-HZ883 Datasheet
106Kb / 1P
   Legacy Analog-to-Digital Converters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com