Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

COSFI100V Datasheet(PDF) 2 Page - ZIEHL industrie-elektronik GmbH + Co KG

Part No. COSFI100V
Description  Active current with direction, over- and underload and cosϕ
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ZIEHL [ZIEHL industrie-elektronik GmbH + Co KG]
Homepage  https://www.ziehl.com
Logo 

COSFI100V Datasheet(HTML) 2 Page - ZIEHL industrie-elektronik GmbH + Co KG

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
68
ZIEHL industrie-elektronik, 74523 Schwäbisch Hall, Germany, +49 791 504-0, info@ziehl.de, www.ziehl.de
Phase Monitoring Type PS - Phase Asymmetry - Phase Sequence
Technical Data COSFI100V
Rated supply voltage Us
Power factor (cosj)
Hysteresis (cosj)
Nominal current of motor
Overload capacity
Input Voltage L1-L2-L3
Relay
Type of contact
Test conditions
Rated ambient Temp. Range
Dimensions (H x W x D) mm
Attachment
Protection Housing/Terminals
Weight
AC 230 V, +10%/-15%, 3VA, 50 Hz
-0,99...+0,99
0,05...0,20
0,2...10 A (higher currents with current-transfomers)
10 A continuously, 15 A max. 3 s
AC 100...400 V, 48...62 Hz
2 change-over contacts (co)
Type 2 (see "general technical informations")
see "general technical informations"
-20°C...+55°C
Design V4: 90 x 70 x 58 mm, mounting height 55 mm
on rail 35 mm according to EN 60 715 or with screws
M4 (option)
IP 30/IP 20
app. 300 g
2016-07-15


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn