Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS950703 Datasheet(PDF) 19 Page - Integrated Circuit Systems

Part # ICS950703
Description  PROGRAMMABLE TIMING CONTROL HUB FOR P4
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950703 Datasheet(HTML) 19 Page - Integrated Circuit Systems

Back Button ICS950703 Datasheet HTML 15Page - Integrated Circuit Systems ICS950703 Datasheet HTML 16Page - Integrated Circuit Systems ICS950703 Datasheet HTML 17Page - Integrated Circuit Systems ICS950703 Datasheet HTML 18Page - Integrated Circuit Systems ICS950703 Datasheet HTML 19Page - Integrated Circuit Systems ICS950703 Datasheet HTML 20Page - Integrated Circuit Systems ICS950703 Datasheet HTML 21Page - Integrated Circuit Systems ICS950703 Datasheet HTML 22Page - Integrated Circuit Systems ICS950703 Datasheet HTML 23Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
19
Integrated
Circuit
Systems, Inc.
ICS950703
0690D—05/14/04
Absolute Maximum Ratings
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.5 V
Logic Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND –0.5 V to VDD +0.5 V
Ambient Operating Temperature . . . . . . . . . . . . 0°C to +70°C
Case Temperature . . . . . . . . . . . . . . . . . . . . . . . . 115°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . –65°C to +150°C
Stresses above those listed under
Absolute Maximum Ratings may cause permanent damage to the device.These ratings are stress
specifications only and functional operation of the device at these or any other conditions above those listed in the operational
sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect product
reliability.
Electrical Characteristics - Input/Supply/Common Output Parameters
TA = 0 - 70°C; Supply Voltage VDD = 3.3 V +/-5%
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input High Voltage
VIH
2VDD + 0.3
V
Input Low Voltage
VIL
VSS - 0.3
0.8
V
IIH
VIN = VDD; Inputs with no pull-down
resistors
-200
200
µA
IIH
VIN = VDD; Inputs with pull-down resistors
5
mA
IIL1
VIN = 0 V; Inputs with no pull-up
resistors
-200
200
µA
IIL2
VIN = 0 V; Inputs with pull-up resistors
-5
mA
IDD3.3OP
CL = Full load; Select @ 100 MHz
229
230
360
mA
IDD3.3OP
CL =Full load; Select @ 133 MHz
220
233
360
mA
Powerdown Current
IDD3.3PD
IREF=5 mA
35
45
mA
Input Frequency
Fi
VDD = 3.3 V
14.318
MHz
Pin Inductance
Lpin
nH
CIN
Logic Inputs
5
pF
COUT
Output pin capacitance
6
pF
CINX
X1 & X2 pins
27
36
45
pF
Clk Stabilization
1,2
TSTAB
From PowerUp or deassertion of
PowerDown to 1st clock.
13
ms
tPZH,tPZL
Output enable delay (all outputs)
1
10
ns
tPHZ,tPLZ
Output disable delay (all outputs)
1
10
ns
1Guaranteed by design, not 100% tested in production.
2See timing diagrams for buffered and un-buffered timing requirements.
Delay
1
Input Capacitance
1
Input Low Current
Input High Current
Operating Supply
Current


Similar Part No. - ICS950703

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS950104 ICST-ICS950104 Datasheet
222Kb / 19P
   Programmable System Clock Chip for PIII Processor
ICS950104YFT ICST-ICS950104YFT Datasheet
222Kb / 19P
   Programmable System Clock Chip for PIII Processor
ICS950201 ICST-ICS950201 Datasheet
206Kb / 16P
   Programmable Timing Control Hub??for P4?
logo
Renesas Technology Corp
ICS950201 RENESAS-ICS950201 Datasheet
343Kb / 16P
   Programmable Timing Control HubTM for P4TM
01/25/10
logo
Integrated Circuit Syst...
ICS950201FLF-T ICST-ICS950201FLF-T Datasheet
206Kb / 16P
   Programmable Timing Control Hub??for P4?
More results

Similar Description - ICS950703

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS950201 ICST-ICS950201 Datasheet
206Kb / 16P
   Programmable Timing Control Hub??for P4?
ICS950910 ICST-ICS950910 Datasheet
183Kb / 20P
   Programmable Timing Control Hub for P4
logo
Integrated Device Techn...
ICS950910 IDT-ICS950910 Datasheet
218Kb / 21P
   Programmable Timing Control Hub??for P4?
logo
Integrated Circuit Solu...
ICS950220AFLFT ICSI-ICS950220AFLFT Datasheet
238Kb / 20P
   Programmable Timing Control Hub??for P4?
logo
Integrated Circuit Syst...
ICS950908 ICST-ICS950908 Datasheet
279Kb / 22P
   Programmable Timing Control Hub??for P4?
ICS950905 ICST-ICS950905 Datasheet
206Kb / 18P
   Programmable Timing Control Hub??for P4?
ICS950902 ICST-ICS950902 Datasheet
184Kb / 20P
   Programmable Timing Control Hub??for P4?
ICS950901 ICST-ICS950901 Datasheet
208Kb / 20P
   Programmable Timing Control Hub for P4
ICS950223 ICST-ICS950223 Datasheet
209Kb / 24P
   Programmable Timing Control Hub for P4
ICS950227 ICST-ICS950227 Datasheet
128Kb / 17P
   Programmable Timing Control Hub for P4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com