Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP2951ACD-3.3 Datasheet(PDF) 5 Page - ON Semiconductor

Part # LP2951ACD-3.3
Description  Micropower Voltage Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LP2951ACD-3.3 Datasheet(HTML) 5 Page - ON Semiconductor

  LP2951ACD-3.3 Datasheet HTML 1Page - ON Semiconductor LP2951ACD-3.3 Datasheet HTML 2Page - ON Semiconductor LP2951ACD-3.3 Datasheet HTML 3Page - ON Semiconductor LP2951ACD-3.3 Datasheet HTML 4Page - ON Semiconductor LP2951ACD-3.3 Datasheet HTML 5Page - ON Semiconductor LP2951ACD-3.3 Datasheet HTML 6Page - ON Semiconductor LP2951ACD-3.3 Datasheet HTML 7Page - ON Semiconductor LP2951ACD-3.3 Datasheet HTML 8Page - ON Semiconductor LP2951ACD-3.3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LP2950
http://onsemi.com
5
DEFINITIONS
Dropout Voltage – The input/output voltage differential
at which the regulator output no longer maintains regulation
against further reductions in input voltage. Measured when
the output drops 100 mV below its nominal value (which is
measured at 1.0 V differential), dropout voltage is affected
by junction temperature, load current and minimum input
supply requirements.
Line Regulation – The change in output voltage for a
change in input voltage. The measurement is made under
conditions of low dissipation or by using pulse techniques
such that average chip temperature is not significantly
affected.
Load Regulation – The change in output voltage for a
change in load current at constant chip temperature.
Maximum Power Dissipation – The maximum total
device dissipation for which the regulator will operate
within specifications.
Bias Current – Current which is used to operate the
regulator chip and is not delivered to the load.
Output Noise Voltage – The rms ac voltage at the output,
with constant load and no input ripple, measured over a
specified frequency range.
Leakage Current – Current drawn through a bipolar
transistor collector–base junction, under a specified
collector voltage, when the transistor is “off”.
Upper Threshold Voltage – Voltage applied to the
comparator input terminal, below the reference voltage
which is applied to the other comparator input terminal,
which causes the comparator output to change state from a
logic “0” to “1”.
Lower Threshold Voltage – Voltage applied to the
comparator input terminal, below the reference voltage
which is applied to the other comparator input terminal,
which causes the comparator output to change state from a
logic “1” to “0”.
Hysteresis – The difference between Lower Threshold
voltage and Upper Threshold voltage.
Figure 1. Quiescent Current
–50
5.00
0
6.0
0
250
0.1
10
TA, AMBIENT TEMPERATURE (°C)
Vin, INPUT VOLTAGE (V)
Vin, INPUT VOLTAGE (V)
IL, LOAD CURRENT (mA)
Figure 2. Dropout Characteristics
Figure 3. Input Current
Figure 4. Output Voltage versus Temperature
1.0
10
100
1.0
2.0
3.0
4.0
5.0
6.0
5.0
10
15
20
25
0
50
100
150
1.0
0.1
0.01
5.0
4.0
3.0
2.0
1.0
0
4.99
4.98
4.97
4.96
4.95
200
150
100
50
0
RL = 50 k
RL = 50 Ω
0.1 mA Load Current
No Load
LP2951C
TA = 25°C
LP2951C
200


Similar Part No. - LP2951ACD-3.3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LP2951ACD-3.3 ONSEMI-LP2951ACD-3.3 Datasheet
253Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
LP2951ACD-3.3 ONSEMI-LP2951ACD-3.3 Datasheet
253Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
LP2951ACD-3.3G ONSEMI-LP2951ACD-3.3G Datasheet
188Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2015 ??Rev. 28
LP2951ACD-3.3R2G ONSEMI-LP2951ACD-3.3R2G Datasheet
188Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2015 ??Rev. 28
More results

Similar Description - LP2951ACD-3.3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2951JAN TI1-LP2951JAN Datasheet
494Kb / 24P
[Old version datasheet]   Adjustable Micropower Voltage Regulators
logo
National Semiconductor ...
LP4950C-5V NSC-LP4950C-5V_05 Datasheet
850Kb / 14P
   Adjustable Micropower Voltage Regulators
LP2951 NSC-LP2951 Datasheet
271Kb / 16P
   ADJUSTABLE MICROPOWER VOLTAGE REGULATORS
LP4950C-5V NSC-LP4950C-5V Datasheet
436Kb / 14P
   Adjustable Micropower Voltage Regulators
LP2956A NSC-LP2956A Datasheet
654Kb / 20P
   Dual Micropower Low-Dropout Voltage Regulators
logo
Texas Instruments
TPS7225Q TI-TPS7225Q Datasheet
581Kb / 37P
[Old version datasheet]   MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
LP2951-50QDRGRQ1 TI1-LP2951-50QDRGRQ1 Datasheet
3Mb / 24P
[Old version datasheet]   ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
TPS7201Q TI-TPS7201Q_07 Datasheet
626Kb / 37P
[Old version datasheet]   MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
LP2951-33-Q1 TI1-LP2951-33-Q1 Datasheet
3Mb / 30P
[Old version datasheet]   Adjustable Micropower Voltage Regulators With Shutdown
logo
Motorola, Inc
MC78FC00 MOTOROLA-MC78FC00 Datasheet
90Kb / 4P
   MICROPOWER ULTRA.LOW QUIESCENT CURRENT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com