Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM78P156NM Datasheet(PDF) 28 Page - ELAN Microelectronics Corp

Part # EM78P156NM
Description  8-BIT MICRO-CONTROLLER
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P156NM Datasheet(HTML) 28 Page - ELAN Microelectronics Corp

Back Button EM78P156NM Datasheet HTML 24Page - ELAN Microelectronics Corp EM78P156NM Datasheet HTML 25Page - ELAN Microelectronics Corp EM78P156NM Datasheet HTML 26Page - ELAN Microelectronics Corp EM78P156NM Datasheet HTML 27Page - ELAN Microelectronics Corp EM78P156NM Datasheet HTML 28Page - ELAN Microelectronics Corp EM78P156NM Datasheet HTML 29Page - ELAN Microelectronics Corp EM78P156NM Datasheet HTML 30Page - ELAN Microelectronics Corp EM78P156NM Datasheet HTML 31Page - ELAN Microelectronics Corp EM78P156NM Datasheet HTML 32Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 58 page
background image
EM78P156N
OTP ROM
Table 10 Capacitor Selection Guide for Crystal Oscillator or Ceramic Resonator
Oscillator Type
Frequency Mode
Frequency
C1(pF)
C2(pF)
455 kHz
100~150
100~150
2.0 MHz
20~40
20~40
Ceramic Resonators
HXT
4.0 MHz
10~30
10~30
32.768kHz
25
15
100KHz
25
25
LXT
200KHz
25
25
455KHz
20~40
20~150
1.0MHz
15~30
15~30
2.0MHz
15
15
Crystal Oscillator
HXT
4.0MHz
15
15
<Note> 1. The value of capacitors (C1, C2) is for reference.
3. External RC Oscillator Mode
For some applications that do not need a very precise timing calculation, the RC oscillator (Fig. 15) offers a lot
of cost savings. Nevertheless, it should be noted that the frequency of the RC oscillator is influenced by the
supply voltage, the values of the resistor (Rext), the capacitor (Cext), and even by the operation temperature.
Moreover, the frequency also changes slightly from one chip to another due to the manufacturing process
variation.
In order to maintain a stable system frequency, the values of the Cext should not be less than 20pF, and that
the value of Rext should not be greater than 1 M ohm. If they cannot be kept in this range, the frequency is
easily affected by noise, humidity, and leakage.
The smaller the Rext in the RC oscillator, the faster its frequency will be. On the contrary, for very low Rext
values, for instance, 1 K
Ω, the oscillator becomes unstable because the NMOS cannot discharge the current of
the capacitance correctly.
Based on the above reasons, it must be kept in mind that all of the supply voltage, the operation temperature,
the components of the RC oscillator, the package types, the way the PCB is layout, will affect the system
frequency.
This specification is subject to change without prior notice.
28
07.29.2004 (V1.2)


Similar Part No. - EM78P156NM

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P156E EMC-EM78P156E Datasheet
141Kb / 28P
   8-bit microprocessor with low-power and high-speed CMOS technology
EM78P156EH EMC-EM78P156EH Datasheet
344Kb / 39P
   8-bit microprocessor with low-power and high-speed CMOS technology
EM78P156EHAS EMC-EM78P156EHAS Datasheet
344Kb / 39P
   8-bit microprocessor with low-power and high-speed CMOS technology
EM78P156EHKM EMC-EM78P156EHKM Datasheet
344Kb / 39P
   8-bit microprocessor with low-power and high-speed CMOS technology
EM78P156EHM EMC-EM78P156EHM Datasheet
344Kb / 39P
   8-bit microprocessor with low-power and high-speed CMOS technology
More results

Similar Description - EM78P156NM

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
   8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com