Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

150U80DL Datasheet(PDF) 1 Page - International Rectifier

Part # 150U80DL
Description  STANDARD RECOVERY DIODES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

150U80DL Datasheet(HTML) 1 Page - International Rectifier

  150U80DL Datasheet HTML 1Page - International Rectifier 150U80DL Datasheet HTML 2Page - International Rectifier 150U80DL Datasheet HTML 3Page - International Rectifier 150U80DL Datasheet HTML 4Page - International Rectifier 150U80DL Datasheet HTML 5Page - International Rectifier 150U80DL Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
Diffused diode
Wide current range
High voltage ratings up to 1200V
High surge current capabilities
Stud cathode and stud anode version
Hermetic metal case
Typical Applications
Welders
Power supplies
Machine tool controls
High power drives
Medium traction applications
Battery charges
Free-wheeling diodes
Major Ratings and Characteristics
I
F(AV)
150
A
@ T
C
125
°C
I
F(RMS)
235
A
I
FSM
@ 50Hz
3000
A
@ 60Hz
3140
A
I2t@ 50Hz
45
KA2s
@ 60Hz
41
KA2s
V
RRM
range
600 and 1200
V
T
J
- 40 to 180
°C
Parameters
150U(R)..
Units
case style
DO205 (DO-8)
1
STANDARD RECOVERY DIODES
150A
Stud Version
150U(R).. SERIES
Bulletin I2025 rev. C 10/02
www.irf.com


Similar Part No. - 150U80DL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
150U80DL VISHAY-150U80DL Datasheet
99Kb / 6P
   Standard Recovery Diodes (Stud Version), 150 A
Revision: 21-May-08
150U80DL VISHAY-150U80DL Datasheet
115Kb / 7P
   Standard Recovery Diodes (Stud Version), 150 A
Revision: 21-May-08
More results

Similar Description - 150U80DL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-25FR VISHAY-VS-25FR_V01 Datasheet
162Kb / 6P
   Standard Recovery Diodes, Standard Recovery Diodes,
01-Jan-2022
VS-50PFR40 VISHAY-VS-50PFR40 Datasheet
186Kb / 8P
   Standard Recovery Diodes, Standard Recovery Diodes,
Revision: 07-Apr-14
logo
International Rectifier
IRK166 IRF-IRK166 Datasheet
328Kb / 12P
   STANDARD RECOVERY DIODES
SD500N30P IRF-SD500N30P Datasheet
58Kb / 6P
   STANDARD RECOVERY DIODES
16F IRF-16F Datasheet
71Kb / 6P
   STANDARD RECOVERY DIODES
SD150N12PV IRF-SD150N12PV Datasheet
196Kb / 8P
   STANDARD RECOVERY DIODES
SD600N16PC IRF-SD600N16PC Datasheet
126Kb / 8P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
SD600R20PC VISHAY-SD600R20PC Datasheet
187Kb / 9P
   Standard Recovery Diodes
Revision: 17-Apr-08
logo
Nell Semiconductor Co.,...
D1070C NELLSEMI-D1070C Datasheet
305Kb / 7P
   Standard Recovery Diodes
logo
International Rectifier
VS-70HF140 IRF-VS-70HF140 Datasheet
106Kb / 7P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
VS-302UR60A VISHAY-VS-302UR60A Datasheet
179Kb / 8P
   Standard Recovery Diodes
Revision: 25-Nov-13
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com